Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PGA205BUG4 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # PGA205BUG4
Description  INSTRUMENTATION AMPLIFIER
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PGA205BUG4 Datasheet(HTML) 4 Page - Texas Instruments

  PGA205BUG4 Datasheet HTML 1Page - Texas Instruments PGA205BUG4 Datasheet HTML 2Page - Texas Instruments PGA205BUG4 Datasheet HTML 3Page - Texas Instruments PGA205BUG4 Datasheet HTML 4Page - Texas Instruments PGA205BUG4 Datasheet HTML 5Page - Texas Instruments PGA205BUG4 Datasheet HTML 6Page - Texas Instruments PGA205BUG4 Datasheet HTML 7Page - Texas Instruments PGA205BUG4 Datasheet HTML 8Page - Texas Instruments PGA205BUG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
4
PGA204/205
®
PACKAGE INFORMATION
PACKAGE DRAWING
MODEL
PACKAGE
NUMBER(1)
PGA204AP
16-Pin Plastic DIP
180
PGA204BP
16-Pin Plastic DIP
180
PGA204AU
SOL-16 Surface Mount
211
PGA204BU
SOL-16 Surface Mount
211
PGA205AP
16-Pin Plaseic DIP
180
PGA205BP
16-Pin Plastic DIP
180
PGA205AU
SOL-16 Surface Mount
211
PGA205BU
SOL-16 Surface Mount
211
NOTE: (1) For detailed drawing and dimension table, please see end of data
sheet, or Appendix D of Burr-Brown IC Data Book.
ABSOLUTE MAXIMUM RATINGS
Supply Voltage ..................................................................................
±18V
Analog Input Voltage Range .............................................................
±40V
Logic Input Voltage Range ..................................................................
±V
S
Output Short-Circuit (to ground) .............................................. Continuous
Operating Temperature ................................................. –40
°C to +125°C
Storage Temperature ..................................................... –40
°C to +125°C
Junction Temperature .................................................................... +150
°C
Lead Temperature (soldering –10s) .............................................. +300
°C
MODEL
GAINS
PACKAGE
TEMPERATURE RANGE
PGA204AP
1, 10, 100, 1000V/V
16-Pin Plastic DIP
–40 to +85
°C
PGA204BP
1, 10, 100, 1000V/V
16-Pin Plastic DIP
–40 to +85
°C
PGA204AU
1, 10, 100, 1000V/V
SOL-16 Surface-Mount
–40 to +85
°C
PGA204BU
1, 10, 100, 1000V/V
SOL-16 Surface-Mount
–40 to +85
°C
PGA205AP
1, 2, 4, 8V/V
16-Pin Plastic DIP
–40 to +85
°C
PGA205BP
1, 2, 4, 8V/V
16-Pin Plastic DIP
–40 to +85
°C
PGA205AU
1, 2, 4, 8V/V
SOL-16 Surface-Mount
–40 to +85
°C
PGA205BU
1, 2, 4, 8V/V
SOL-16 Surface-Mount
–40 to +85
°C
ORDERING INFORMATION


Similar Part No. - PGA205BUG4

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
PGA205BU BURR-BROWN-PGA205BU Datasheet
261Kb / 14P
   Programmable Gain INSTRUMENTATION AMPLIFIER
More results

Similar Description - PGA205BUG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PGA202 TI1-PGA202_00 Datasheet
106Kb / 11P
[Old version datasheet]   INSTRUMENTATION AMPLIFIER
logo
Exar Corporation
XR620A EXAR-XR620A Datasheet
1Mb / 15P
   Instrumentation Amplifier
logo
Texas Instruments
INA120 TI-INA120 Datasheet
128Kb / 12P
[Old version datasheet]   INSTRUMENTATION AMPLIFIER
logo
Cadeka Microcircuits LL...
CLC1200 CADEKA-CLC1200 Datasheet
1Mb / 15P
   Instrumentation Amplifier
logo
Texas Instruments
INA322 TI1-INA322_16 Datasheet
815Kb / 22P
[Old version datasheet]   INSTRUMENTATION AMPLIFIER
INA337 TI1-INA337_14 Datasheet
830Kb / 19P
[Old version datasheet]   INSTRUMENTATION AMPLIFIER
PGA206 TI1-PGA206_16 Datasheet
213Kb / 13P
[Old version datasheet]   INSTRUMENTATION AMPLIFIER
logo
Burr-Brown (TI)
ISO165 BURR-BROWN-ISO165 Datasheet
164Kb / 8P
   INSTRUMENTATION AMPLIFIER
logo
Texas Instruments
INA2141 TI1-INA2141 Datasheet
751Kb / 15P
[Old version datasheet]   INSTRUMENTATION AMPLIFIER
logo
Exar Corporation
CLC1200 EXAR-CLC1200 Datasheet
1Mb / 15P
   Instrumentation Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com