Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PGA205AP Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # PGA205AP
Description  INSTRUMENTATION AMPLIFIER
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PGA205AP Datasheet(HTML) 11 Page - Texas Instruments

Back Button PGA205AP Datasheet HTML 7Page - Texas Instruments PGA205AP Datasheet HTML 8Page - Texas Instruments PGA205AP Datasheet HTML 9Page - Texas Instruments PGA205AP Datasheet HTML 10Page - Texas Instruments PGA205AP Datasheet HTML 11Page - Texas Instruments PGA205AP Datasheet HTML 12Page - Texas Instruments PGA205AP Datasheet HTML 13Page - Texas Instruments PGA205AP Datasheet HTML 14Page - Texas Instruments PGA205AP Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
11
®
PGA204/205
A
1
A
2
A
3
12
11
10
25k
25k
25k
25k
7
PGA204
PGA205
Resistors can be substituted
for REF200. Power supply
rejection will be degraded.
Feedback
Digitally Selected
Feedback Network
6
V
O2
V+
V
O = G (VIN – VIN) + VREF
+–
OPA177
V+
10k
100
100
V–
V
REF
±10mV
Adjustment Range
Output Offset
Adjustment
5
14
16
4
V
IN
V
IN
+
15
A
1
A
0
Digital
Ground
200k
to 1M
Input Offset
Adjustment
Trim Range
≈ ±250µV
13
V+
1
V
O1
9
8
V–
Over-Voltage
Protection
Over-Voltage
Protection
100µA
1/2 REF200
100µA
1/2 REF200
1.3mA flows in the digital ground pin. It is good practice to
return digital ground through a separate connection path so
that analog ground is not affected by the digital ground
current.
The digital inputs, A0 and A1, are not latched; a change in
logic inputs immediately selects a new gain. Switching time
of the logic is approximately 1
µs. The time to respond to
gain change is effectively the time it takes the amplifier to
settle to a new output voltage in the newly selected gain (see
settling time specifications).
Many applications use an external logic latch to access gain
control data from a high speed data bus (see Figure 7). Using
an external latch isolates the high speed digital bus from
sensitive analog circuitry. Locate the latch circuitry as far as
practical from analog circuitry.
Some applications select gain of the PGA204/205 with
switches or jumpers. Figure 2 shows pull-up resistors con-
nected to assure a noise-free logic “1” when the switch,
jumper or open-collector logic is open or off. Fixed-gain
applications can connect the logic inputs directly to V+ or
V– (or other valid logic level); no resistor is required.
OFFSET VOLTAGE
Voltage offset of the PGA204/205 consists of two compo-
nents—input stage offset and output stage offset. Both
components are specified in the specification table in equa-
tion form:
VOS = VOSI + VOSO / G
(1)
where:
VOS total is the combined offset, referred to the input.
VOSI is the offset voltage of the input stage, A1 and A2.
VOSO is the offset voltage of the output difference
amplifier, A3.
VOSI and VOSO do not change with gain. The composite
offset voltage VOS changes with gain because of the gain
term in equation 1. Input stage offset dominates in high gain
(G
≥100); both sources of offset may contribute at low gain
(G=1 to 10).
OFFSET TRIMMING
Both the input and output stages are laser trimmed for very
low offset voltage and drift. Many applications require no
external offset adjustment.
Figure 3 shows an optional input offset voltage trim circuit.
This circuit should be used to adjust only the input stage
offset voltage of the PGA204/205. Do this by programming
FIGURE 2. Switch or Jumper-Selected Digital Inputs.
A
1
A
2
7
5
14
16
4
V
IN
V
IN
+
Over-Voltage
Protection
Over-Voltage
Protection
Digitally Selected
Feedback Network
15
6
9
V
O2
V
OS
Adj
Digital ground can
alternatively be connected
to V– power supply.
V+
100k
100k
Switches, jumpers
or open-collector
logic output.
FIGURE 3. Optional Offset Voltage Trim Circuit.


Similar Part No. - PGA205AP

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
PGA205AP BURR-BROWN-PGA205AP Datasheet
261Kb / 14P
   Programmable Gain INSTRUMENTATION AMPLIFIER
More results

Similar Description - PGA205AP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PGA202 TI1-PGA202_00 Datasheet
106Kb / 11P
[Old version datasheet]   INSTRUMENTATION AMPLIFIER
logo
Exar Corporation
XR620A EXAR-XR620A Datasheet
1Mb / 15P
   Instrumentation Amplifier
logo
Texas Instruments
INA120 TI-INA120 Datasheet
128Kb / 12P
[Old version datasheet]   INSTRUMENTATION AMPLIFIER
logo
Cadeka Microcircuits LL...
CLC1200 CADEKA-CLC1200 Datasheet
1Mb / 15P
   Instrumentation Amplifier
logo
Texas Instruments
INA322 TI1-INA322_16 Datasheet
815Kb / 22P
[Old version datasheet]   INSTRUMENTATION AMPLIFIER
INA337 TI1-INA337_14 Datasheet
830Kb / 19P
[Old version datasheet]   INSTRUMENTATION AMPLIFIER
PGA206 TI1-PGA206_16 Datasheet
213Kb / 13P
[Old version datasheet]   INSTRUMENTATION AMPLIFIER
logo
Burr-Brown (TI)
ISO165 BURR-BROWN-ISO165 Datasheet
164Kb / 8P
   INSTRUMENTATION AMPLIFIER
logo
Texas Instruments
INA2141 TI1-INA2141 Datasheet
751Kb / 15P
[Old version datasheet]   INSTRUMENTATION AMPLIFIER
logo
Exar Corporation
CLC1200 EXAR-CLC1200 Datasheet
1Mb / 15P
   Instrumentation Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com