Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R4000 Datasheet(PDF) 1 Page - SUNMATE electronic Co., LTD

Part # R4000
Description  HIGH VOLTAGE RECTIFIER DIODES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

R4000 Datasheet(HTML) 1 Page - SUNMATE electronic Co., LTD

  R4000 Datasheet HTML 1Page - SUNMATE electronic Co., LTD R4000 Datasheet HTML 2Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Case: DO-15,Molded Plastic
VOLTAGE RANGE: 4000 - 5000V
CURRENT: 200m
A
R4000 - R5000
5000
4000
3500
V
2800
HIGH VOLTAGE RECTIFIER DIODES
Features
Maximum Ratings and Electrical Characteristics @ TA = 25°C unless otherwise specified
Mechanical Data
Terminals: Plated Leads Solderable per
MIL-STD-202, Method 208
Polarity: Cathode Band
Mounting Position: Any
Marking: Type Number
Single phase, half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%.
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
RMS Reverse Voltage
VR(RMS)
Average Rectified Output Current
(Note 1)
@ TL = 55
IO
Non-Repetitive Peak Forward Surge Current 8.3ms
single half sine-wave superimposed on rated load
(JEDEC Method)
IFSM
@ IF = 200mA
VFM
5.0
V
Peak Reverse Leakage Current
at Rated DC Blocking Voltage
IRM
5.0
mA
Typical Junction Capacitance (Note 2)
Cj
Typical Thermal Resistance Junction to Ambient
RqJA
50
K/W
Operating and Storage Temperature Range
Tj, TSTG
-65 to +125
°C
Notes:
1. Valid provided that leads are kept at ambient temperature at a distance of 9.5mm from the case.
2. Measured at 1.0MHz and applied reverse voltage of 4.0V DC.
Unit
V
200
mA
30
A
Forward Voltage
15
pF
A
A
B
C
D
DO-15
Dim
Min
Max
A
25.40
B
5.50
7.62
C
0.686
0.889
D
2.60
3.60
All Dimensions in mm
High current capability
Low leakage current
High surge capability
Low cost
High voltage
Weight: 0.40 grams (approx.)
Characteristic
Symbol
R4000
R5000
!
!
!
!
!
!
!
!
!
!
!
!
1 of 2
www.sunmate.tw


Similar Part No. - R4000

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
R4000 RECTRON-R4000 Datasheet
19Kb / 2P
   HIGH VOLTAGE SILICON RECTIFIER (VOLTAGE RANGE 2500 to 5000 Volts CURRENT 0.2 Ampere)
logo
Leshan Radio Company
R4000 LRC-R4000 Datasheet
534Kb / 7P
   High Voltage General Purpose Plastic Rectifiers Low leakage
logo
GETAI ELECTRONICS DEVIC...
R4000 GETEDZ-R4000 Datasheet
563Kb / 2P
   High Voltage Silicon Rectifier Diode
logo
Dc Components
R4000 DCCOM-R4000 Datasheet
324Kb / 2P
   HIGH VOLTAGE SILICON RECTIFIER(4000 to 5000 Volts, 0.2 Ampere)
logo
SHENZHEN YONGERJIA INDU...
R4000 WINNERJOIN-R4000 Datasheet
152Kb / 2P
   HIGH VOLTAGE SILICON RECTIFIER
More results

Similar Description - R4000

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
HVR312 EIC-HVR312 Datasheet
15Kb / 2P
   HIGH VOLTAGE RECTIFIER DIODES
logo
SUNMATE electronic Co.,...
ESJA54-06A SUNMATE-ESJA54-06A Datasheet
217Kb / 1P
   HIGH VOLTAGE RECTIFIER DIODES
SHV-16 SUNMATE-SHV-16 Datasheet
339Kb / 1P
   HIGH VOLTAGE RECTIFIER DIODES
ESJA08-12 SUNMATE-ESJA08-12 Datasheet
395Kb / 1P
   HIGH VOLTAGE RECTIFIER DIODES
2CL69A SUNMATE-2CL69A Datasheet
206Kb / 1P
   HIGH VOLTAGE RECTIFIER DIODES
2CL79 SUNMATE-2CL79 Datasheet
213Kb / 1P
   HIGH VOLTAGE RECTIFIER DIODES
HVP-10 SUNMATE-HVP-10 Datasheet
701Kb / 1P
   HIGH VOLTAGE RECTIFIER DIODES
2CL75 SUNMATE-2CL75 Datasheet
198Kb / 1P
   HIGH VOLTAGE RECTIFIER DIODES
2CL76 SUNMATE-2CL76 Datasheet
205Kb / 1P
   HIGH VOLTAGE RECTIFIER DIODES
ESJA09-10 SUNMATE-ESJA09-10 Datasheet
388Kb / 1P
   HIGH VOLTAGE RECTIFIER DIODES
ESJA59-12A SUNMATE-ESJA59-12A Datasheet
214Kb / 1P
   HIGH VOLTAGE RECTIFIER DIODES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com