Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PGA204BPG4 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # PGA204BPG4
Description  INSTRUMENTATION AMPLIFIER
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PGA204BPG4 Datasheet(HTML) 7 Page - Texas Instruments

Back Button PGA204BPG4 Datasheet HTML 3Page - Texas Instruments PGA204BPG4 Datasheet HTML 4Page - Texas Instruments PGA204BPG4 Datasheet HTML 5Page - Texas Instruments PGA204BPG4 Datasheet HTML 6Page - Texas Instruments PGA204BPG4 Datasheet HTML 7Page - Texas Instruments PGA204BPG4 Datasheet HTML 8Page - Texas Instruments PGA204BPG4 Datasheet HTML 9Page - Texas Instruments PGA204BPG4 Datasheet HTML 10Page - Texas Instruments PGA204BPG4 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
7
®
PGA204/205
TYPICAL PERFORMANCE CURVES (CONT)
At TA = +25°C, and VS = ±15V, unless otherwise noted.
INPUT-REFERRED
OFFSET VOLTAGE WARM-UP vs TIME
Time from Power Supply Turn-on (s)
0
6
4
2
0
–2
–4
–6
15
30
45
60
75
90
105
120
G 100
>
INPUT BIAS AND INPUT OFFSET CURRENT
vs TEMPERATURE
Temperature (°C)
–75
2
1
0
–1
–2
–25
25
75
100
125
±I
B
I
OS
–50
0
50
INPUT BIAS CURRENT
vs DIFFERENTIAL INPUT VOLTAGE
Differential Overload Voltage (V)
–45
3
2
1
0
–1
–2
–3
–30
–15
0
15
30
45
G = 1
G = 10
G = 100, 1k
INPUT BIAS CURRENT
vs COMMON-MODE INPUT VOLTAGE
–45
3
2
1
0
–1
–2
–3
–30
–15
0
15
30
45
|I
b1| + |Ib2|
Common-Mode Voltage (V)
Over-Voltage
Protection
One Input
Both Inputs
Both Inputs
One Input
Over-Voltage
Protection
Normal
Operation
MAXIMUM OUTPUT VOLTAGE vs FREQUENCY
10
32
28
24
20
16
12
8
4
0
100
10k
1M
Frequency (Hz)
100k
1k
G
≤ 10
SLEW RATE vs TEMPERATURE
–75
1.0
0.8
0.6
0.4
0.2
0
125
Temperature (°C)
–50
–25
0
25
50
75
100
G=8 or 10


Similar Part No. - PGA204BPG4

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
PGA204BP BURR-BROWN-PGA204BP Datasheet
261Kb / 14P
   Programmable Gain INSTRUMENTATION AMPLIFIER
More results

Similar Description - PGA204BPG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PGA202 TI1-PGA202_00 Datasheet
106Kb / 11P
[Old version datasheet]   INSTRUMENTATION AMPLIFIER
logo
Exar Corporation
XR620A EXAR-XR620A Datasheet
1Mb / 15P
   Instrumentation Amplifier
logo
Texas Instruments
INA120 TI-INA120 Datasheet
128Kb / 12P
[Old version datasheet]   INSTRUMENTATION AMPLIFIER
logo
Cadeka Microcircuits LL...
CLC1200 CADEKA-CLC1200 Datasheet
1Mb / 15P
   Instrumentation Amplifier
logo
Texas Instruments
INA322 TI1-INA322_16 Datasheet
815Kb / 22P
[Old version datasheet]   INSTRUMENTATION AMPLIFIER
INA337 TI1-INA337_14 Datasheet
830Kb / 19P
[Old version datasheet]   INSTRUMENTATION AMPLIFIER
PGA206 TI1-PGA206_16 Datasheet
213Kb / 13P
[Old version datasheet]   INSTRUMENTATION AMPLIFIER
logo
Burr-Brown (TI)
ISO165 BURR-BROWN-ISO165 Datasheet
164Kb / 8P
   INSTRUMENTATION AMPLIFIER
logo
Texas Instruments
INA2141 TI1-INA2141 Datasheet
751Kb / 15P
[Old version datasheet]   INSTRUMENTATION AMPLIFIER
logo
Exar Corporation
CLC1200 EXAR-CLC1200 Datasheet
1Mb / 15P
   Instrumentation Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com