Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMH2190 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # LMH2190
Description  LMH2190 Quad Channel 27 MHz Clock Tree Driver with I2C Interface
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMH2190 Datasheet(HTML) 8 Page - Texas Instruments

Back Button LMH2190 Datasheet HTML 4Page - Texas Instruments LMH2190 Datasheet HTML 5Page - Texas Instruments LMH2190 Datasheet HTML 6Page - Texas Instruments LMH2190 Datasheet HTML 7Page - Texas Instruments LMH2190 Datasheet HTML 8Page - Texas Instruments LMH2190 Datasheet HTML 9Page - Texas Instruments LMH2190 Datasheet HTML 10Page - Texas Instruments LMH2190 Datasheet HTML 11Page - Texas Instruments LMH2190 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
SCLK_IN
CLK_REQx
50%
tSET
50%
CLKx
CLK_DC
80%
20%
80%
20%
tRISE
tFALL
50%
SCLK_REQ
CLK_REQx
50%
50%
50%
50%
tpLH
tpHL
CLK1
CLK2
SCLK_IN
50%
50%
50%
50%
50%
50%
tpLH
tpHL
Skew
Skew
LMH2190
SNAS473H – JUNE 2009 – REVISED MAY 2013
www.ti.com
TIMING WAVEFORMS
Figure 1. Clock Output Timing Waveforms
Figure 2. Clock Request Timing Waveforms
Figure 3. Rise / Fall Time and Duty Cycle Waveform for Clock Outputs
Figure 4. Setup Time from SCLK_IN to CLK_REQ
8
Submit Documentation Feedback
Copyright © 2009–2013, Texas Instruments Incorporated
Product Folder Links: LMH2190


Similar Part No. - LMH2190

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMH2190 NSC-LMH2190 Datasheet
570Kb / 24P
   Quad Channel 27 MHz Clock Tree Driver with I2C Interface
LMH2190TM-38 NSC-LMH2190TM-38 Datasheet
570Kb / 24P
   Quad Channel 27 MHz Clock Tree Driver with I2C Interface
LMH2190TMX-38 NSC-LMH2190TMX-38 Datasheet
570Kb / 24P
   Quad Channel 27 MHz Clock Tree Driver with I2C Interface
More results

Similar Description - LMH2190

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMH2190 NSC-LMH2190 Datasheet
570Kb / 24P
   Quad Channel 27 MHz Clock Tree Driver with I2C Interface
logo
Texas Instruments
LMH2191 TI1-LMH2191 Datasheet
876Kb / 20P
[Old version datasheet]   LMH2191 Dual Channel 52 MHz Clock Tree Driver
logo
National Semiconductor ...
LMH2191 NSC-LMH2191 Datasheet
1Mb / 10P
   Evaluation Board for the Dual Channel 52 MHz Clock Tree Driver
logo
Cypress Semiconductor
CY24488 CYPRESS-CY24488 Datasheet
292Kb / 15P
   Quad PLL Clock Generator with Serial Interface (I2C)
CY2VC511 CYPRESS-CY2VC511 Datasheet
225Kb / 7P
   27 MHz Clock Generator with VCXO
logo
Catalyst Semiconductor
CAT3626 CATALYST-CAT3626 Datasheet
807Kb / 14P
   6-Channel LED Driver with I2C Interface
logo
Maxim Integrated Produc...
MAX14521E MAXIM-MAX14521E_15 Datasheet
1Mb / 21P
   Quad, High-Voltage EL Lamp Driver with I2C Interface
Rev 2; 1/15
logo
ON Semiconductor
CAT3626 ONSEMI-CAT3626 Datasheet
192Kb / 16P
   6-Channel LED Driver with I2C Interface
March, 2010 ??Rev. 5
logo
Catalyst Semiconductor
CAT3626 CATALYST-CAT3626_08 Datasheet
256Kb / 15P
   6-Channel LED Driver with I2C??Interface
logo
Maxim Integrated Produc...
MAX14521E MAXIM-MAX14521E Datasheet
403Kb / 20P
   Quad, High-Voltage EL Lamp Driver with I2C Interface
Rev 0; 2/09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com