Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LPS3008-103MR Datasheet(PDF) 1 Page - Coilcraft lnc.

Part # LPS3008-103MR
Description  Shielded Power Inductors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

LPS3008-103MR Datasheet(HTML) 1 Page - Coilcraft lnc.

  LPS3008-103MR Datasheet HTML 1Page - Coilcraft lnc. LPS3008-103MR Datasheet HTML 2Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
US
UK
Taiwan
China
Singapore
+1-847-639-6400 sales@coilcraft.com
+44-1236-730595 sales@coilcraft-europe.com
+886-2-2264 3646 sales@coilcraft.com.tw
+86-21-6218 8074 sales@coilcraft.com.cn
+ 65-6484 8412 sales@coilcraft.com.sg
© Coilcraft Inc. 2016
This product may not be used in medical or high
risk applications without prior Coilcraft approval.
Specification subject to change without notice.
Please check web site for latest information.
Shielded Power Inductors – LPS3008
Document 438-1
Document 438-1 Revised 09/01/15
DCR
SRF
Isat (A)5
Irms (A)6
Inductance2 max3
typ4
10% 20% 30%
20°C 40°C
Part number1 ±20% (µH) (Ohms) (MHz) drop drop drop
rise rise
LPS3008-561MR_
0.56
0.072
330
1.8
2.0
2.1
1.4
2.0
LPS3008-801MR_
0.80
0.092
255
1.6
1.7
1.8
1.1
1.6
LPS3008-102MR_
1.0
0.125
220
1.3
1.4
1.5
0.90 1.3
LPS3008-152MR_
1.5
0.134
170
1.1
1.3
1.3
0.87 1.2
LPS3008-222MR_
2.2
0.175
150
1.0
1.1
1.1
0.85 1.1
LPS3008-332MR_
3.3
0.285
114
0.81
0.86
0.88
0.74 0.95
LPS3008-472MR_
4.7
0.350
87
0.68
0.73
0.74
0.68 0.80
LPS3008-562MR_
5.6
0.450
78
0.62
0.67
0.70
0.58 0.73
LPS3008-682MR_
6.8
0.500
75
0.58
0.61
0.63
0.50 0.67
LPS3008-822MR_
8.2
0.600
61
0.52
0.56
0.58
0.45 0.60
LPS3008-103MR_
10
0.650
56
0.46
0.51
0.52
0.42 0.56
LPS3008-123MR_
12
0.790
49
0.45
0.48
0.50
0.38 0.50
LPS3008-183MR_
18
1.25
38
0.35
0.38
0.40
0.33 0.44
LPS3008-223MR_
22
1.50
35
0.29
0.33
0.34
0.29 0.38
LPS3008-333MR_
33
2.30
23
0.27
0.30
0.31
0.25 0.32
LPS3008-473MR_
47
3.00
21
0.22
0.23
0.24
0.21 0.27
LPS3008-683MR_
68
4.75
18
0.18
0.19
0.20
0.175 0.23
LPS3008-104MR_ 100
6.85
14
0.15
0.16
0.16
0.160 0.21
LPS3008-124MR_ 120
7.00
13
0.084 0.094 0.10
0.140 0.190
LPS3008-154MR_ 150
8.00
11
0.080 0.088 0.092 0.130 0.175
LPS3008-184MR_ 180
9.00
10
0.070 0.078 0.082 0.120 0.160
1. Please specify
termination and packaging codes:
LPS3008-104MRC
Termination: R= RoHS compliant matte tin over
nickel over silver.
Special order, added cost:
Q = RoHS tin-silver-copper (95.5/4/0.5)
or
P = non-RoHS tin-lead (63/37).
Packaging: C= 7
″ machine-ready reel. EIA-481
embossed plastic tape (1000 parts
per full reel).
B= Less than full reel. In tape, but not
machine ready. To have a leader
and trailer added ($25 charge), use
code letter C instead.
D= 13
″ machine-ready reel. EIA-481
embossed plastic tape. Factory
order only, not stocked (3500 parts
per full reel).
2. Inductance tested at 100 kHz, 0.1 Vrms using an
Agilent/HP 4192A. Inductance at 1 MHz is the same
for parts with SRF
≥10 MHz.
3. DCR measured on a micro-ohmmeter.
4. SRF measured using an Agilent/HP 8753ES or
equivalent.
5. DC current at 25°C that causes the specified in-
ductance drop from its value without current. lick for
temperature derating information.
6. Current that causes the specified temperature rise
from 25°C ambient. This information is for reference
only and does not represent absolute maximum rat-
ings. Click for temperature derating information.
7. Electrical specifications at 25°C.
Refer to Doc 362 “Soldering Surface Mount Compo-
nents” before soldering.
Core material Ferrite
Core and winding loss See www.coilcraft.com/coreloss
Environmental RoHS compliant, halogen free
Terminations RoHS compliant matte tin over nickel over silver.
Other terminations available at additional cost.
Weight 22 – 25 mg
Ambient temperature –40°C to +85°C with (40°C rise)
Irms current.
Maximum part temperature +125°C (ambient + temp rise). Derating.
Storage temperature Component: –40°C to +125°C.
Tape and reel packaging: –40°C to +80°C
Resistance to soldering heat Max three 40 second reflows at
+260°C, parts cooled to room temperature between cycles
Moisture Sensitivity Level (MSL) 1 (unlimited floor life at <30°C /
85% relative humidity)
Failures in Time (FIT) / Mean Time Between Failures (MTBF)
38 per billion hours / 26,315,789 hours, calculated per Telcordia SR-332
Packaging 1000/7
″ reel; 3500/13″ reel; Plastic tape: 12 mm wide,
0.23 mm thick, 8 mm pocket spacing, 1.37 mm pocket depth
Recommended pick and place nozzle OD: 3 mm; ID:
≤ 1.5 mm
PCB washing Tested to MIL-STD-202 Method 215 plus an additional
aqueous wash. See Doc787_PCB_Washing.pdf.
• Very low DCR; excellent current handling
• Only 0.8 mm tall; 3.0 × 3.0 mm footprint
Coilcraft
Designer’s Kit C392 contains samples of 0.80 µH to 33 µH parts (3 each)
from LPS3008, LPS3010 and LPS3015.
Kit C401 contains samples of 0.56 µH to
33 µH parts (3 each) from LPS4012 and LPS4018.
Kit C402 contains samples of
220 µH to 3300 µH parts (3 each) from all five series. For details of kit contents and
to order, contact Coilcraft or visit
http://order.coilcraft.com.


Similar Part No. - LPS3008-103MR

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
LPS3008-103MR COILCRAFT-LPS3008-103MR Datasheet
145Kb / 2P
   Shielded Power Inductors ??LPS3008
LPS3008-103MR COILCRAFT-LPS3008-103MR Datasheet
145Kb / 2P
   Shielded Power Inductors ??LPS3008
More results

Similar Description - LPS3008-103MR

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CTCDRH2D11H CT-CTCDRH2D11H Datasheet
176Kb / 1P
   Power Inductors - Shielded
CTCDRH4D18 CT-CTCDRH4D18 Datasheet
199Kb / 1P
   Power Inductors - Shielded
CT916CYF CT-CT916CYF Datasheet
162Kb / 1P
   Power Inductors - Shielded
CT918CYF CT-CT918CYF Datasheet
163Kb / 1P
   Power Inductors - Shielded
CT960AWF CT-CT960AWF Datasheet
445Kb / 1P
   Power Inductors - Shielded
CTCDRH8D43 CT-CTCDRH8D43 Datasheet
176Kb / 1P
   Power Inductors - Shielded
CTCDRH74 CT-CTCDRH74 Datasheet
201Kb / 1P
   Power Inductors - Shielded
CTDS5022 CT-CTDS5022 Datasheet
229Kb / 1P
   Power Inductors - Shielded
logo
Coilcraft lnc.
LPS3314 COILCRAFT-LPS3314 Datasheet
205Kb / 2P
   Shielded Power Inductors
LPS4012-331ML COILCRAFT-LPS4012-331ML Datasheet
212Kb / 2P
   Shielded Power Inductors
LPS5030-901ML COILCRAFT-LPS5030-901ML Datasheet
210Kb / 2P
   Shielded Power Inductors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com