Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMH6401 Datasheet(PDF) 11 Page - Texas Instruments

Part # LMH6401
Description  LMH6401 DC to 4.5 GHz, Fully-Differential, Digital Variable-Gain Amplifier
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMH6401 Datasheet(HTML) 11 Page - Texas Instruments

Back Button LMH6401_16 Datasheet HTML 7Page - Texas Instruments LMH6401_16 Datasheet HTML 8Page - Texas Instruments LMH6401_16 Datasheet HTML 9Page - Texas Instruments LMH6401_16 Datasheet HTML 10Page - Texas Instruments LMH6401_16 Datasheet HTML 11Page - Texas Instruments LMH6401_16 Datasheet HTML 12Page - Texas Instruments LMH6401_16 Datasheet HTML 13Page - Texas Instruments LMH6401_16 Datasheet HTML 14Page - Texas Instruments LMH6401_16 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 48 page
background image
Temperature (°C)
-45
-25
-5
15
35
55
75
90
-90
-80
-70
-60
-50
-40
-30
-20
D009
Gain = 26dB
Gain = 14dB
Gain = 2dB
Temperature (°C)
-45
-25
-5
15
35
55
75
90
-90
-80
-70
-60
-50
-40
-30
-20
D010
Gain = 26dB
Gain = 14dB
Gain = 2dB
Voltage Gain (dB)
-6 -4 -2
0
2
4
6
8 10 12 14 16 18 20 22 24 26
-90
-80
-70
-60
-50
-40
-30
D001
HD2
HD3
Differential Output Voltage Swing (V)
1
2
3
4
5
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
D002
HD2
HD3
Frequency (MHz)
10
100
1000
2000
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
D005
-40°C
25°C
85°C
Frequency (MHz)
10
100
1000
2000
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
D006
-40°C
25°C
85°C
LMH6401
www.ti.com
SBOS730A – APRIL 2015 – REVISED MAY 2015
Typical Characteristics (continued)
At TA = 25°C, VS– = –2.5 V, VS+ = 2.5 V, VOCM = 0 V, RLOAD = 200-Ω differential (Ro(internal, diff) = 20 Ω), VO = 2 VPPD, and AV
= 26 dB, unless otherwise noted. Differential input and output, and input and output pins referenced to mid-supply, unless
otherwise noted. Measured using an EVM as discussed in the Parameter Measurement Information section.
Figure 13. Second-Order Harmonic Distortion vs Frequency
Figure 14. Third-Order Harmonic Distortion vs Frequency
f = 500 MHz
f = 500 MHz
Figure 15. Harmonic Distortion vs Gain Settings
Figure 16. Harmonic Distortion vs Differential VPP
f = 500 MHz
f = 500 MHz
Figure 17. Second-Order Harmonic Distortion vs
Figure 18. Third-Order Harmonic Distortion vs
Temperature
Temperature
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LMH6401


Similar Part No. - LMH6401_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMH6401 TI-LMH6401 Datasheet
2Mb / 48P
[Old version datasheet]   LMH6401 DC to 4.5 GHz, Fully-Differential, Digital Variable-Gain Amplifier
More results

Similar Description - LMH6401_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMH6401 TI-LMH6401 Datasheet
2Mb / 48P
[Old version datasheet]   LMH6401 DC to 4.5 GHz, Fully-Differential, Digital Variable-Gain Amplifier
LMH2832 TI1-LMH2832 Datasheet
1Mb / 46P
[Old version datasheet]   LMH2832 Fully Differential, Dual, 1.1-GHz, Digital Variable-Gain Amplifier
THS7530 TI-THS7530 Datasheet
200Kb / 16P
[Old version datasheet]   HIGH-SPEED, FULLY DIFFERENTIAL, CONTINUOUSLY VARIABLE GAIN AMPLIFIER
logo
National Semiconductor ...
THS7530 NSC-THS7530 Datasheet
899Kb / 24P
   HIGH-SPEED, FULLY DIFFERENTIAL, CONTINUOUSLY VARIABLE GAIN AMPLIFIER
logo
TriQuint Semiconductor
TQM8M9076 TRIQUINT-TQM8M9076_15 Datasheet
335Kb / 8P
   0.05 to 4 GHz Digital Variable Gain Amplifier
TQM8M9077 TRIQUINT-TQM8M9077_15 Datasheet
451Kb / 8P
   0.05 to 4 GHz Digital Variable Gain Amplifier
TQM8M9075 TRIQUINT-TQM8M9075 Datasheet
771Kb / 8P
   0.05?? GHz Digital Variable Gain Amplifier
logo
NXP Semiconductors
TDA9901 NXP-TDA9901 Datasheet
102Kb / 18P
   Wideband differential digital controlled variable gain amplifier
Rev. 04-14 August 2008
TDA9901 PHILIPS-TDA9901 Datasheet
90Kb / 20P
   Wideband differential digital controlled variable gain amplifier
1999 Oct 08
logo
STMicroelectronics
TS652 STMICROELECTRONICS-TS652 Datasheet
74Kb / 9P
   DIFFERENTIAL VARIABLE GAIN AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com