Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMH6504 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # LMH6504
Description  LMH6504 Wideband, Low Power, Variable Gain Amplifier
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMH6504 Datasheet(HTML) 9 Page - Texas Instruments

Back Button LMH6504 Datasheet HTML 5Page - Texas Instruments LMH6504 Datasheet HTML 6Page - Texas Instruments LMH6504 Datasheet HTML 7Page - Texas Instruments LMH6504 Datasheet HTML 8Page - Texas Instruments LMH6504 Datasheet HTML 9Page - Texas Instruments LMH6504 Datasheet HTML 10Page - Texas Instruments LMH6504 Datasheet HTML 11Page - Texas Instruments LMH6504 Datasheet HTML 12Page - Texas Instruments LMH6504 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 29 page
background image
1
100
100k
10
100
10000
100000
1M
1k
10
10M
FREQUENCY (Hz)
10k
1000
VG_MAX
VG_MID
VG_MIN
AVMAX = 100
RF = 2.4 k:
RG = 22:
RSOURCE = 50:
1
1k
1M
10k
100
10M
FREQUENCY (Hz)
100k
10
10
100
1000
10000
VG_MAX
VG_MID
VG_MIN
AVMAX = 2
RG = 510:
RSOURCE = 50:
OFFSET VOLTAGE (mV)
-60
60
-50 -40 -30 -20 -10 0 10 20 30 40 50
26
0
24
22
20
18
16
14
12
10
8
6
4
2
1
100
100k
1M
1k
10
10M
FREQUENCY (Hz)
10k
10
100
1000
10000
VG_MAX
VG_MID
VG_MIN
RSOURCE - 50:
0
0.5
1
1.5
2
2.5
VG (V)
0
5
10
15
20
25
30
85°C
85°C
-40°C
25°C
VG (V)
0
0.5
1
1.5
2
2.5
0
5
10
15
20
25
30
25°C
85°C
-40°C
25°C
LMH6504
www.ti.com
SNOSA96D – NOVEMBER 2003 – REVISED MARCH 2013
Typical Performance Characteristics (continued)
Unless otherwise specified: VS = ±5V, TA = 25°C, VG = VGMAX, RF = 1 kΩ, RG = 100Ω, VIN = 0.1V, input terminated in 50Ω. RL
= 100
Ω, Typical values.
Output Offset Voltage vs. VG (Typical Unit #2)
Output Offset Voltage vs. VG (Typical Unit #3)
Figure 21.
Figure 22.
Distribution of Output Offset Voltage
Output Noise Density vs. Frequency
Figure 23.
Figure 24.
Output Noise Density vs. Frequency
Output Noise Density vs. Frequency
Figure 25.
Figure 26.
Copyright © 2003–2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LMH6504


Similar Part No. - LMH6504

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMH6504 NSC-LMH6504 Datasheet
759Kb / 19P
   Wideband, Low Power, Variable Gain Amplifier
logo
Texas Instruments
LMH6504 TI1-LMH6504 Datasheet
1Mb / 29P
[Old version datasheet]   Wideband, Low Power, Variable Gain Amplifier
logo
National Semiconductor ...
LMH6504MA NSC-LMH6504MA Datasheet
759Kb / 19P
   Wideband, Low Power, Variable Gain Amplifier
LMH6504MAX NSC-LMH6504MAX Datasheet
759Kb / 19P
   Wideband, Low Power, Variable Gain Amplifier
LMH6504MM NSC-LMH6504MM Datasheet
759Kb / 19P
   Wideband, Low Power, Variable Gain Amplifier
More results

Similar Description - LMH6504

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMH6504 TI1-LMH6504_14 Datasheet
1Mb / 29P
[Old version datasheet]   Wideband, Low Power, Variable Gain Amplifier
logo
National Semiconductor ...
LMH6504 NSC-LMH6504 Datasheet
759Kb / 19P
   Wideband, Low Power, Variable Gain Amplifier
LMH6503 NSC-LMH6503 Datasheet
1,009Kb / 20P
   Wideband, Low Power, Linear Variable Gain Amplifier
CLC522 NSC-CLC522 Datasheet
281Kb / 8P
   Wideband Variable-Gain Amplifier
logo
NXP Semiconductors
NE5209 PHILIPS-NE5209 Datasheet
306Kb / 15P
   Wideband variable gain amplifier
1990 Aug 20
SA5209 PHILIPS-SA5209 Datasheet
202Kb / 17P
   Wideband variable gain amplifier
1997 Nov 07
SA5219 PHILIPS-SA5219 Datasheet
236Kb / 18P
   Wideband variable gain amplifier
1997 Nov 07
logo
Texas Instruments
LMH6503MAX TI-LMH6503MAX Datasheet
1Mb / 33P
[Old version datasheet]   LMH6503 Wideband, Low Power, Linear Variable Gain Amplifier
LMH6503 TI1-LMH6503 Datasheet
1Mb / 33P
[Old version datasheet]   LMH6503 Wideband, Low Power, Linear Variable Gain Amplifier
LMH6503MT TI-LMH6503MT Datasheet
1Mb / 33P
[Old version datasheet]   LMH6503 Wideband, Low Power, Linear Variable Gain Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com