Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LPS4414-105MR Datasheet(PDF) 2 Page - Coilcraft lnc.

Part # LPS4414-105MR
Description  Shielded Power Inductors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

LPS4414-105MR Datasheet(HTML) 2 Page - Coilcraft lnc.

  LPS4414-105MR Datasheet HTML 1Page - Coilcraft lnc. LPS4414-105MR Datasheet HTML 2Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Shielded Power Inductors–LPS4414 Series
Document 548-2
Typical L vs Current
0.1
1
10
1000
100
0.01
0.1
110
Current (A)
1 µH
10 µH
3.3 µH
33 µH
330 µH
100 µH
Typical L vs Frequency
0.1
1
10
1000
100
0.01
0.1
110
Frequency (MHz)
1 µH
10 µH
3.3 µH
33 µH
330 µH
100 µH
Document 548-2 Revised 08/24/15
Dimensions are in
inches
mm
Dimensions are of the case not including
the termination. For maximum overall
dimensions including the termination, add
0.005 in/ 0,13 mm.
For optional tin-lead and tin-silver-copper
terminations, dimensions are for the
mounted part. Dimensions before mounting
can be an additional 0.005 inch/ 0,13 mm).
*
0.169 ±0.004
4,30 ±0,10
0.169 ±0.004
4,30 ±0,10
0.059
1,50
Winding
direction
Dash
number
0.0551
1,40 max
Internal
code
XXXX
0.185
4,70
0.118
3,00
0.128
3,25
0.059
1,50
0.185
4,70
0.055
1,40
Recommended
Land Pattern
0.118
3,00
0.124
3,15
0.030
0,75 typ
typ
0.030
0,75
*
*
*
Packaging 1000/7
″ reel; 3500/13″ reel Plastic tape: 12 mm wide,
0.3 mm thick, 8 mm pocket spacing, 1.52 mm pocket depth
NOTE NEW PART ORIENTATION Parts are rotated 90° in the
packaging tape compared to previous versions of this product.
NEW
OLD
123
123
123


Similar Part No. - LPS4414-105MR

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
LPS4414-105MR COILCRAFT-LPS4414-105MR Datasheet
153Kb / 2P
   Shielded Power Inductors ??LPS4414
LPS4414-105MR COILCRAFT-LPS4414-105MR Datasheet
153Kb / 2P
   Shielded Power Inductors ??LPS4414
More results

Similar Description - LPS4414-105MR

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CTCDRH2D11H CT-CTCDRH2D11H Datasheet
176Kb / 1P
   Power Inductors - Shielded
CTCDRH4D18 CT-CTCDRH4D18 Datasheet
199Kb / 1P
   Power Inductors - Shielded
CT916CYF CT-CT916CYF Datasheet
162Kb / 1P
   Power Inductors - Shielded
CT918CYF CT-CT918CYF Datasheet
163Kb / 1P
   Power Inductors - Shielded
CT960AWF CT-CT960AWF Datasheet
445Kb / 1P
   Power Inductors - Shielded
CTCDRH8D43 CT-CTCDRH8D43 Datasheet
176Kb / 1P
   Power Inductors - Shielded
CTCDRH74 CT-CTCDRH74 Datasheet
201Kb / 1P
   Power Inductors - Shielded
CTDS5022 CT-CTDS5022 Datasheet
229Kb / 1P
   Power Inductors - Shielded
logo
Coilcraft lnc.
LPS3314 COILCRAFT-LPS3314 Datasheet
205Kb / 2P
   Shielded Power Inductors
LPS4012-331ML COILCRAFT-LPS4012-331ML Datasheet
212Kb / 2P
   Shielded Power Inductors
LPS5030-901ML COILCRAFT-LPS5030-901ML Datasheet
210Kb / 2P
   Shielded Power Inductors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com