Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SER1590-102ML Datasheet(PDF) 2 Page - Coilcraft lnc.

Part # SER1590-102ML
Description  Shielded Power Inductors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

SER1590-102ML Datasheet(HTML) 2 Page - Coilcraft lnc.

  SER1590-102ML Datasheet HTML 1Page - Coilcraft lnc. SER1590-102ML Datasheet HTML 2Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Shielded Power Inductors – SER1590 Series
Document 289-2 Revised 009/10/15
Document 289 -2
A
B
C
max
max
max
D
E
F
G
H
0.62
0.64
0.40
0.10
0.23
0.09 0.260±0.006 0.45
15,75 16,26
10,16
2,54
5,84
2,29
6,60 ±0,15
11,43
A
D
D
E
F*
H
I
B
Recommended Land Pattern
P
K
J
KK
L
N
O
Q
M
G
12
3
C
0.004/0,102
*F = Width of flat area on winding
CL
I
J
K
L
M
N
O
P
Q
0.08
0.10
0.15
0.18
0.35
0.25
0.035
0.16
0.15
2,03
2,54
3,81
4,57
8,89
6,35
0,89
4,06
3,81
Temperature Rise vs Current
70
60
50
40
30
20
0
10
Current (Arms)
5
02030
25
15
10
35
45
40
0.30 µH
0.90 µH
0.50 µH
0.60 µH
0.80 µH
1.0 µH
1.2 µH
1.5 µH
0.68 µH
L vs Frequency
L vs Current
0
1.2
1.0
1.4
1.6
0.8
0.6
0.4
0.2
0.1
1
10
Frequency (MHz)
1.0 µH
0.68 µH
0.90 µH
0.80 µH
0.60 µH
0.50 µH
0.30 µH
1.2 µH
1.5 µH
1
2
3
Caution:
Terminal 3 is provided for mounting stability only.
This terminal is connected to the winding of the
inductor and must not be connected to ground
or any circuitry.
Dimensions are in inches
mm
0
1.0
1.2
1.4
1.6
0.8
0.6
0.4
0.2
0.1
1
100
10
Current (A)
1.0 µH
1.2 µH
1.5 µH
0.90 µH
0.80 µH
0.60 µH
0.50 µH
0.68 µH
0.30 µH


Similar Part No. - SER1590-102ML

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
SER1590-102ML COILCRAFT-SER1590-102ML Datasheet
210Kb / 2P
   SMT Power Inductor
SER1590-102MLB COILCRAFT-SER1590-102MLB Datasheet
200Kb / 1P
   Kit Contents for C366, SER1590 High Current Power Inductors 9 values, 4 of each
SER1590-102MLB COILCRAFT-SER1590-102MLB Datasheet
212Kb / 2P
   Shielded Power Inductors - SER1590
SER1590-102MLD COILCRAFT-SER1590-102MLD Datasheet
212Kb / 2P
   Shielded Power Inductors - SER1590
More results

Similar Description - SER1590-102ML

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CTCDRH2D11H CT-CTCDRH2D11H Datasheet
176Kb / 1P
   Power Inductors - Shielded
CTCDRH4D18 CT-CTCDRH4D18 Datasheet
199Kb / 1P
   Power Inductors - Shielded
CT916CYF CT-CT916CYF Datasheet
162Kb / 1P
   Power Inductors - Shielded
CT918CYF CT-CT918CYF Datasheet
163Kb / 1P
   Power Inductors - Shielded
CT960AWF CT-CT960AWF Datasheet
445Kb / 1P
   Power Inductors - Shielded
CTCDRH8D43 CT-CTCDRH8D43 Datasheet
176Kb / 1P
   Power Inductors - Shielded
CTCDRH74 CT-CTCDRH74 Datasheet
201Kb / 1P
   Power Inductors - Shielded
CTDS5022 CT-CTDS5022 Datasheet
229Kb / 1P
   Power Inductors - Shielded
logo
Coilcraft lnc.
LPS3314 COILCRAFT-LPS3314 Datasheet
205Kb / 2P
   Shielded Power Inductors
LPS4012-331ML COILCRAFT-LPS4012-331ML Datasheet
212Kb / 2P
   Shielded Power Inductors
LPS5030-901ML COILCRAFT-LPS5030-901ML Datasheet
210Kb / 2P
   Shielded Power Inductors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com