Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS1691 Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DS1691
Description  (RS-422/RS-423) Line Drivers with TRI-STATE Outputs
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS1691 Datasheet(HTML) 6 Page - National Semiconductor (TI)

Back Button DS1691 Datasheet HTML 2Page - National Semiconductor (TI) DS1691 Datasheet HTML 3Page - National Semiconductor (TI) DS1691 Datasheet HTML 4Page - National Semiconductor (TI) DS1691 Datasheet HTML 5Page - National Semiconductor (TI) DS1691 Datasheet HTML 6Page - National Semiconductor (TI) DS1691 Datasheet HTML 7Page - National Semiconductor (TI) DS1691 Datasheet HTML 8Page - National Semiconductor (TI) DS1691 Datasheet HTML 9Page - National Semiconductor (TI) DS1691 Datasheet HTML 10Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Switching Waveforms
Truth Table
Operation
Inputs
Outputs
Mode
A (D)
B (C)
A (D)
B (C)
RS-422
0
0
0
0
1
0
0
1
TRI-STATE
TRI-STATE
010
1
0
0
1
1
TRI-STATE
TRI-STATE
RS-423
1
0
0
0
0
101
0
1
110
1
0
111
1
1
Typical Application Information
Fully Loaded RS-422 Interface
00578313
RS-422 Point to Point Application
00578314
00578311
FIGURE 5. Typical Output Voltage
www.national.com
6


Similar Part No. - DS1691

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1691 DALLAS-DS1691 Datasheet
46Kb / 5P
   3 Volt/5 Volt Serialized Real Time Clock with NV RAM Control
DS1691 DALLAS-DS1691 Datasheet
395Kb / 6P
   3V/5V Serialized Real-Time Clocks with NV RAM Control
logo
Maxim Integrated Produc...
DS1691 MAXIM-DS1691 Datasheet
99Kb / 3P
   3V/5V Serialized Real-Time Clocks with NV RAM Control
REV: 112205
logo
Texas Instruments
DS1691A TI1-DS1691A Datasheet
1,000Kb / 15P
[Old version datasheet]   Line Drivers with TRI-STATE Outputs
More results

Similar Description - DS1691

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP306 SIPEX-SP306 Datasheet
74Kb / 6P
   RS-422/RS-423 Line Drivers/Receivers
logo
National Semiconductor ...
DS3486 NSC-DS3486_07 Datasheet
255Kb / 8P
   Quad RS-422, RS-423 Line Receiver
DS3486 NSC-DS3486 Datasheet
139Kb / 6P
   Quad RS-422, RS-423 Line Receiver
logo
Texas Instruments
DS3486MX TI1-DS3486MX Datasheet
767Kb / 12P
[Old version datasheet]   DS3486 Quad RS-422, RS-423 Line Receiver
logo
Exar Corporation
ST26C32 EXAR-ST26C32 Datasheet
70Kb / 8P
   QUAD RS-422, RS-423 CMOS Differential Line Receiver
logo
Sipex Corporation
SP304 SIPEX-SP304 Datasheet
143Kb / 12P
   RS-232/RS-422 Line Drivers/Receivers
SP301 SIPEX-SP301 Datasheet
186Kb / 18P
   RS-232/RS-422 Line Drivers/Receivers
SP486 SIPEX-SP486 Datasheet
83Kb / 7P
   Quad RS-485/RS-422 Line Drivers
SP486 SIPEX-SP486 Datasheet
83Kb / 7P
   Quad RS-485/RS-422 Line Drivers
logo
Exar Corporation
SP486CT-L EXAR-SP486CT-L Datasheet
452Kb / 9P
   Quad RS-485/RS-422 Line Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com