Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XFL3012-103ME Datasheet(PDF) 4 Page - Coilcraft lnc.

Part # XFL3012-103ME
Description  Shielded Power Inductors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

XFL3012-103ME Datasheet(HTML) 4 Page - Coilcraft lnc.

  XFL3012-103ME Datasheet HTML 1Page - Coilcraft lnc. XFL3012-103ME Datasheet HTML 2Page - Coilcraft lnc. XFL3012-103ME Datasheet HTML 3Page - Coilcraft lnc. XFL3012-103ME Datasheet HTML 4Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Shielded Power Inductor – XFL3012
Document 747-4
Document 747-4 Revised 09/01/15
0
20
10
30
40
50
Current (A)
33 µH
0
0.05
0.10
0.15
0.20
0.35
0.30
0.40
0.45 0.50
0.25
0
20
10
30
40
50
Current (A)
39 µH
0
0.05
0.10
0.15
0.20
0.35
0.30
0.40
0.45 0.50
0.25
0
10
20
30
40
50
60
Current (A)
47 µH
0
0.05
0.10
0.15
0.20
0.25
0.30
0.40
0.35
0
20
40
60
80
Current (A)
56 µH
0
0.05
0.10
0.15
0.20
0.25
0.30
0.40
0.35
0
20
40
60
100
80
Current (A)
68 µH
0
0.05
0.10
0.15
0.20
0.25
0.30
0.40
0.35
0
20
40
60
80
100
120
Current (A)
82 µH
0
0.05
0.10
0.15
0.20
0.25
0.30
0.35
L vs Current
0
50
100
150
Current (A)
100 µH
0
0.05
0.10
0.15
0.20
0.25
0.30
0.35
0
100
50
150
200
250
300
Current (A)
220 µH
0
0.05
0.10
0.15
0.20
0.25


Similar Part No. - XFL3012-103ME

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
XFL3012-103ME COILCRAFT-XFL3012-103ME Datasheet
232Kb / 4P
   Shielded Power Inductor
XFL3012-103MEB COILCRAFT-XFL3012-103MEB Datasheet
201Kb / 4P
   Shielded Power Inductor ??XFL3012
XFL3012-103MEC COILCRAFT-XFL3012-103MEC Datasheet
201Kb / 4P
   Shielded Power Inductor ??XFL3012
XFL3012-103MED COILCRAFT-XFL3012-103MED Datasheet
201Kb / 4P
   Shielded Power Inductor ??XFL3012
More results

Similar Description - XFL3012-103ME

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CTCDRH2D11H CT-CTCDRH2D11H Datasheet
176Kb / 1P
   Power Inductors - Shielded
CTCDRH4D18 CT-CTCDRH4D18 Datasheet
199Kb / 1P
   Power Inductors - Shielded
CT916CYF CT-CT916CYF Datasheet
162Kb / 1P
   Power Inductors - Shielded
CT918CYF CT-CT918CYF Datasheet
163Kb / 1P
   Power Inductors - Shielded
CT960AWF CT-CT960AWF Datasheet
445Kb / 1P
   Power Inductors - Shielded
CTCDRH8D43 CT-CTCDRH8D43 Datasheet
176Kb / 1P
   Power Inductors - Shielded
CTCDRH74 CT-CTCDRH74 Datasheet
201Kb / 1P
   Power Inductors - Shielded
CTDS5022 CT-CTDS5022 Datasheet
229Kb / 1P
   Power Inductors - Shielded
logo
Coilcraft lnc.
LPS3314 COILCRAFT-LPS3314 Datasheet
205Kb / 2P
   Shielded Power Inductors
LPS4012-331ML COILCRAFT-LPS4012-331ML Datasheet
212Kb / 2P
   Shielded Power Inductors
LPS5030-901ML COILCRAFT-LPS5030-901ML Datasheet
210Kb / 2P
   Shielded Power Inductors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com