Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XAL1350-132-E Datasheet(PDF) 1 Page - Coilcraft lnc.

Part # XAL1350-132-E
Description  Shielded Power Inductors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

XAL1350-132-E Datasheet(HTML) 1 Page - Coilcraft lnc.

  XAL1350-132-E Datasheet HTML 1Page - Coilcraft lnc. XAL1350-132-E Datasheet HTML 2Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
These parts are preproduction products for electrical evaluation only.
Specification subject to change without notice.
US
UK
Taiwan
China
Singapore
+1-847-639-6400 sales@coilcraft.com
+44-1236-730595 sales@coilcraft-europe.com
+886-2-2264 3646 sales@coilcraft.com.tw
+86-21-6218 8074 sales@coilcraft.com.cn
+ 65-6484 8412 sales@coilcraft.com.sg
© Coilcraft Inc. 2016
This product may not be used in medical or high
risk applications without prior Coilcraft approval.
Specification subject to change without notice.
Please check web site for latest information.
Shielded Power Inductors–XAL1350
Document 1032-1
Document 1032-1 Revised 07/13/16
Core material Composite
Environmental RoHS compliant, halogen free
Terminations RoHS compliant tin-silver over copper. Other terminations
available at additional cost.
Weight 4.5 – 4.9 g
Ambient temperature –40°C to +125°C with (40°C rise)
Irms current.
Maximum part temperature +165°C (ambient + temp rise). Derating.
Storage temperature Component: –40°C to +165°C.
Tape and reel packaging: –40°C to +80°C
Resistance to soldering heat Max three 40 second reflows at
+260°C, parts cooled to room temperature between cycles
Moisture Sensitivity Level (MSL) 1 (unlimited floor life at <30°C /
85% relative humidity)
Failures in Time (FIT) / Mean Time Between Failures (MTBF)
38 per billion hours / 26,315,789 hours, calculated per Telcordia SR-332
Packaging 400/13
″ reel Plastic tape: 24 mm wide, 0.3 mm thick,
20 mm pocket spacing, 5.2 mm pocket depth
PCB washing Tested to MIL-STD-202 Method 215 plus an additional
aqueous wash. See Doc787_PCB_Washing.pdf.
• High current and very low DCR
• Soft saturation makes them ideal for VRM/VRD applications.
DCR
SRF
Irms (A)6
Inductance2
Percent
(mOhms)3
typ4
Isat5
20°C
40°C
Part number1
(µH)
tolerance
typ
max
(MHz)
(A)
rise
rise
XAL1350-631_E_
0.63
30,20
1.50
1.70
50
74
28
38
XAL1350-931_E_
0.93
30,20
2.00
2.20
42
60
25
33
XAL1350-132_E_
1.3
30,20
2.50
2.70
33
56
23
32
XAL1350-222_E_
2.2
30,20
4.16
4.80
23
46
19
24
XAL1350-302_E_
3.0
30,20
5.86
6.80
19
37
16
21
1. When ordering, please specify
tolerance and packaging codes:
XAL1350-302NED
Tolerance: N = 30%, M = 20% (Table above shows stock tolerances in bold.)
Packaging: D = 13
″ machine-ready reel. EIA-481 embossed plastic tape (400 parts per full reel).
B = Less than full reel. In tape, but not machine ready. To have a leader and trailer added
($25 charge), use code letter D instead.
2. Inductance tested at 100 kHz, 0.1 Vrms, 0 Adc.
3. DCR measured on a micro-ohmmeter.
4. SRF measured using an Agilent/HP 4395A or equivalent.
5. DC current at which the inductance drops 30% (typ) from its value without current.
6. Current that causes the specified temperature rise from 25°C ambient.
7. Electrical specifications at 25°C.
Refer to Doc 362 “Soldering Surface Mount Components” before soldering.
Irms Testing
Irms testing was performed on
0.75 inch wide × 0.25 inch thick
copper traces in still air.
Temperature rise is highly
dependent on many factors
including pcb land pattern,
trace size, and proximity to
other components. Therefore
temperature rise should be
verified in application conditions.


Similar Part No. - XAL1350-132-E

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
XAL1010 COILCRAFT-XAL1010 Datasheet
199Kb / 4P
   High Temperature Shielded Power Inductors
XAL1010-102ME COILCRAFT-XAL1010-102ME Datasheet
199Kb / 4P
   High Temperature Shielded Power Inductors
XAL1010-103ME COILCRAFT-XAL1010-103ME Datasheet
199Kb / 4P
   High Temperature Shielded Power Inductors
XAL1010-152ME COILCRAFT-XAL1010-152ME Datasheet
199Kb / 4P
   High Temperature Shielded Power Inductors
logo
Microchip Technology
XAL1010-152MEB MICROCHIP-XAL1010-152MEB Datasheet
899Kb / 44P
   High-Speed Synchronous Buck Controller
2012
More results

Similar Description - XAL1350-132-E

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CTCDRH2D11H CT-CTCDRH2D11H Datasheet
176Kb / 1P
   Power Inductors - Shielded
CTCDRH4D18 CT-CTCDRH4D18 Datasheet
199Kb / 1P
   Power Inductors - Shielded
CT916CYF CT-CT916CYF Datasheet
162Kb / 1P
   Power Inductors - Shielded
CT918CYF CT-CT918CYF Datasheet
163Kb / 1P
   Power Inductors - Shielded
CT960AWF CT-CT960AWF Datasheet
445Kb / 1P
   Power Inductors - Shielded
CTCDRH8D43 CT-CTCDRH8D43 Datasheet
176Kb / 1P
   Power Inductors - Shielded
CTCDRH74 CT-CTCDRH74 Datasheet
201Kb / 1P
   Power Inductors - Shielded
CTDS5022 CT-CTDS5022 Datasheet
229Kb / 1P
   Power Inductors - Shielded
logo
Coilcraft lnc.
LPS3314 COILCRAFT-LPS3314 Datasheet
205Kb / 2P
   Shielded Power Inductors
LPS4012-331ML COILCRAFT-LPS4012-331ML Datasheet
212Kb / 2P
   Shielded Power Inductors
LPS5030-901ML COILCRAFT-LPS5030-901ML Datasheet
210Kb / 2P
   Shielded Power Inductors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com