Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0734156280 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 0734156280
Description  50 Ohms, MMCX Jack, Bulkhead Mount, RG-178 Cable
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

0734156280 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0734156280 Datasheet HTML 1Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
This document was generated on 03/08/2016
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0734156280
Status:
Active
Overview:
MMCX RF Connectors
Description:
50 Ohms, MMCX Jack, Bulkhead Mount, RG-178 Cable
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
RF/Coax Connectors
Series
73415
Overview
MMCX RF Connectors
Product Name
MMCX
Style
Cable
UPC
884982699472
Wire/Cable Type
RG-178
Physical
Gender
Jack
Keying to Mating Part
None
Orientation
Straight
PCB Mounting
N/A
Packaging Type
Tray
Panel Mount
Yes
Panel Mount Method
Bulkhead
Reverse Polar
No
Electrical
Impedance
50#
Material Info
Reference - Drawing Numbers
Sales Drawing
SD-73415-628
Series image - Reference only
EU ELV
Not Reviewed
EU RoHS
China RoHS
Not Reviewed
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
Please visit the Contact Us section for any
non-product compliance questions.
China ROHS
Not Reviewed
ELV
Not Reviewed
Search Parts in this Series
73415 Series
This document was generated on 03/08/2016
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 0734156280

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0734156180 MOLEX11-0734156180 Datasheet
23Kb / 1P
   50 Ohms, SMP Surface Mount Plug, Limited Detent, One Piece Per Bag
0734156181 MOLEX11-0734156181 Datasheet
73Kb / 1P
   50 Ohms, SMP Surface Mount Plug, Limited Detent, Tape and Reel with Kapton Tape
0734156450 MOLEX11-0734156450 Datasheet
49Kb / 1P
   50 Ohms, SSMCX Plug, Straight, RG-405 (.086) Cable, used with ganged housing
0734156890 MOLEX11-0734156890 Datasheet
35Kb / 1P
   50 Ohms, SSMCX Jack, Right-Angle, PCB Mount, individual line
0734156990 MOLEX11-0734156990 Datasheet
33Kb / 1P
   50 Ohms, SMP Male Full Limited Detent Vertical PCB thru SMP-P/PCB
More results

Similar Description - 0734156280

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
73415-6280 MOLEX11-73415-6280 Datasheet
37Kb / 1P
   50 Ohms, MMCX Jack, Bulkhead Mount, RG-178 Cable
0732162380 MOLEX-0732162380_V01 Datasheet
53Kb / 1P
   50 Ohms, TNC Jack Bulkhead, Rear Mount IP68, RG-178
73216-2380 MOLEX11-73216-2380 Datasheet
40Kb / 1P
   50 Ohms, TNC Jack Bulkhead, Rear Mount IP68, RG-178
0732162380 MOLEX11-0732162380 Datasheet
36Kb / 1P
   50 Ohms, TNC Jack Bulkhead, Rear Mount IP68, RG-178
0732162160 MOLEX11-0732162160 Datasheet
32Kb / 1P
   50 Ohms, TNC Jack Isolated Ground Bulkhead, IP68, Rear Mount, RG-178 Cable
0732162160 MOLEX-0732162160_V01 Datasheet
33Kb / 1P
   50 Ohms, TNC Jack Isolated Ground Bulkhead, IP68, Rear Mount, RG-178 Cable
0734152361 MOLEX11-0734152361 Datasheet
29Kb / 1P
   50 Ohms, MMCX Right-Angle Jack, Crimp, RG-178 and RF-196 Cable
73415-2362 MOLEX11-73415-2362 Datasheet
33Kb / 1P
   50 Ohms, MMCX Right-Angle Jack, Crimp, RG-178 and RF-196 Cable
0734153212 MOLEX11-0734153212 Datasheet
48Kb / 1P
   50 Ohms, MMCX Jack, Crimp, Gold (Au) Plating, RG-178 and RF-196 Cable
0734153210 MOLEX11-0734153210 Datasheet
49Kb / 1P
   50 Ohms, MMCX Jack, Crimp, Gold (Au) Plating, RG-178 and RF-196 Cable, Bag
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com