Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMH6714MA Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LMH6714MA
Description  Wideband Video Op Amp; Single, Single with Shutdown and Quad
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMH6714MA Datasheet(HTML) 1 Page - Texas Instruments

  LMH6714MA Datasheet HTML 1Page - Texas Instruments LMH6714MA Datasheet HTML 2Page - Texas Instruments LMH6714MA Datasheet HTML 3Page - Texas Instruments LMH6714MA Datasheet HTML 4Page - Texas Instruments LMH6714MA Datasheet HTML 5Page - Texas Instruments LMH6714MA Datasheet HTML 6Page - Texas Instruments LMH6714MA Datasheet HTML 7Page - Texas Instruments LMH6714MA Datasheet HTML 8Page - Texas Instruments LMH6714MA Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
LMH6714, LMH6720
LMH6722, LMH6722-Q1
www.ti.com
SNOSA39G – NOVEMBER 2002 – REVISED APRIL 2013
LMH6714/ LMH6720/ LMH6722/ LMH6722Q Wideband Video Op Amp; Single, Single with
Shutdown and Quad
Check for Samples: LMH6714, LMH6720, LMH6722, LMH6722-Q1
1
FEATURES
DESCRIPTION
The LMH6714/LMH6720/LMH6722 series combine
2
400MHz (AV = +2V/V, VOUT = 500mVPP) −3dB
Texas Instruments' VIP10 high speed complementary
BW
bipolar process with Texas Instruments' current
250MHz (AV = +2V/V, VOUT = 2VPP) -3dB BW
feedback topology to produce a very high speed op
0.1dB Gain Flatness to 120MHz
amp. These amplifiers provide a 400MHz small signal
bandwidth at a gain of +2V/V and a 1800V/
μs slew
Low Power: 5.6mA
rate while consuming only 5.6mA from ±5V supplies.
TTL Compatible Shutdown Pin (LMH6720)
The
LMH6714/LMH6720/LMH6722
series
offer
Very Low Diff. Gain, Phase: 0.01%, 0.01°
exceptional video performance with its 0.01% and
(LMH6714)
0.01° differential gain and phase errors for NTSC and
−58 HD2/ −70 HD3 at 20MHz
PAL video signals while driving a back terminated
75
Ω load. They also offer a flat gain response of
Fast Slew Rate: 1800V/
μs
0.1dB to 120MHz. Additionally, they can deliver 70mA
Low Shutdown Current: 500uA (LMH6720)
continuous output current. This level of performance
11ns Turn on Time (LMH6720)
makes them an ideal op amp for broadcast quality
7ns Shutdown Time (LMH6720)
video systems.
Unity Gain Stable
The LMH6714/LMH6720/LMH6722's small packages
(SOIC, SOT-23 and WSON), low power requirement,
Improved Replacement for
low
noise
and
distortion
allow
the
CLC400,401,402,404,406 and 446 (LMH6714)
LMH6714/LMH6720/LMH6722 to serve portable RF
Improved Replacement for CLC405 (LMH6720)
applications.
The
high
impedance
state
during
Improved Replacement for CLC415 (LMH6722)
shutdown makes the LMH6720 suitable for use in
multiplexing multiple high speed signals onto a
LMH6722QSD is AEC-Q100 Grade 1 Qualified
shared transmission line. The LMH6720 is also ideal
and is Manufactured on an Automotive Grade
for portable applications where current draw can be
Flow
reduced with the shutdown function.
APPLICATIONS
HDTV, NTSC & PAL Video Systems
Video Switching and Distribution
Wideband Active Filters
Cable Drivers
High Speed Multiplexer (LMH6720)
Programmable Gain Amplifier (LMH6720)
Automotive (LMH6722Q)
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2002–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LMH6714MA

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMH6714MA NSC-LMH6714MA Datasheet
597Kb / 15P
   Wideband Video Op Amp; Single, Single with Shutdown and Quad
logo
Texas Instruments
LMH6714MA TI1-LMH6714MA Datasheet
1Mb / 30P
[Old version datasheet]   LMH6714/ LMH6720/ LMH6722/ LMH6722Q Wideband Video Op Amp; Single, Single
LMH6714MA TI-LMH6714MA Datasheet
1Mb / 29P
[Old version datasheet]   LMH6714/ LMH6720/ LMH6722/ LMH6722Q Wideband Video Op Amp; Single, Single with Shutdown and Quad
logo
National Semiconductor ...
LMH6714MAX NSC-LMH6714MAX Datasheet
597Kb / 15P
   Wideband Video Op Amp; Single, Single with Shutdown and Quad
logo
Texas Instruments
LMH6714MAX TI1-LMH6714MAX Datasheet
1Mb / 30P
[Old version datasheet]   LMH6714/ LMH6720/ LMH6722/ LMH6722Q Wideband Video Op Amp; Single, Single
More results

Similar Description - LMH6714MA

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMH6714 NSC-LMH6714 Datasheet
597Kb / 15P
   Wideband Video Op Amp; Single, Single with Shutdown and Quad
logo
Texas Instruments
LMH6720MA TI-LMH6720MA Datasheet
1Mb / 29P
[Old version datasheet]   LMH6714/ LMH6720/ LMH6722/ LMH6722Q Wideband Video Op Amp; Single, Single with Shutdown and Quad
LMH6714 TI1-LMH6714 Datasheet
1Mb / 30P
[Old version datasheet]   LMH6714/ LMH6720/ LMH6722/ LMH6722Q Wideband Video Op Amp; Single, Single
LMH6715 TI1-LMH6715_16 Datasheet
1Mb / 21P
[Old version datasheet]   Dual Wideband Video Op Amp
LMH6715QML TI1-LMH6715QML_13 Datasheet
616Kb / 18P
[Old version datasheet]   Dual Wideband Video Op Amp
logo
National Semiconductor ...
LMH6715 NSC-LMH6715 Datasheet
484Kb / 12P
   Dual Wideband Video Op Amp
logo
Texas Instruments
LMH6715QML TI1-LMH6715QML Datasheet
426Kb / 20P
[Old version datasheet]   Dual Wideband Video Op Amp
LMH6715 TI1-LMH6715_17 Datasheet
1Mb / 21P
[Old version datasheet]   Dual Wideband Video Op Amp
CLC412 TI1-CLC412 Datasheet
919Kb / 20P
[Old version datasheet]   Dual Wideband Video Op Amp
logo
National Semiconductor ...
CLC412 NSC-CLC412 Datasheet
1Mb / 12P
   Dual Wideband Video Op Amp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com