Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMH6702J-QMLV Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # LMH6702J-QMLV
Description  1.7 GHz, Ultra Low Distortion, Wideband Op Amp
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMH6702J-QMLV Datasheet(HTML) 4 Page - Texas Instruments

  LMH6702J-QMLV Datasheet HTML 1Page - Texas Instruments LMH6702J-QMLV Datasheet HTML 2Page - Texas Instruments LMH6702J-QMLV Datasheet HTML 3Page - Texas Instruments LMH6702J-QMLV Datasheet HTML 4Page - Texas Instruments LMH6702J-QMLV Datasheet HTML 5Page - Texas Instruments LMH6702J-QMLV Datasheet HTML 6Page - Texas Instruments LMH6702J-QMLV Datasheet HTML 7Page - Texas Instruments LMH6702J-QMLV Datasheet HTML 8Page - Texas Instruments LMH6702J-QMLV Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
1M
10M
100M
1G
FREQUENCY (Hz)
-7
-6
-5
-4
-3
-2
-1
0
1
-430
-380
-330
-280
-230
-180
-130
-80
-30
AV = -1
AV = -10
AV = -4
AV = -2
VOUT = 2VPP
RF = 237:
RL = 100:
PHASE
GAIN
LMH6702QML
SNOSAQ2E – JULY 2005 – REVISED MARCH 2013
www.ti.com
LMH6702 Electrical Characteristics Drift Values Parameters
(1)
The following conditions apply, unless otherwise specified.
RL = 100Ω, VCC = ±5VDC, AV = +2 feedback resistor (RF) = 250Ω, gain resistor (RG) = 250Ω
"Delta not required on B level product. Delta required for S-level product at Group B5 only, or as specified on the Internal
Processing Instruction (IPI)."
Sub-
Symbol
Parameter
Conditions
Notes
Min
Max
Unit
groups
IBN
Input Bias Current Noninverting
-0.3
+0.3
μA
1
IBI
Input Bias Current Inverting
-3.0
+3.0
μA
1
VIO
Input Offset Voltage
-0.3
+0.3
mV
1
(1)
The algebraic convention, whereby the most negative value is a minimum and most positive is a maximum, is used in this table.
Negative cur rent shall be defined as convential current flow out of a device terminal.
Figure 3. Inverting Frequency Response
4
Submit Documentation Feedback
Copyright © 2005–2013, Texas Instruments Incorporated
Product Folder Links: LMH6702QML


Similar Part No. - LMH6702J-QMLV

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMH6702J-QMLV TI1-LMH6702J-QMLV Datasheet
374Kb / 14P
[Old version datasheet]   1.7 GHz, Ultra Low Distortion, Wideband Op Amp
LMH6702J-QMLV TI-LMH6702J-QMLV Datasheet
367Kb / 16P
[Old version datasheet]   1.7 GHz, Ultra Low Distortion, Wideband Op Amp
LMH6702J-QMLV TI1-LMH6702J-QMLV Datasheet
400Kb / 17P
[Old version datasheet]   1.7 GHz, Ultra Low Distortion, Wideband Op Amp
More results

Similar Description - LMH6702J-QMLV

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMH6702QML TI1-LMH6702QML Datasheet
374Kb / 14P
[Old version datasheet]   1.7 GHz, Ultra Low Distortion, Wideband Op Amp
LMH6702QML TI1-LMH6702QML_17 Datasheet
400Kb / 17P
[Old version datasheet]   1.7 GHz, Ultra Low Distortion, Wideband Op Amp
LMH6702-MIL TI1-LMH6702-MIL Datasheet
692Kb / 19P
[Old version datasheet]   1.7-GHz Ultra-Low Distortion Wideband Op Amp
5962F0254601VZA TI-5962F0254601VZA Datasheet
367Kb / 16P
[Old version datasheet]   1.7 GHz, Ultra Low Distortion, Wideband Op Amp
LMH6702 TI1-LMH6702 Datasheet
1Mb / 25P
[Old version datasheet]   LMH6702 1.7-GHz Ultra-Low Distortion Wideband Op Amp
logo
National Semiconductor ...
LMH6702 NSC-LMH6702 Datasheet
439Kb / 13P
   Ultra Low Distortion, Wideband Op Amp
logo
Fairchild Semiconductor
KH232 FAIRCHILD-KH232 Datasheet
134Kb / 6P
   Low Distortion Wideband Op Amp
logo
Cadeka Microcircuits LL...
KH232 CADEKA-KH232 Datasheet
244Kb / 6P
   Low Distortion Wideband Op Amp
logo
List of Unclassifed Man...
SPT232 ETC-SPT232 Datasheet
322Kb / 4P
   LOW DISTORTION WIDEBAND OP AMP
logo
Fairchild Semiconductor
KH207 FAIRCHILD-KH207 Datasheet
159Kb / 7P
   Low Distortion Wideband Op Amp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com