Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMH6715QML Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # LMH6715QML
Description  Dual Wideband Video Op Amp
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMH6715QML Datasheet(HTML) 6 Page - Texas Instruments

Back Button LMH6715QML Datasheet HTML 2Page - Texas Instruments LMH6715QML Datasheet HTML 3Page - Texas Instruments LMH6715QML Datasheet HTML 4Page - Texas Instruments LMH6715QML Datasheet HTML 5Page - Texas Instruments LMH6715QML Datasheet HTML 6Page - Texas Instruments LMH6715QML Datasheet HTML 7Page - Texas Instruments LMH6715QML Datasheet HTML 8Page - Texas Instruments LMH6715QML Datasheet HTML 9Page - Texas Instruments LMH6715QML Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
0
0.5
1
1.5
2
2.5
3
3.5
4
VOUT (VPP)
100
150
200
250
300
350
400
450
500
RF = 300:
-40
0
40
80
120
160
-0.4
-0.2
0
0.2
0.4
0.6
0.8
1
1.2
TEMPERATURE (°)
-9
-8
-7
-6
-5
-4
-3
-2
-1
IBN
IBI
VOS
1
0
5
10 15
20 25 30
45
TIME (ns)
0.01
0.1
35 40
50
1
10
100
1k
FREQUENCY (MHz)
-90
-80
-70
-60
-50
-40
-30
-20
RF = 300:
VO = .5VPP
0
5
10 15 20 25 30 35 40 45 50
-0.5
-0.25
0
0.25
0.5
TIME (ns)
RF = 300:
VO = .5VPP
0
5
10 15 20 25 30 35 40 45 50
-3
-2
-1
0
1
2
3
TIME (ns)
RF = 300:
VO = 4VPP
LMH6715QML
SNOSAQ3B – NOVEMBER 2010 – REVISED MAY 2013
www.ti.com
Typical Performance Characteristics (continued)
(TA = 25°C, VCC = ±5V, AV = ±2V/V, RF = 500Ω, RL = 100Ω, unless otherwise specified).
Small Signal Pulse Response
Large Signal Pulse Response
Figure 10.
Figure 11.
Settling Time
vs.
Input-Referred Crosstalk
Accuracy
Figure 12.
Figure 13.
−3dB Bandwidth
DC Errors
vs.
vs.
VOUT
Temperature
Figure 14.
Figure 15.
6
Submit Documentation Feedback
Copyright © 2010–2013, Texas Instruments Incorporated
Product Folder Links: LMH6715QML


Similar Part No. - LMH6715QML

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMH6715QML TI1-LMH6715QML Datasheet
426Kb / 20P
[Old version datasheet]   Dual Wideband Video Op Amp
More results

Similar Description - LMH6715QML

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMH6715 TI1-LMH6715_16 Datasheet
1Mb / 21P
[Old version datasheet]   Dual Wideband Video Op Amp
logo
National Semiconductor ...
LMH6715 NSC-LMH6715 Datasheet
484Kb / 12P
   Dual Wideband Video Op Amp
logo
Texas Instruments
LMH6715QML TI1-LMH6715QML Datasheet
426Kb / 20P
[Old version datasheet]   Dual Wideband Video Op Amp
LMH6715 TI1-LMH6715_17 Datasheet
1Mb / 21P
[Old version datasheet]   Dual Wideband Video Op Amp
CLC412 TI1-CLC412 Datasheet
919Kb / 20P
[Old version datasheet]   Dual Wideband Video Op Amp
logo
National Semiconductor ...
CLC412 NSC-CLC412 Datasheet
1Mb / 12P
   Dual Wideband Video Op Amp
logo
Analog Devices
AD828 AD-AD828 Datasheet
256Kb / 12P
   Dual, Low Power Video Op Amp
REV. B
AD828 AD-AD828_02 Datasheet
448Kb / 12P
   Dual, Low Power Video Op Amp
REV. C
AD828 AD-AD828_15 Datasheet
462Kb / 12P
   Dual, Low Power Video Op Amp
REV. C
AD828ARZ AD-AD828ARZ Datasheet
462Kb / 12P
   Dual, Low Power Video Op Amp
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com