Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMH6723 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # LMH6723
Description  Single/Dual/Quad 370-MHz, 1-mA Current Feedback Operational Amplifier
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMH6723 Datasheet(HTML) 10 Page - Texas Instruments

Back Button LMH6723 Datasheet HTML 6Page - Texas Instruments LMH6723 Datasheet HTML 7Page - Texas Instruments LMH6723 Datasheet HTML 8Page - Texas Instruments LMH6723 Datasheet HTML 9Page - Texas Instruments LMH6723 Datasheet HTML 10Page - Texas Instruments LMH6723 Datasheet HTML 11Page - Texas Instruments LMH6723 Datasheet HTML 12Page - Texas Instruments LMH6723 Datasheet HTML 13Page - Texas Instruments LMH6723 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
0.1
1
10
100
1000
FREQUENCY (MHz)
-10
-8
-6
-4
-2
0
2
VS = ±2.5V
RL = 1k:||CL
VOUT = .8VPP
CL = 100pF, ROUT = 24:
CL = 47pF, ROUT = 30:
CL = 10pF, ROUT = 48:
0.1
1
10
100
1000
FREQUENCY (MHz)
-10
-8
-6
-4
-2
0
2
VS = ±5V
RL = 1k:||CL
VOUT = .8VPP
CL = 100pF, ROUT = 24:
CL = 47pF, ROUT = 30:
CL = 10pF, ROUT = 48:
0
10
20
30
40
50
-80
-75
-70
-65
-60
-55
-50
-45
-40
FREQUENCY (MHz)
VS = ±2.5V
VOUT = 2VPP
HD2
HD3
0
10
20
30
40
50
-80
-75
-70
-65
-60
-55
-50
-45
-40
FREQUENCY (MHz)
VS = ±5V
VOUT = 2VPP
HD2
HD3
0
0.5
1
1.5
2
2.5
3
VOUT (VPP)
-75
-70
-65
-60
-55
-50
-45
-40
-35
VS = ±2.5V
f = 5MHz
HD3
HD2
0
1
2
3
4
5
6
7
8
VOUT (VPP)
-80
-75
-70
-65
-60
-55
-50
-45
-40
VS = ±5V
f = 5MHz
HD2
HD3
LMH6723, LMH6724
SNOSA83I – AUGUST 2003 – REVISED AUGUST 2014
www.ti.com
Typical Performance Characteristics (continued)
AV = 2, RF = 1200Ω, RL = 100Ω, unless otherwise specified.
Figure 14. HD2 & HD3 vs. VOUT
Figure 13. HD2 & HD3 vs. VOUT
Figure 15. HD2 & HD3 vs. Frequency
Figure 16. HD2 & HD3 vs. Frequency
Figure 17. Frequency Response vs. CL
Figure 18. Frequency Response vs. CL
10
Submit Documentation Feedback
Copyright © 2003–2014, Texas Instruments Incorporated
Product Folder Links: LMH6723 LMH6724


Similar Part No. - LMH6723

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMH6723 NSC-LMH6723 Datasheet
1Mb / 17P
   Single/Dual/Quad 370 MHz 1 mA Current Feedback Op Amp
LMH6723MA NSC-LMH6723MA Datasheet
1Mb / 17P
   Single/Dual/Quad 370 MHz 1 mA Current Feedback Op Amp
LMH6723MAX NSC-LMH6723MAX Datasheet
1Mb / 17P
   Single/Dual/Quad 370 MHz 1 mA Current Feedback Op Amp
LMH6723MF NSC-LMH6723MF Datasheet
1Mb / 17P
   Single/Dual/Quad 370 MHz 1 mA Current Feedback Op Amp
LMH6723MFX NSC-LMH6723MFX Datasheet
1Mb / 17P
   Single/Dual/Quad 370 MHz 1 mA Current Feedback Op Amp
More results

Similar Description - LMH6723

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMH6723 NSC-LMH6723 Datasheet
1Mb / 17P
   Single/Dual/Quad 370 MHz 1 mA Current Feedback Op Amp
logo
Analog Devices
AD8011 AD-AD8011 Datasheet
219Kb / 16P
   300 MHz, 1 mA Current Feedback Amplifier
REV. B
logo
Linear Technology
LT1397 LINER-LT1397_15 Datasheet
329Kb / 20P
   Single/Dual/Quad 400MHz Current Feedback Amplifier
LT1396 LINER-LT1396_15 Datasheet
329Kb / 20P
   Single/Dual/Quad 400MHz Current Feedback Amplifier
LT1395 LINER-LT1395_15 Datasheet
329Kb / 20P
   Single/Dual/Quad 400MHz Current Feedback Amplifier
LT1395 LINER-LT1395_1 Datasheet
741Kb / 20P
   Single/Dual/Quad 400MHz Current Feedback Amplifier
LT1395 LINER-LT1395 Datasheet
196Kb / 12P
   Single/Dual/Quad 400MHz Current Feedback Amplifier
logo
National Semiconductor ...
LM6182 NSC-LM6182 Datasheet
1Mb / 24P
   Dual 100 mA Output, 100 MHz Current Feedback Amplifier
logo
Zarlink Semiconductor I...
ZL40122 ZARLINK-ZL40122_06 Datasheet
185Kb / 17P
   High Speed, Current Feedback Quad Operational Amplifier
ZL40120 ZARLINK-ZL40120 Datasheet
298Kb / 16P
   Low Power, Current Feedback Quad Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com