Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

U634H256D1C35G1 Datasheet(PDF) 9 Page - Zentrum Mikroelektronik Dresden AG

Part # U634H256D1C35G1
Description  POWERSTORE 32K X 8 NVSRAM
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZMD [Zentrum Mikroelektronik Dresden AG]
Direct Link  http://www.zmdi.com
Logo ZMD - Zentrum Mikroelektronik Dresden AG

U634H256D1C35G1 Datasheet(HTML) 9 Page - Zentrum Mikroelektronik Dresden AG

Back Button U634H256D1C35G1 Datasheet HTML 5Page - Zentrum Mikroelektronik Dresden AG U634H256D1C35G1 Datasheet HTML 6Page - Zentrum Mikroelektronik Dresden AG U634H256D1C35G1 Datasheet HTML 7Page - Zentrum Mikroelektronik Dresden AG U634H256D1C35G1 Datasheet HTML 8Page - Zentrum Mikroelektronik Dresden AG U634H256D1C35G1 Datasheet HTML 9Page - Zentrum Mikroelektronik Dresden AG U634H256D1C35G1 Datasheet HTML 10Page - Zentrum Mikroelektronik Dresden AG U634H256D1C35G1 Datasheet HTML 11Page - Zentrum Mikroelektronik Dresden AG U634H256D1C35G1 Datasheet HTML 12Page - Zentrum Mikroelektronik Dresden AG U634H256D1C35G1 Datasheet HTML 13Page - Zentrum Mikroelektronik Dresden AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
9
April 21, 2004
U634H256
u: If the chip enable pulse width is less then ta(E) (see READ cycle) but greater than or equal to tw(E)SR, then the data may not be valid at
the end of the low pulse, however the STORE or RECALL will still be initiated.
v: W must be HIGH when E is LOW during the address sequence in order to initiate a nonvolatile cycle. G may be either HIGH or LOW
throughout. Addresses 1 through 6 are found in the mode selection table. Address 6 determines whether the U634H256 performs a STORE
or RECALL.
w: E must be used to clock in the address sequence for the software controlled STORE and RECALL cycles.
Ai
E
DQi
Output
tcR
tw(E)SR
ADDRESS 1
Software Controlled STORE/RECALL Cyclet, u, v, w (E = HIGH after STORE initiation)
ADDRESS 6
tcR
(29)
(29)
th(A)SR
(35)
(34)
tsu(A)SR (33)
Ai
E
DQi
Output
tcR
tw(E)SR
ADDRESS 1
VALID
VALID
ADDRESS 6
td(E)S (31)
(32)
(29)
th(A)SR (35)
(34)
tsu(A)SR (33)
tdis(E)SR (30)
th(A)SR (35)
tsu(A)SR
(33)
tw(E)SR
th(A)SR (35)
(34)
tsu(A)SR
(33)
(5)
tdis(E)
Software Controlled STORE/RECALL Cyclet, u, v, w (E = LOW after STORE initiation)
tdis(E)SR (30)
High Impedance
High Impedance
td(E)S (31)
(32)
VALID
VALID
td(E)R
td(E)R


Similar Part No. - U634H256D1C35G1

ManufacturerPart #DatasheetDescription
logo
Simtek Corporation
U634H256 SIMTEK-U634H256 Datasheet
359Kb / 15P
   PowerStore 32K x 8 nvSRAM
U634H256S2A25G1 SIMTEK-U634H256S2A25G1 Datasheet
359Kb / 15P
   PowerStore 32K x 8 nvSRAM
U634H256S2A35G1 SIMTEK-U634H256S2A35G1 Datasheet
359Kb / 15P
   PowerStore 32K x 8 nvSRAM
U634H256S2A45G1 SIMTEK-U634H256S2A45G1 Datasheet
359Kb / 15P
   PowerStore 32K x 8 nvSRAM
U634H256S2C25G1 SIMTEK-U634H256S2C25G1 Datasheet
359Kb / 15P
   PowerStore 32K x 8 nvSRAM
More results

Similar Description - U634H256D1C35G1

ManufacturerPart #DatasheetDescription
logo
Simtek Corporation
U635H256 SIMTEK-U635H256 Datasheet
258Kb / 14P
   PowerStore 32K x 8 nvSRAM
U634H256 SIMTEK-U634H256 Datasheet
359Kb / 15P
   PowerStore 32K x 8 nvSRAM
U634H256XS SIMTEK-U634H256XS Datasheet
256Kb / 17P
   PowerStore 32K x 8 nvSRAM Die
UL635H256 SIMTEK-UL635H256 Datasheet
187Kb / 14P
   Low Voltage PowerStore 32K x 8 nvSRAM
logo
Cypress Semiconductor
STK15C88 CYPRESS-STK15C88 Datasheet
474Kb / 15P
   256 Kbit (32K x 8) PowerStore nvSRAM
logo
List of Unclassifed Man...
UL634H256 ETC-UL634H256 Datasheet
232Kb / 14P
   LOW VOLTAGE POWERSTORE 32K X 8 NVSRAM
UL635H256 ETC-UL635H256 Datasheet
211Kb / 13P
   LOW VOLTAGE POWERSTORE 32K X 8 NVSRAM
logo
Simtek Corporation
UL634H256 SIMTEK-UL634H256 Datasheet
350Kb / 15P
   Low Voltage PowerStore 32K x 8 nvSRAM
U632H64 SIMTEK-U632H64 Datasheet
408Kb / 15P
   PowerStore 8K x 8 nvSRAM
U632H16 SIMTEK-U632H16 Datasheet
403Kb / 15P
   PowerStore 2K x 8 nvSRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com