Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMK03000 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # LMK03000
Description  Precision Clock Conditioner
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMK03000 Datasheet(HTML) 9 Page - Texas Instruments

Back Button LMK03000 Datasheet HTML 5Page - Texas Instruments LMK03000 Datasheet HTML 6Page - Texas Instruments LMK03000 Datasheet HTML 7Page - Texas Instruments LMK03000 Datasheet HTML 8Page - Texas Instruments LMK03000 Datasheet HTML 9Page - Texas Instruments LMK03000 Datasheet HTML 10Page - Texas Instruments LMK03000 Datasheet HTML 11Page - Texas Instruments LMK03000 Datasheet HTML 12Page - Texas Instruments LMK03000 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 45 page
background image
LMK03000, LMK03000C, LMK03000D, LMK03001
LMK03001C, LMK03001D, LMK03033, LMK03033C
www.ti.com
SNAS381O – NOVEMBER 2006 – REVISED MARCH 2013
Electrical Characteristics (1) (continued)
(3.15 V
≤ Vcc ≤ 3.45 V, -40 °C ≤ TA ≤ 85 °C, Differential Inputs/Outputs; Vboost=0; except as specified. Typical values
represent most likely parametric norms at Vcc = 3.3 V, TA = 25 °C, and at the Recommended Operation Conditions at the
time of product characterization and are not ensured).
Symbol
Parameter
Conditions
Min
Typ
Max
Units
VCO (Continued)
10 kHz Offset
-91.4
100 kHz Offset
-116.8
LMK03000C
fFout = 1296 MHz
(1)
1 MHz Offset
-137.8
10 MHz Offset
-156.9
10 kHz Offset
-93.5
100 kHz Offset
-118.5
LMK03000C
fFout = 1185 MHz
(1)
1 MHz Offset
-139.4
10 MHz Offset
-158.4
10 kHz Offset
-89.6
100 kHz Offset
-115.2
LMK03001C
fFout = 1570 MHz
(1)
1 MHz Offset
-136.5
10 MHz Offset
-156.0
L(f)Fout
Fout Single Side Band Phase Noise
dBc/Hz
10 kHz Offset
-91.6
100 kHz Offset
-116.0
LMK03001C
fFout = 1470 MHz
(1)
1 MHz Offset
-137.9
10 MHz Offset
-156.2
10 kHz Offset
-83
100 kHz Offset
-109
LMK03033C
fFout = 2160 MHz
(1)
1 MHz Offset
-131
10 MHz Offset
-152
10 kHz Offset
-86
100 kHz Offset
-111
LMK03033C
fFout = 1843 MHz
(1)
1 MHz Offset
-134
10 MHz Offset
-153
(1)
VCO phase noise is measured assuming the VCO is the dominant noise source due to a 75 Hz loop bandwidth. Over frequency, the
phase noise typically varies by 1 to 2 dB, with the worst case performance typically occurring at the highest frequency. Over
temperature, the phase noise typically varies by 1 to 2 dB, assuming the device is not reprogrammed. Reprogramming R15 will run the
frequency calibration routine for optimum phase noise.
Copyright © 2006–2013, Texas Instruments Incorporated
Electrical Specifications
9
Submit Documentation Feedback
Product Folder Links: LMK03000 LMK03000C LMK03000D LMK03001 LMK03001C LMK03001D LMK03033
LMK03033C


Similar Part No. - LMK03000

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMK03000 NSC-LMK03000 Datasheet
628Kb / 30P
   Precision Clock Conditioner with Integrated VCO
LMK03000 NSC-LMK03000 Datasheet
700Kb / 30P
   Precision Clock Conditioner with Integrated VCO
LMK03000C NSC-LMK03000C Datasheet
628Kb / 30P
   Precision Clock Conditioner with Integrated VCO
LMK03000CISQ NSC-LMK03000CISQ Datasheet
628Kb / 30P
   Precision Clock Conditioner with Integrated VCO
LMK03000CISQ NSC-LMK03000CISQ Datasheet
700Kb / 30P
   Precision Clock Conditioner with Integrated VCO
More results

Similar Description - LMK03000

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMK03002 TI1-LMK03002 Datasheet
934Kb / 39P
[Old version datasheet]   Precision Clock Conditioner
LMK02000 TI1-LMK02000 Datasheet
814Kb / 24P
[Old version datasheet]   Precision Clock Conditioner
LMK02002 TI1-LMK02002 Datasheet
813Kb / 22P
[Old version datasheet]   Precision Clock Conditioner
logo
National Semiconductor ...
LMK03002 NSC-LMK03002 Datasheet
476Kb / 24P
   Precision Clock Conditioner with Integrated VCO
LMK03000 NSC-LMK03000_08 Datasheet
628Kb / 30P
   Precision Clock Conditioner with Integrated VCO
logo
Texas Instruments
LMK03200 TI1-LMK03200 Datasheet
1Mb / 53P
[Old version datasheet]   Family Precision 0-Delay Clock Conditioner
logo
National Semiconductor ...
LMK02002 NSC-LMK02002 Datasheet
418Kb / 18P
   Precision Clock Conditioner with Integrated PLL
LMK02000 NSC-LMK02000 Datasheet
444Kb / 20P
   Precision Clock Conditioner with Integrated PLL
LMK03000 NSC-LMK03000_09 Datasheet
700Kb / 30P
   Precision Clock Conditioner with Integrated VCO
LMK03002C NSC-LMK03002C_14 Datasheet
2Mb / 28P
   Precision Clock Conditioner with Integrated VCO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com