Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMK04906 Datasheet(PDF) 11 Page - Texas Instruments

Part # LMK04906
Description  Ultra Low Noise Clock Jitter Cleaner/Multiplier
Download  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMK04906 Datasheet(HTML) 11 Page - Texas Instruments

Back Button LMK04906_15 Datasheet HTML 7Page - Texas Instruments LMK04906_15 Datasheet HTML 8Page - Texas Instruments LMK04906_15 Datasheet HTML 9Page - Texas Instruments LMK04906_15 Datasheet HTML 10Page - Texas Instruments LMK04906_15 Datasheet HTML 11Page - Texas Instruments LMK04906_15 Datasheet HTML 12Page - Texas Instruments LMK04906_15 Datasheet HTML 13Page - Texas Instruments LMK04906_15 Datasheet HTML 14Page - Texas Instruments LMK04906_15 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 113 page
background image
LMK04906
www.ti.com
SNAS589D – JUNE 2012 – REVISED MAY 2013
Electrical Characteristics (continued)
(3.15 V
≤ VCC ≤ 3.45 V, -40 °C ≤ TA ≤ 85 °C. Typical values represent most likely parametric norms at VCC = 3.3 V, TA = 25
°C, at the Recommended Operating Conditions at the time of product characterization and are not guaranteed.)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
PLL1 Specifications
fPD1
PLL1 Phase Detector Frequency
40
MHz
VCPout1 = VCC/2, PLL1_CP_GAIN = 0
100
PLL1 Charge
VCPout1 = VCC/2, PLL1_CP_GAIN = 1
200
ICPout1SOURCE
Pump Source Current
µA
VCPout1 = VCC/2, PLL1_CP_GAIN = 2
400
(5)
VCPout1 = VCC/2, PLL1_CP_GAIN = 3
1600
VCPout1=VCC/2, PLL1_CP_GAIN = 0
-100
PLL1 Charge
VCPout1=VCC/2, PLL1_CP_GAIN = 1
-200
ICPout1SINK
Pump Sink Current
µA
VCPout1=VCC/2, PLL1_CP_GAIN = 2
-400
(5)
VCPout1=VCC/2, PLL1_CP_GAIN = 3
-1600
Charge Pump
ICPout1%MIS
VCPout1 = VCC/2, T = 25 °C
3
10
%
Sink / Source Mismatch
Magnitude of Charge Pump Current
0.5 V < VCPout1 < VCC - 0.5 V
ICPout1VTUNE
4
%
Variation vs. Charge Pump Voltage
TA = 25 °C
Charge Pump Current vs. Temperature
ICPout1%TEMP
4
%
Variation
Charge Pump TRI-STATELeakage
ICPout1 TRI
0.5 V < VCPout < VCC - 0.5 V
5
nA
Current
PLL1_CP_GAIN = 400 µA
-117
PLL 1/f Noise at 10 kHz offset.
PN10kHz
dBc/Hz
Normalized to 1 GHz Output Frequency PLL1_CP_GAIN = 1600 µA
-118
PLL1_CP_GAIN = 400 µA
-221.5
PN1Hz
Normalized Phase Noise Contribution
dBc/Hz
PLL1_CP_GAIN = 1600 µA
-223
PLL2 Reference Input (OSCin) Specifications
PLL2 Reference Input
fOSCin
500
MHz
(6)
PLL2 Reference Clock minimum slew
SLEWOSCin
20% to 80%
0.15
0.5
V/ns
rate on OSCin(7)
Input Voltage for OSCin or OSCin*
AC coupled; Single-ended (Unused pin
VOSCin
0.2
2.4
Vpp
(7)
AC coupled to GND)
VIDOSCin
0.2
1.55
|V|
Differential voltage swing
AC coupled
Figure 14
VSSOSCin
0.4
3.1
Vpp
DC offset voltage between
VOSCin-offset
OSCin/OSCin*
Each pin AC coupled
20
mV
OSCinX* - OSCinX
EN_PLL2_REF_2X = 1;
fdoubler_max
Doubler input frequency (7)
155
MHz
OSCin Duty Cycle 40% to 60%
Crystal Oscillator Mode Specifications
Crystal Frequency Range
fXTAL
RESR < 40 Ω
6
20.5
MHz
(7)
Vectron VXB1 crystal, 20.48 MHz,
PXTAL
Crystal Power Dissipation (8)
RESR < 40 Ω
100
µW
XTAL_LVL = 0
Input Capacitance of LMK04906 OSCin
CIN
-40 to +85 °C
6
pF
port
(5)
This parameter is programmable
(6)
FOSCin maximum frequency guaranteed by characterization. Production tested at 200 MHz.
(7)
Guaranteed by characterization.
(8)
See Application Section discussion of Crystal Power Dissipation. OPTIONAL CRYSTAL OSCILLATOR IMPLEMENTATION
(OSCin/OSCin*)
Copyright © 2012–2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LMK04906


Similar Part No. - LMK04906_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMK04906 TI1-LMK04906_14 Datasheet
1Mb / 71P
[Old version datasheet]   Low-Noise Clock Jitter Cleaner with Dual Loop PLLs
More results

Similar Description - LMK04906_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMK04906 TI1-LMK04906 Datasheet
1Mb / 117P
[Old version datasheet]   Ultra Low Noise Clock Jitter Cleaner/Multiplier with 6 Programmable Outputs
LMK04803 TI1-LMK04803_14 Datasheet
2Mb / 139P
[Old version datasheet]   Low-Noise Clock Jitter Cleaner
LMK04821 TI1-LMK04821 Datasheet
2Mb / 113P
[Old version datasheet]   Ultra Low-Noise JESD204B Compliant Clock Jitter Cleaner
LMK04828-EP TI1-LMK04828-EP Datasheet
2Mb / 102P
[Old version datasheet]   Ultra-Low-Noise, JESD204B-Compliant Clock Jitter Cleaner
LMK04828-EP TI1-LMK04828-EP_19 Datasheet
2Mb / 102P
[Old version datasheet]   Ultra-Low-Noise, JESD204B-Compliant Clock Jitter Cleaner
LMK04828-EP TI-LMK04828-EP_V01 Datasheet
1Mb / 102P
[Old version datasheet]   LMK04828-EP Ultra-Low-Noise, JESD204B-Compliant Clock Jitter Cleaner
APRIL 2017
LMK04816 TI1-LMK04816_16 Datasheet
1Mb / 129P
[Old version datasheet]   Three Input Low-Noise Clock Jitter Cleaner
logo
National Semiconductor ...
LMK04000 NSC-LMK04000 Datasheet
1Mb / 54P
   Low-Noise Clock Jitter Cleaner with Cascaded PLLs
logo
Texas Instruments
LMK04208 TI1-LMK04208 Datasheet
1Mb / 138P
[Old version datasheet]   Low-Noise Clock Jitter Cleaner with Dual Loop PLLs
LMK04826B TI1-LMK04826B_14 Datasheet
2Mb / 104P
[Old version datasheet]   Ultra Low-Noise JESD204B Compliant Clock Jitter Cleaner with Dual Loop PLLs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com