Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

J508 Datasheet(PDF) 2 Page - Linear Integrated Systems

Part # J508
Description  CURRENT REGULATING DIODES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAR [Linear Integrated Systems]
Direct Link  http://www.linearsystems.com
Logo LINEAR - Linear Integrated Systems

J508 Datasheet(HTML) 2 Page - Linear Integrated Systems

  J508 Datasheet HTML 1Page - Linear Integrated Systems J508 Datasheet HTML 2Page - Linear Integrated Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
V-I CHARACTERISTICS CURRENT REGULTING DIODE
POV
IF
Zk
VL
VR
VR
IR
IF
VF
rDS
PACKAGING DETAILS
12
LS XXX
YYWW
0.170
0.195
0.500
0.610
0.016
0.022
0.095
0.105
0.175
0.195
0.130
0.155
0.045
0.060
0.014
0.020
TO-92
DIMENSIONS
IN INCHES.
Linear Integrated Systems • 4042 Clipper Court • Fremont, CA 94538 • Tel: 510 490-9160 • Fax: 510 353-0261
1.
Absolute maximum ratings are limiting values above which serviceability may be impaired.
2.
Pulsed, t = 2ms. Maximum VF where IF < 1.1IF(max).
3.
Pulsed, t = 2ms. Continuous currents may vary.
4.
Pulsed, t = 2ms. Continuous impedances may vary.
5.
Min VF required to ensure IF = 0.8IF(min).
Information furnished by Linear Integrated Systems is believed to be accurate and reliable. However, no responsibility is assumed for its use; nor for any
infringement of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent
rights of Linear Integrated Systems.


Similar Part No. - J508

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
J508 VISHAY-J508 Datasheet
31Kb / 4P
   Current Regulator Diodes
Rev. F, 02-Jul-01
J508 VISHAY-J508 Datasheet
44Kb / 5P
   Current Regulator Diodes
Rev. F, 02-Jul-01
logo
New Jersey Semi-Conduct...
J508 NJSEMI-J508 Datasheet
632Kb / 2P
   Current Regulator Diodes
logo
Micross Components
J508 MICROSS-J508 Datasheet
535Kb / 1P
   Linear Systems replaces discontinued Siliconix J508
logo
Calogic, LLC
J508 CALOGIC-J508 Datasheet
208Kb / 2P
   Current Regulator Diode
More results

Similar Description - J508

ManufacturerPart #DatasheetDescription
logo
Linear Integrated Syste...
SST502 LINEAR-SST502 Datasheet
216Kb / 2P
   CURRENT REGULATING DIODES
logo
Formosa MS
FCRD3005P8 FORMOSA-FCRD3005P8 Datasheet
357Kb / 3P
   Current Regulating Di ode
logo
Vishay Siliconix
SMAZ5945B-E3 VISHAY-SMAZ5945B-E3 Datasheet
96Kb / 5P
   Surface Mount Power Voltage-Regulating Diodes
Revision: 12-Jan-15
SMAZ5919B VISHAY-SMAZ5919B_V01 Datasheet
108Kb / 5P
   Surface Mount Power Voltage-Regulating Diodes
01-Jan-2022
Z4KE100A VISHAY-Z4KE100A_V01 Datasheet
93Kb / 4P
   Glass Passivated Power Voltage-Regulating Diodes
01-Jan-2022
SMAZ5941B-E3 VISHAY-SMAZ5941B-E3 Datasheet
94Kb / 5P
   Surface Mount Power Voltage-Regulating Diodes
Revision: 25-May-12
SMAZ5919B VISHAY-SMAZ5919B Datasheet
107Kb / 5P
   Surface Mount Power Voltage-Regulating Diodes
Revision: 20-Oct-08
Z4KE100A VISHAY-Z4KE100A Datasheet
87Kb / 5P
   Glass Passivated Power Voltage-Regulating Diodes
02-Oct-12
SMZJ3807B-E3 VISHAY-SMZJ3807B-E3 Datasheet
106Kb / 4P
   Surface Mount Power Voltage-Regulating Diodes
Revision: 25-May-12
PTV3.9B VISHAY-PTV3.9B Datasheet
90Kb / 4P
   Surface Mount Power Voltage-Regulating Diodes
Revision: 25-May-12
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com