Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMP91050 Datasheet(PDF) 4 Page - Texas Instruments

Part # LMP91050
Description  Configurable AFE for Nondispersive Infrared (NDIR) Sensing Applications
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMP91050 Datasheet(HTML) 4 Page - Texas Instruments

  LMP91050_15 Datasheet HTML 1Page - Texas Instruments LMP91050_15 Datasheet HTML 2Page - Texas Instruments LMP91050_15 Datasheet HTML 3Page - Texas Instruments LMP91050_15 Datasheet HTML 4Page - Texas Instruments LMP91050_15 Datasheet HTML 5Page - Texas Instruments LMP91050_15 Datasheet HTML 6Page - Texas Instruments LMP91050_15 Datasheet HTML 7Page - Texas Instruments LMP91050_15 Datasheet HTML 8Page - Texas Instruments LMP91050_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
LMP91050
SNAS517E – NOVEMBER 2011 – REVISED SEPTEMBER 2015
www.ti.com
7.2 ESD Ratings
VALUE
UNIT
Human body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±2500
V(ESD)
Electrostatic discharge
Charged-device model (CDM), per JEDEC specification JESD22-C101(2)
±1250
V
Machine Model
±250
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
7.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
Supply Voltage
2.7
5.5
V
Junction Temperature(2)
–40
105
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
The maximum power dissipation is a function of TJ(MAX), θJA, and the ambient temperature, TA. The maximum allowable power
dissipation at any ambient temperature is PDMAX = (TJ(MAX) - TA)/ θJA All numbers apply for packages soldered directly onto a PC board.
7.4 Thermal Information
LMP91050
THERMAL METRIC(1)
DGS (VSSOP)
UNIT
10 PINS
RθJA
Junction-to-ambient thermal resistance
176
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, SPRA953.
7.5 Electrical Characteristics
The following specifications apply for VDD = 3.3 V, VCM = 1.15 V, unless otherwise specified. All other limits apply to TA = TJ
= +25°C.
(1)
PARAMETER
TEST CONDITIONS
MIN(2)
TYP(3)
MAX(2)
UNIT
POWER SUPPLY
VDD
Supply voltage
2.7
3.3
5.5
V
IDD
Supply current
All analog block ON
3.1
3.7
4.2
mA
Power-down supply current
All analog block OFF
45
85
121
μA
OFFSET CANCELLATION (OFFSET DAC)
Resolution
256
steps
LSB
All gains
33.8
mV
DNL
-1
2
LSB
Error
Output referred offset error, all gains
±100
mV
Offset adjust range
Output referred, all gains
0.2
VDD – 0.2
V
DAC settling time
480
μs
PROGRAMMABLE GAIN AMPLIFIER (PGA) 1ST STAGE, RL = 10 kΩ, CL = 15 pF
5
IBIAS
Bias current
TA = –40°C to +85°C
200
pA
(1)
Electrical Table values apply only for factory testing conditions at the temperature indicated. Factory testing conditions result in very
limited self-heating of the device such that TJ = TA. No ensured specification of parametric performance is indicated in the electrical
tables under conditions of internal self-heating where TJ > TA. Absolute Maximum Ratings indicate junction temperature limits beyond
which the device may be permanently degraded, either mechanically or electrically.
(2)
Limits are 100% production tested at 25°C. Limits over the operating temperature range are ensured through correlations using
statistical quality control (SQC) method.
(3)
Typical values represent the most likely parametric norm as determined at the time of characterization. Actual typical values may vary
over time and will also depend on the application and configuration. The typical values are not tested and are not ensured on shipped
production material.
4
Submit Documentation Feedback
Copyright © 2011–2015, Texas Instruments Incorporated
Product Folder Links: LMP91050


Similar Part No. - LMP91050_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMP91050MM TI1-LMP91050MM Datasheet
653Kb / 19P
[Old version datasheet]   Configurable AFE for Nondispersive Infrared (NDIR) Sensing Applications
LMP91050MM TI-LMP91050MM Datasheet
1Mb / 23P
[Old version datasheet]   LMP91050 Configurable AFE for Nondispersive Infrared (NDIR) Sensing Applications
LMP91050MME TI1-LMP91050MME Datasheet
653Kb / 19P
[Old version datasheet]   Configurable AFE for Nondispersive Infrared (NDIR) Sensing Applications
LMP91050MME TI-LMP91050MME Datasheet
1Mb / 23P
[Old version datasheet]   LMP91050 Configurable AFE for Nondispersive Infrared (NDIR) Sensing Applications
LMP91050MMX TI1-LMP91050MMX Datasheet
653Kb / 19P
[Old version datasheet]   Configurable AFE for Nondispersive Infrared (NDIR) Sensing Applications
More results

Similar Description - LMP91050_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMP91050 TI1-LMP91050 Datasheet
653Kb / 19P
[Old version datasheet]   Configurable AFE for Nondispersive Infrared (NDIR) Sensing Applications
LMP91051 TI-LMP91051 Datasheet
1Mb / 23P
[Old version datasheet]   Configurable AFE for Nondispersive Infrared (NDIR) Sensing Applications
54F175DMQB TI-54F175DMQB Datasheet
1Mb / 23P
[Old version datasheet]   LMP91050 Configurable AFE for Nondispersive Infrared (NDIR) Sensing Applications
LMP91200 TI1-LMP91200 Datasheet
405Kb / 25P
[Old version datasheet]   Configurable AFE for Low-Power Chemical Sensing Applications
LMP91200 TI1-LMP91200_16 Datasheet
986Kb / 24P
[Old version datasheet]   Configurable AFE for Low-Power Chemical-Sensing Applications
LMP91000 TI1-LMP91000 Datasheet
557Kb / 25P
[Old version datasheet]   Sensor AFE System: Configurable AFE Potentiostat for Low-Power Chemical Sensing Applications
logo
National Semiconductor ...
LMP91000 NSC-LMP91000 Datasheet
713Kb / 24P
   Sensor AFE System: Configurable AFE Potentiostat for Low-Power Chemical Sensing Applications
logo
Zhengzhou Winsen Electr...
MH-440D WINSEN-MH-440D Datasheet
780Kb / 5P
   NDIR Infrared CH4 Sensor
logo
Texas Instruments
TDC1011 TI-TDC1011_15 Datasheet
2Mb / 49P
[Old version datasheet]   TDC1011 Single Channel Ultrasonic Sensing Analog Front End (AFE) for Level Sensing,Concentration Sensing Applications
TDC1000 TI1-TDC1000 Datasheet
2Mb / 60P
[Old version datasheet]   TDC1000 Ultrasonic Sensing Analog Front End (AFE) for Level Sensing, Flow Sensing, Concentration Sensing, and Proximity Sensing Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com