Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KAE12SAGR Datasheet(PDF) 1 Page - E-SWITCH

Part # KAE12SAGR
Description  KAE Series DIP Switch
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

KAE12SAGR Datasheet(HTML) 1 Page - E-SWITCH

  KAE12SAGR Datasheet HTML 1Page - E-SWITCH KAE12SAGR Datasheet HTML 2Page - E-SWITCH KAE12SAGR Datasheet HTML 3Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
www.e-switch.com
800.867.2717
2
RoHS
Audio / Visual
Computer Peripherals
Consumer Electronics
Instrumentation
Telecommunication
SpecificationS
part number configurator
featureS & benefitS
applicationS / marketS
kae SerieS Dip Switch
Specifications subject to change without notice
• Splayed, straight pins, or gullwing termination
• Packaging options include Tube or Tape & Reel
• Top tape seal option with recessed actuator
• Low profile
• Up to 12 positions
• Gold contacts
• Switches are supplied in “OFF” position
Electrical Rating: 100mA @ 50VDC Non-Switching
25mA @ 24VDC Switching
Life Expectancy: 2,000 Cycles
Contact Resistance: 50mΩ Max.
Insulation Resistance: 100 MΩ Min. at 500VDC
Dielectric Strength: 500VAC for 1 min.
Operating Temperature: -20°C to 85°C
Storage Temperature: -40°C to 85°C
Travel: 1.0mm nominal
Contact Arrangement: SPST each position
KAE
01 - 1 position
02 - 2 positions
03 - 3 positions
04 - 4 positions
05 - 5 positions
06 - 6 positions
07 - 7 positions
08 - 8 positions
09 - 9 positions
10 - 10 positions
12 - 12 positions
T - Tube
R - Tape & Reel
L - Extended
S - Recessed without
top tape seal
T - Recessed with top
tape seal
A - Splayed
H - Straight
G - Gullwing
G - Gold
Series
No. of
Positions
Packaging
Actuator
Termination
Contact
Material
Medical Equipment


Similar Part No. - KAE12SAGR

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
KAE-01093 ONSEMI-KAE-01093 Datasheet
1Mb / 39P
   1024 (H) x 1024 (V) Interline Transfer EMCCD Image Sensor
August, 2019 ??Rev. 0
KAE-01093-ABB-SD-EE ONSEMI-KAE-01093-ABB-SD-EE Datasheet
1Mb / 39P
   1024 (H) x 1024 (V) Interline Transfer EMCCD Image Sensor
August, 2019 ??Rev. 0
KAE-01093-ABB-SD-FA ONSEMI-KAE-01093-ABB-SD-FA Datasheet
1Mb / 39P
   1024 (H) x 1024 (V) Interline Transfer EMCCD Image Sensor
August, 2019 ??Rev. 0
KAE-01093-FBB-SD-EE ONSEMI-KAE-01093-FBB-SD-EE Datasheet
1Mb / 39P
   1024 (H) x 1024 (V) Interline Transfer EMCCD Image Sensor
August, 2019 ??Rev. 0
KAE-01093-FBB-SD-FA ONSEMI-KAE-01093-FBB-SD-FA Datasheet
1Mb / 39P
   1024 (H) x 1024 (V) Interline Transfer EMCCD Image Sensor
August, 2019 ??Rev. 0
More results

Similar Description - KAE12SAGR

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
GDH10S04 MACOM-GDH10S04 Datasheet
129Kb / 1P
   DIP SWITCH GDH SERIES
1571983-5 MACOM-1571983-5 Datasheet
131Kb / 1P
   DIP SWITCH GDH SERIES
logo
E-SWITCH
KAC E-SWITCH-KAC Datasheet
775Kb / 2P
   kac SerieS Dip Switch
logo
Tyco Electronics
GDH04S04 MACOM-GDH04S04 Datasheet
128Kb / 1P
   DIP SWITCH GDH SERIES
2-1437590-5 MACOM-2-1437590-5 Datasheet
192Kb / 1P
   DIP SWITCH GOH SERIES
GDH04STR04 MACOM-GDH04STR04 Datasheet
138Kb / 1P
   DIP SWITCH GDH SERIES
logo
Omron Electronics LLC
A6S-H OMRON-A6S-H Datasheet
933Kb / 6P
   DIP Switch
logo
DB Lectro Inc
BSI-10 DBLECTRO-BSI-10 Datasheet
185Kb / 2P
   DIP SWITCH
logo
CUI INC
DS04-254 CUI-DS04-254 Datasheet
322Kb / 3P
   DIP SWITCH
logo
Omron Electronics LLC
A6ER OMRON-A6ER Datasheet
746Kb / 4P
   DIP Switch
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com