Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TAS2560 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TAS2560
Description  5.6-W Class-D Mono Audio Amplifier with IV Sense
Download  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS2560 Datasheet(HTML) 5 Page - Texas Instruments

  TAS2560 Datasheet HTML 1Page - Texas Instruments TAS2560 Datasheet HTML 2Page - Texas Instruments TAS2560 Datasheet HTML 3Page - Texas Instruments TAS2560 Datasheet HTML 4Page - Texas Instruments TAS2560 Datasheet HTML 5Page - Texas Instruments TAS2560 Datasheet HTML 6Page - Texas Instruments TAS2560 Datasheet HTML 7Page - Texas Instruments TAS2560 Datasheet HTML 8Page - Texas Instruments TAS2560 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 80 page
background image
5
TAS2560
www.ti.com
SLASE86B – JUNE 2016 – REVISED AUGUST 2016
Product Folder Links: TAS2560
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
7 Specifications
7.1 Absolute Maximum Ratings
over operating free-air temperature range, TA = 25°C (unless otherwise noted)
MIN
MAX
UNIT
Battery voltage
VBAT
–0.3
6
V
Analog supply voltage
VDD
–0.3
2
V
I/O supply voltage
IOVDD
–0.3
3.9
V
Boost
VBST
–0.3
9.2
V
Switching
SW
–0.7
VBST+0.7
V
Regulator voltage
VREG
–0.3
VBST+5
V
Digital input voltage
–0.3
IOVDD + 0.3
V
Output continuous total power dissipation
See Thermal Information
Storage temperature, Tstg
–65
150
°C
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
7.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±2500
V
Charged-device model (CDM), per JEDEC specification JESD22-
C101(2)
±1500
(1)
Device is functional down to 2.7 V. See Battery Guard AGC
7.3 Recommended Operating Conditions
over operating free-air temperature range, TA = 25°C (unless otherwise noted)
MIN
NOM
MAX
UNIT
Battery voltage
VBAT
2.9(1)
3.6
5.5
V
Analog supply voltage
VDD
1.65
1.8
1.95
V
I/O supply voltage 1.8V
IOVDD
1.62
1.8
1.98
V
I/O supply voltage 3.3V
IOVDD
3
3.3
3.6
V
TA
Operating free-air temperature
–40
85
°C
TJ
Operating junction temperature
–40
150
°C
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
7.4 Thermal Information
THERMAL METRIC(1)
TAS2560
UNIT
30 PINS
RθJA
Junction-to-ambient thermal resistance
56.8
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
0.2
RθJB
Junction-to-board thermal resistance
8.1
ψJT
Junction-to-top characterization parameter
1.2
ψJB
Junction-to-board characterization parameter
8.1
RθJC(bot)
Junction-to-case (bottom) thermal resistance
n/a


Similar Part No. - TAS2560

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS2562 TI1-TAS2562 Datasheet
229Kb / 8P
[Old version datasheet]   6-W Boosted Class-D Audio Amplifier with IV Sense
TAS2562YFPR TI1-TAS2562YFPR Datasheet
229Kb / 8P
[Old version datasheet]   6-W Boosted Class-D Audio Amplifier with IV Sense
TAS2562YFPT TI1-TAS2562YFPT Datasheet
229Kb / 8P
[Old version datasheet]   6-W Boosted Class-D Audio Amplifier with IV Sense
TAS2563 TI1-TAS2563 Datasheet
3Mb / 99P
[Old version datasheet]   6.1-W Boosted Class-D Audio Amplifier With Integrated DSP And IV Sense
TAS2563 TI-TAS2563 Datasheet
5Mb / 127P
[Old version datasheet]   TAS2563 6.1-W Boosted Class-D Audio Amplifier With Integrated DSP And IV Sense
More results

Similar Description - TAS2560

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS2562 TI1-TAS2562 Datasheet
229Kb / 8P
[Old version datasheet]   6-W Boosted Class-D Audio Amplifier with IV Sense
TAS2780 TI-TAS2780_V01 Datasheet
2Mb / 97P
[Old version datasheet]   TAS2780 Digital Input Mono Class-D Audio Amplifier With Speaker IV Sense
REVISED JUNE 2022
TAS2780 TI-TAS2780 Datasheet
3Mb / 96P
[Old version datasheet]   TAS2780 Digital Input Mono Class-D Audio Amplifier With Speaker IV Sense
SLOSE75 ??NOVEMBER 2021
TAS2764 TI-TAS2764 Datasheet
3Mb / 107P
[Old version datasheet]   TAS2764 Digital Input Mono Class-D Audio Amplifier With Speaker IV Sense
TAS2563 TI1-TAS2563 Datasheet
3Mb / 99P
[Old version datasheet]   6.1-W Boosted Class-D Audio Amplifier With Integrated DSP And IV Sense
TAS2557 TI1-TAS2557 Datasheet
3Mb / 110P
[Old version datasheet]   5.7-W Class-D Mono Audio Amplifier with Class-H Boost and Speaker Sense
logo
Richtek Technology Corp...
RT5510 RICHTEK-RT5510 Datasheet
2Mb / 52P
   Audio Amplifier with IV Sense
October 2019
logo
Texas Instruments
TAS2563 TI-TAS2563_V01 Datasheet
5Mb / 127P
[Old version datasheet]   TAS2563 6.1-W Boosted Class-D Audio Amplifier With Integrated DSP And IV Sense
logo
NXP Semiconductors
SA58672 NXP-SA58672 Datasheet
192Kb / 27P
   3.0 W mono class-D audio amplifier
Rev. 04-8 June 2009
SA58672 PHILIPS-SA58672_15 Datasheet
192Kb / 27P
   3.0 W mono class-D audio amplifier
Rev. 04-8 June 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com