Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TAS3208PZPR Datasheet(PDF) 11 Page - Texas Instruments

Part # TAS3208PZPR
Description  DIGITAL AUDIO PROCESSOR WITH ANALOG INTERFACE
Download  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS3208PZPR Datasheet(HTML) 11 Page - Texas Instruments

Back Button TAS3208PZPR Datasheet HTML 7Page - Texas Instruments TAS3208PZPR Datasheet HTML 8Page - Texas Instruments TAS3208PZPR Datasheet HTML 9Page - Texas Instruments TAS3208PZPR Datasheet HTML 10Page - Texas Instruments TAS3208PZPR Datasheet HTML 11Page - Texas Instruments TAS3208PZPR Datasheet HTML 12Page - Texas Instruments TAS3208PZPR Datasheet HTML 13Page - Texas Instruments TAS3208PZPR Datasheet HTML 14Page - Texas Instruments TAS3208PZPR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 79 page
background image
LRCLK
SCLK
2-Channel Left-Justified Stereo Input
Left Channel
Right Channel
LSB
MSB
MSB
LSB
32 clks
32 clks
24-Bit Mode
20-Bit Mode
16-Bit Mode
23 22 21 20 19 18 17 16 15 14 13
10
9
8
7
6
5
4
3
2
1
0
12 11
19 18 17 16 15 14 13
10
9
8
7
6
5
4
3
2
1
0
12 11
15 14 13
10
9
8
7
6
5
4
3
2
1
0
12 11
23 22 21 20 19 18 17 16 15 14 13
10
9
8
7
6
5
4
3
2
1
0
12 11
19 18 17 16 15 14 13
10
9
8
7
6
5
4
3
2
1
0
12 11
15 14 13
10
9
8
7
6
5
4
3
2
1
0
12 11
LRCLK
SCLK
2-Channel Right-Justified (Sony Format) Stereo Input
Left Channel
Right Channel
LSB
MSB
MSB
LSB
32 clks
32 clks
24-Bit Mode
20-Bit Mode
16-Bit Mode
23 22 21 20 19 18 17 16 15 14 13
10
9
8
7
6
5
4
3
2
1
0
12 11
19 18 17 16 15 14 13
10
9
8
7
6
5
4
3
2
1
0
12 11
15 14 13
10
9
8
7
6
5
4
3
2
1
0
12 11
23 22 21 20 19 18 17 16 15 14 13
10
9
8
7
6
5
4
3
2
1
0
12 11
19 18 17 16 15 14 13
10
9
8
7
6
5
4
3
2
1
0
12 11
15 14 13
10
9
8
7
6
5
4
3
2
1
0
12 11
TAS3208
www.ti.com
SLES201E
– JANUARY 2007 – REVISED MARCH 2011
Discrete Left-Justified (LJ) Timing
Left-justified timing uses an LRCLK to define when the data being transmitted is for the left channel or right
channel. The LRCLK is HIGH for the left channel and LOW for the right channel. A bit clock running at 64
× Fs is
used to clock in the data. The first bit of data appears on the data lines at the same time the LRCLK toggles. The
data is written MSB first and is valid on the rising edge of bit clock. The TAS3208 will mask unused trailing data
bit positions.
A.
All data are presented in 2
's complement form with MSB first.
Figure 6. SAP Left-Justified 64
× Fs Format
Discrete Right-Justified (RJ) Timing
Right-justified timing uses an LRCLK to define when the data being transmitted is for the left channel or right
channel. The LRCLK is HIGH for the left channel and LOW for the right channel. A bit clock running at 64
× Fs is
used to clock in the data. The first bit of data appears on the data 8-bit clock periods (for 24-bit data) after
L/RCLK toggles. In RJ mode, the LSB of data is always clocked by the last bit clock before L/RCLK transitions.
The data is written MSB first and is valid on the rising edge of bit clock. The TAS3208 will mask unused leading
data bit positions.
A.
All data are presented in 2s-complement form with MSB first.
Figure 7. SAP Right-Justified 64
× Fs Format
Copyright
© 2007–2011, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): TAS3208


Similar Part No. - TAS3208PZPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS3208PZPR TI-TAS3208PZPR Datasheet
221Kb / 9P
[Old version datasheet]   DIGITAL AUDIO PROCESSOR WITH ANALOG INTERFACE
More results

Similar Description - TAS3208PZPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS3208 TI-TAS3208 Datasheet
221Kb / 9P
[Old version datasheet]   DIGITAL AUDIO PROCESSOR WITH ANALOG INTERFACE
TAS3218 TI-TAS3218_1 Datasheet
1Mb / 79P
[Old version datasheet]   DIGITAL AUDIO PROCESSOR WITH ANALOG INTERFACE
TAS3218 TI-TAS3218 Datasheet
1Mb / 78P
[Old version datasheet]   DIGITAL AUDIO PROCESSOR WITH ANALOG INTERFACE
TAS3308 TI-TAS3308 Datasheet
370Kb / 11P
[Old version datasheet]   DIGITAL AUDIO PROCESSOR WITH ANALOG INTERFACE
logo
Maxim Integrated Produc...
MAX5406 MAXIM-MAX5406 Datasheet
501Kb / 26P
   Audio Processor with Pushbutton Interface
Rev 0; 5/06
MAX5406 MAXIM-MAX5406_V01 Datasheet
2Mb / 25P
   Audio Processor with Pushbutton Interface
19-3817; Rev 1; 4/14
logo
Texas Instruments
TAS3204 TI-TAS3204 Datasheet
1Mb / 72P
[Old version datasheet]   AUDIO DSP WITH ANALOG INTERFACE
logo
STMicroelectronics
STA330 STMICROELECTRONICS-STA330 Datasheet
832Kb / 55P
   2.0 digital audio processor with FFX digital modulator and analog and digital inputs
logo
Texas Instruments
TAS3002 TI-TAS3002 Datasheet
350Kb / 74P
[Old version datasheet]   Digital Audio Processor With Codec
TAS3202 TI1-TAS3202 Datasheet
802Kb / 66P
[Old version datasheet]   AUDIO DSP WITH ANALOG INTERFACE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com