Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

JPAD5 Datasheet(PDF) 2 Page - Linear Integrated Systems

Part # JPAD5
Description  PICO AMPERE DIODES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAR [Linear Integrated Systems]
Direct Link  http://www.linearsystems.com
Logo LINEAR - Linear Integrated Systems

JPAD5 Datasheet(HTML) 2 Page - Linear Integrated Systems

  JPAD5 Datasheet HTML 1Page - Linear Integrated Systems JPAD5 Datasheet HTML 2Page - Linear Integrated Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Figure 1. Operational Amplifier Protection
Input Differential Voltage limited to 0.8V (typ) by JPADs D1 and D2. Common
Mode Input voltage limited by JPADs D3 and D4 to ±15V.
Figure 2. Sample and Hold Circuit
Typical Sample and Hold circuit with clipping. JPAD diodes reduce offset
voltages fed capacitively from the JFET switch gate.
FIGURE 1
FIGURE 2
2N4117A
R
2N4393
-V
+V
V
OUT
D2
D1
C
JPAD5
CONTROL
SIGNAL
e
in
+V
-15V
+15V
OP-27
D1
D2
D3
D4
+
-
JPAD20
1
2
3
SOT-23
DIMENSIONS IN
MILLIMETERS
0.89
1.03
1.78
2.05
1.20
1.40
2.10
2.64
0.37
0.51
2.80
3.04
0.89
1.12
0.013
0.100
0.085
0.180
0.55
12
LS XXX
YYWW
0.170
0.195
0.500
0.610
0.016
0.022
0.095
0.105
0.175
0.195
0.130
0.155
0.045
0.060
0.014
0.020
TO-92
DIMENSIONS
IN INCHES.
TO-72
Three Lead
0.230
0.209
DIA.
DIA.
0.195
0.175
0.030
MAX.
0.500 MIN.
0.150
0.115
0.019
0.016
DIA.
3 LEADS
1
2
0.046
0.036
45°
0.048
0.028
0.100
0.050
3
Linear Integrated Systems • 4042 Clipper Court • Fremont, CA 94538 • Tel: 510 490-9160 • Fax: 510 353-0261
1.
Absolute maximum ratings are limiting values above which serviceability may be impaired.
2.
The PAD type number denotes its maximum reverse current value in pico amperes. Devices with IR values intermediate to those shown
are available upon request.
Information furnished by Linear Integrated Systems is believed to be accurate and reliable. However, no responsibility is assumed for its
use; nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by implicatio
otherwise under any patent or patent rights of Linear Integrated Systems.
n or


Similar Part No. - JPAD5

ManufacturerPart #DatasheetDescription
logo
Calogic, LLC
JPAD5 CALOGIC-JPAD5 Datasheet
20Kb / 2P
   Low Leakage Pico Amp Diodes
logo
New Jersey Semi-Conduct...
JPAD5 NJSEMI-JPAD5 Datasheet
99Kb / 2P
   PICO AMPERE DIODES
logo
Micross Components
JPAD5 MICROSS-JPAD5 Datasheet
264Kb / 1P
   Linear Systems replaces discontinued Siliconix JPAD5
logo
Calogic, LLC
JPAD5 CALOGIC-JPAD5 Datasheet
29Kb / 2P
   Low Leakage Pico Amp Diodes
JPAD5-200 CALOGIC-JPAD5-200 Datasheet
20Kb / 2P
   Low Leakage Pico Amp Diodes
More results

Similar Description - JPAD5

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
PAD NJSEMI-PAD Datasheet
154Kb / 2P
   PICO AMPERE DIODES
PAD1 NJSEMI-PAD1 Datasheet
99Kb / 2P
   PICO AMPERE DIODES
logo
Linear Integrated Syste...
DPAD LINEAR-DPAD Datasheet
205Kb / 2P
   MONOLITHIC DUAL PICO AMPERE DIODES
ID100 LINEAR-ID100 Datasheet
181Kb / 2P
   MONOLITHIC DUAL PICO AMPERE DIODES
logo
New Jersey Semi-Conduct...
DPAD NJSEMI-DPAD Datasheet
80Kb / 2P
   MONOLITHIC DUAL PICO AMPERE DIODES
logo
Calogic, LLC
DPAD1 CALOGIC-DPAD1 Datasheet
32Kb / 2P
   Dual Pico Amp Diodes
DPAD1 CALOGIC-DPAD1_15 Datasheet
38Kb / 2P
   Dual Pico Amp Diodes
JPAD5 CALOGIC-JPAD5 Datasheet
20Kb / 2P
   Low Leakage Pico Amp Diodes
PAD1 CALOGIC-PAD1 Datasheet
24Kb / 2P
   Low Leakage Pico Amp Diodes
SSTPAD5 CALOGIC-SSTPAD5_15 Datasheet
29Kb / 2P
   Low Leakage Pico Amp Diodes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com