Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TAS5112 Datasheet(PDF) 2 Page - Texas Instruments

Part # TAS5112
Description  DIGITAL AMPLIFIER POWER STAGE
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS5112 Datasheet(HTML) 2 Page - Texas Instruments

  TAS5112 Datasheet HTML 1Page - Texas Instruments TAS5112 Datasheet HTML 2Page - Texas Instruments TAS5112 Datasheet HTML 3Page - Texas Instruments TAS5112 Datasheet HTML 4Page - Texas Instruments TAS5112 Datasheet HTML 5Page - Texas Instruments TAS5112 Datasheet HTML 6Page - Texas Instruments TAS5112 Datasheet HTML 7Page - Texas Instruments TAS5112 Datasheet HTML 8Page - Texas Instruments TAS5112 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
TAS5112
SLES048C − JULY 2003 − REVISED MARCH 2004
www.ti.com
2
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam during
storage or handling to prevent electrostatic damage to the MOS gates.
GENERAL INFORMATION
Terminal Assignment
The TAS5112 is offered in a thermally enhanced 56-pin
TSSOP DFD (thermal pad is on the top), shown as follows.
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
56
55
54
53
52
51
50
49
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
GND
GND
GREG
OTW
SD_CD
SD_AB
PWM_DP
PWM_DM
RESET_CD
PWM_CM
PWM_CP
DREG_RTN
M3
M2
M1
DREG
PWM_BP
PWM_BM
RESET_AB
PWM_AM
PWM_AP
GND
DGND
GND
DVDD
GREG
GND
GND
GND
GVDD
BST_D
PVDD_D
PVDD_D
OUT_D
OUT_D
GND
GND
OUT_C
OUT_C
PVDD_C
PVDD_C
BST_C
BST_B
PVDD_B
PVDD_B
OUT_B
OUT_B
GND
GND
OUT_A
OUT_A
PVDD_A
PVDD_A
BST_A
GVDD
GND
DFD PACKAGE
(TOP VIEW)
ABSOLUTE MAXIMUM RATINGS
over operating free-air temperature range unless otherwise noted(1)
TAS5112
UNITS
DVDD TO DGND
–0.3 V to 4.2 V
GVDD TO GND
33.5 V
PVDD_X TO GND (dc voltage)
33.5 V
PVDD_X TO GND (spike voltage(2))
48 V
OUT_X TO GND (dc voltage)
33.5 V
OUT_X TO GND (spike voltage(2))
48 V
BST_X TO GND (dc voltage)
48 V
BST_X TO GND (spike voltage(2))
53 V
GREG TO GND (3)
14.2 V
PWM_XP, RESET, M1, M2, M3, SD,
OTW
–0.3 V to DVDD + 0.3 V
Maximum operating junction
temperature, TJ
–40
°C to 150°C
Storage temperature
–40
°C to 125°C
(1) Stresses beyond those listed under “absolute maximum ratings”
may cause permanent damage to the device. These are stress
ratings only, and functional operation of the device at these or any
other conditions beyond those indicated under “recommended
operating conditions” is not implied. Exposure to absolute-
maximum-rated conditions for extended periods may affect device
reliability.
(2) The duration of voltage spike should be less than 100 ns.
(3) GREG is treated as an input when the GREG pin is overdriven by
GVDD of 12 V.
ORDERING INFORMATION
TA
PACKAGE
DESCRIPTION
0
°C to 70°C
TAS5112DFD
56-pin small TSSOP
(1) For the most current specification and package information, refer to
our Web site at www.ti.com.
PACKAGE DISSIPATION RATINGS
PACKAGE
RθJC
(
°C/W)
RθJA
(
°C/W)
56-pin DAD TSSOP
1.14
See Note 1
(1) The TAS5112 package is thermally enhanced for conductive
cooling using an exposed metal pad area. It is impractical to use the
device with the pad exposed to ambient air as the only heat sinking
of the device.
For this reason, RθJA, a system parameter that characterizes the
thermal treatment, is provided in the Application Information section
of the data sheet. An example and discussion of typical system
RθJA values are provided in the Thermal Information section. This
example provides additional information regarding the power
dissipation ratings. This example should be used as a reference to
calculate the heat dissipation ratings for a specific application. TI
application engineering provides technical support to design
heatsinks if needed.


Similar Part No. - TAS5112

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5112 TI-TAS5112 Datasheet
276Kb / 19P
[Old version datasheet]   DIGITAL AMPLIFIER POWER STAGE
TAS5112A TI-TAS5112A Datasheet
534Kb / 22P
[Old version datasheet]   DIGITAL AMPLIIFIER POWER STAGE
TAS5112ADCA TI-TAS5112ADCA Datasheet
534Kb / 22P
[Old version datasheet]   DIGITAL AMPLIIFIER POWER STAGE
TAS5112ADCAG4 TI-TAS5112ADCAG4 Datasheet
534Kb / 22P
[Old version datasheet]   DIGITAL AMPLIIFIER POWER STAGE
TAS5112ADCAR TI-TAS5112ADCAR Datasheet
534Kb / 22P
[Old version datasheet]   DIGITAL AMPLIIFIER POWER STAGE
More results

Similar Description - TAS5112

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5111A TI-TAS5111A_15 Datasheet
428Kb / 19P
[Old version datasheet]   DIGITAL AMPLIFIER POWER STAGE
TAS5112A TI-TAS5112A_15 Datasheet
866Kb / 30P
[Old version datasheet]   DIGITAL AMPLIFIER POWER STAGE
TAS5111 TI-TAS5111 Datasheet
202Kb / 16P
[Old version datasheet]   DIGITAL AMPLIFIER POWER STAGE
TAS5121I TI-TAS5121I_15 Datasheet
478Kb / 23P
[Old version datasheet]   DIGITAL AMPLIFIER POWER STAGE
TAS5121 TI-TAS5121 Datasheet
321Kb / 17P
[Old version datasheet]   DIGITAL AMPLIFIER POWER STAGE
TAS5112 TI-TAS5112 Datasheet
276Kb / 19P
[Old version datasheet]   DIGITAL AMPLIFIER POWER STAGE
TAS5132 TI-TAS5132 Datasheet
388Kb / 23P
[Old version datasheet]   STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5132_0702 TI-TAS5132_0702 Datasheet
512Kb / 31P
[Old version datasheet]   STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5142 TI-TAS5142 Datasheet
583Kb / 26P
[Old version datasheet]   STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5152 TI-TAS5152_15 Datasheet
558Kb / 30P
[Old version datasheet]   STEREO DIGITAL AMPLIFIER POWER STAGE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com