Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TAS5424BTDKDRQ1 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5424BTDKDRQ1
Description  FOUR-CHANNEL AUTOMOTIVE DIGITAL AMPLIFIERS
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS5424BTDKDRQ1 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TAS5424BTDKDRQ1 Datasheet HTML 3Page - Texas Instruments TAS5424BTDKDRQ1 Datasheet HTML 4Page - Texas Instruments TAS5424BTDKDRQ1 Datasheet HTML 5Page - Texas Instruments TAS5424BTDKDRQ1 Datasheet HTML 6Page - Texas Instruments TAS5424BTDKDRQ1 Datasheet HTML 7Page - Texas Instruments TAS5424BTDKDRQ1 Datasheet HTML 8Page - Texas Instruments TAS5424BTDKDRQ1 Datasheet HTML 9Page - Texas Instruments TAS5424BTDKDRQ1 Datasheet HTML 10Page - Texas Instruments TAS5424BTDKDRQ1 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 46 page
background image
TAS5414B-Q1
TAS5424B-Q1
www.ti.com
SLOS673
– DECEMBER 2011
ELECTROSTATIC DISCHARGE (ESD)
PARAMETER
Package
Pins
VALUE
UNIT
(Typical)
Human Body Model
(HBM)
All
All
3000
AEC-Q100-002
Corner Pins excluding OSC_SYNC
1000
DKD/DKE
All other pins (including OSC_SYNC) except CP pin
500
Charged Device Model
CP Pin (Non-Corner Pin)
400
V
(CDM)
Corner Pins excluding SCL
750
AEC-Q100-011
PHD
All Pins (including SCL) except CP and CP_Top
600
CP and CP_Top Pins
400
DKD/DKE
150
Machine Model (MM)
AEC-Q100-003
PHD
100
RECOMMENDED OPERATING CONDITIONS
(1)
MIN
TYP
MAX
UNIT
PVDDOP
DC supply voltage range relative to GND
6
14.4
24
V
VAIN_5414
(2)
Analog audio input signal level (TAS5414B-Q1)
AC-coupled input voltage
0
0.25
–1(3)
Vrms
Analog audio input signal level (TAS5424B-Q1)
AC-coupled input voltage
0
Vrms
VAIN_5424
(2)
0.5
–2(3)
TA
Ambient temperature
–40
105
°C
An adequate heat sink is required
TJ
Junction temperature
–40
115
°C
to keep TJ within specified range.
RL
Nominal speaker load impedance
2
4
VPU
Pullup voltage supply (for open-drain logic outputs)
3
3.3 or 5
5.5
V
Resistor connected between
RPU_EXT
External pullup resistor on open-drain logic outputs
open-drain logic output and VPU
10
50
k
supply
RPU_I2C
1
4.7
10
k
I2C pullup resistance on SDA and SCL pins
Total resistance of voltage divider for I2C address
RI2C_ADD
10
50
k
slave 1 or slave 2, connected between D_BYP and
GND pins
RREXT
External resistance on REXT pin
1% tolerance required
19.8
20
20.2
k
CD_BYP , CA_BYP
External capacitance on D_BYP and A_BYP pins
10
120
nF
COUT
External capacitance to GND on OUT_X pins
150
680
nF
External capacitance to analog input pin in series
CIN
0.47
μF
with input signal
CFLY
Flying capacitor on charge pump
0.47
1
1.5
μF
CP
Charge pump capacitor
50V needed for Load Dump
0.47
1
1.5
μF
CMUTE
MUTE pin capacitor
100
220
1000
nF
COSCSYNC_MAX
Allowed loading capacitance on OSC_SYNC pin
75
pF
(1)
The Recommended Operating Conditions table specifies only that the device is functional in the given range. See the Electrical
Characteristics table for specified performance limits.
(2)
Signal input for full unclipped output with gains of 32 dB, 26 dB, 20 dB, and 12 dB
(3)
Maximum recommended input voltage is determined by the gain setting.
Copyright
© 2011, Texas Instruments Incorporated
7


Similar Part No. - TAS5424BTDKDRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5424 TI-TAS5424 Datasheet
880Kb / 41P
[Old version datasheet]   FOUR-CHANNEL AUTOMOTIVE DIGITAL AMPLIFIERS
TAS5424 TI-TAS5424 Datasheet
886Kb / 44P
[Old version datasheet]   FOUR-CHANNEL AUTOMOTIVE DIGITAL AMPLIFIERS
TAS5424 TI-TAS5424 Datasheet
1,015Kb / 44P
[Old version datasheet]   FOUR-CHANNEL AUTOMOTIVE DIGITAL AMPLIFIERS
TAS5424A TI-TAS5424A Datasheet
990Kb / 44P
[Old version datasheet]   FOUR-CHANNEL AUTOMOTIVE DIGITAL AMPLIFIERS
TAS5424A TI-TAS5424A Datasheet
1Mb / 48P
[Old version datasheet]   FOUR-CHANNEL AUTOMOTIVE DIGITAL AMPLIFIERS
More results

Similar Description - TAS5424BTDKDRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5414A TI-TAS5414A_15 Datasheet
1Mb / 53P
[Old version datasheet]   FOUR-CHANNEL AUTOMOTIVE DIGITAL AMPLIFIERS
TAS5414C-Q1 TI1-TAS5414C-Q1 Datasheet
1Mb / 53P
[Old version datasheet]   Four-Channel Automotive Digital Amplifiers
TAS5414A TI1-TAS5414A_17 Datasheet
3Mb / 55P
[Old version datasheet]   FOUR-CHANNEL AUTOMOTIVE DIGITAL AMPLIFIERS
TAS5414A TI-TAS5414A Datasheet
990Kb / 44P
[Old version datasheet]   FOUR-CHANNEL AUTOMOTIVE DIGITAL AMPLIFIERS
TAS5414B-Q1 TI1-TAS5414B-Q1 Datasheet
1,009Kb / 39P
[Old version datasheet]   FOUR-CHANNEL AUTOMOTIVE DIGITAL AMPLIFIERS
TAS5414B-Q1 TI-TAS5414B-Q1_15 Datasheet
1Mb / 43P
[Old version datasheet]   FOUR-CHANNEL AUTOMOTIVE DIGITAL AMPLIFIERS
TAS5414_0705 TI-TAS5414_0705 Datasheet
886Kb / 44P
[Old version datasheet]   FOUR-CHANNEL AUTOMOTIVE DIGITAL AMPLIFIERS
TAS5414CTPHDRQ1 TI-TAS5414CTPHDRQ1 Datasheet
1Mb / 39P
[Old version datasheet]   FOUR-CHANNEL AUTOMOTIVE DIGITAL AMPLIFIERS
TAS5414 TI-TAS5414 Datasheet
880Kb / 41P
[Old version datasheet]   FOUR-CHANNEL AUTOMOTIVE DIGITAL AMPLIFIERS
TAS5414A TI-TAS5414A_08 Datasheet
1Mb / 48P
[Old version datasheet]   FOUR-CHANNEL AUTOMOTIVE DIGITAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com