Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TAS5710PHP Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5710PHP
Description  20-W STEREO DIGITAL AUDIO POWER AMPLIFIER WITH EQ/DRC and FEEDBACK
Download  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS5710PHP Datasheet(HTML) 9 Page - Texas Instruments

Back Button TAS5710PHP Datasheet HTML 5Page - Texas Instruments TAS5710PHP Datasheet HTML 6Page - Texas Instruments TAS5710PHP Datasheet HTML 7Page - Texas Instruments TAS5710PHP Datasheet HTML 8Page - Texas Instruments TAS5710PHP Datasheet HTML 9Page - Texas Instruments TAS5710PHP Datasheet HTML 10Page - Texas Instruments TAS5710PHP Datasheet HTML 11Page - Texas Instruments TAS5710PHP Datasheet HTML 12Page - Texas Instruments TAS5710PHP Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 58 page
background image
AC Characteristics
AC Characteristics
TAS5710
www.ti.com............................................................................................................................................................................................... SLOS605 – JANUARY 2009
PVCC_x = AVCC = 18V, BTL BD Mode, FS=48KHz, TA = 25°C, AVDD = DVDD = 3.3 V, RL = 8 Ω, CBST = 220 nF, Audio
Frequency = 1 kHz, AES17 filter (unless otherwise noted). All performance is in accordance with recommended operating
conditions (unless otherwise specified).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
KSVR
Supply ripple rejection
200-mVPP ripple at 1 kHz, no audio input
–80
dB
PO
Continuous output
THD+N = 10%, f = 1 kHz
20.2
W
power
THD+N = 7%, f = 1 kHz
18.8
W
THD+N
Total harmonic distortion f = 1 kHz, PO = 1 W
0.03%
+ noise
Vn
Output integrated noise
A-weighted
105
µV
(rms)
Crosstalk
PO= 1 W, f = 1 kHz
–63
dB
SNR
Signal-to-noise ratio(1)
Maximum Power at THD+N < 1%, f = 1 kHz,
100
dB
A-weighted
(1)
SNR is calculated relative to 0-dbFS Input Level
PVCC_x = AVCC = 12V, BTL BD Mode, FS=48KHz, TA = 25°C, AVDD = DVDD = 3.3 V, RL = 8 Ω, CBST = 220 nF, Audio
Frequency = 1 kHz, AES17 filter (unless otherwise noted). All performance is in accordance with recommended operating
conditions (unless otherwise specified).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
KSVR
Supply ripple rejection
200-mVPP ripple at 1 kHz, no audio input
–80
dB
PO
Continuous output power
THD+N = 10%, f = 1 kHz
8.8
W
THD+N = 7%, f = 1 kHz
8.4
W
THD+N
Total harmonic distortion
f = 1 kHz, PO = 1 W
0.04%
+ noise
Vn
Output integrated noise
A-weighted
106
µV
(rms)
Crosstalk
f = 1 kHz, PO = 1 W
–63
dB
SNR
Signal-to-noise ratio(1)
Maximum Power at THD+N < 1%,
97
dB
f = 1 kHz, A-weighted
(1)
SNR is calculated relative to 0-dbFS Input Level
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): TAS5710


Similar Part No. - TAS5710PHP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5710 TI-TAS5710 Datasheet
628Kb / 26P
[Old version datasheet]   20-W STEREO DIGITAL AUDIO POWER AMPLIFIER
More results

Similar Description - TAS5710PHP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5708 TI-TAS5708 Datasheet
1Mb / 56P
[Old version datasheet]   20-W STEREO DIGITAL AUDIO POWER AMPLIFIER WITH EQ/DRC and FEEDBACK
TAS5716 TI1-TAS5716_16 Datasheet
1Mb / 64P
[Old version datasheet]   20-W Stereo Digital-Audio Power Amplifier With EQ and DRC
TAS5706A TI1-TAS5706A_16 Datasheet
1Mb / 71P
[Old version datasheet]   20-W Stereo Digital Audio Power Amplifier with EQ and DRC
logo
Eutech Microelectronics...
EUA2307 EUTECH-EUA2307 Datasheet
100Kb / 1P
   20-W Stereo Digital Audio Power Amplifier with EQ and DRC
logo
Texas Instruments
TAS5707 TI-TAS5707 Datasheet
1Mb / 55P
[Old version datasheet]   20-W STEREO DIGITAL AUDIO POWER AMPLIFIER WITH EQ AND DRC
TAS5709 TI1-TAS5709_16 Datasheet
1Mb / 61P
[Old version datasheet]   20-W STEREO DIGITAL AUDIO POWER AMPLIFIER WITH EQ AND DRC
TAS5709 TI-TAS5709_15 Datasheet
1Mb / 60P
[Old version datasheet]   20-W STEREO DIGITAL AUDIO POWER AMPLIFIER WITH EQ AND DRC
TAS5706BPAPR TI1-TAS5706BPAPR Datasheet
1Mb / 71P
[Old version datasheet]   20-W Stereo Digital Audio Power Amplifier with EQ and DRC
TAS5706A_0812 TI-TAS5706A_0812 Datasheet
1Mb / 65P
[Old version datasheet]   20-W Stereo Digital Audio Power Amplifier with EQ and DRC
TAS5706A TI-TAS5706A Datasheet
1Mb / 63P
[Old version datasheet]   20-W Stereo Digital Audio Power Amplifier with EQ and DRC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com