Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TB14F Datasheet(PDF) 3 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

Part # TB14F
Description  1A SURFACE MOUNT SCHOTTKY BRIDGE
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YFWDIODE [DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD]
Direct Link  http://www.yfwdiode.com/
Logo YFWDIODE - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

TB14F Datasheet(HTML) 3 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

  TB14F Datasheet HTML 1Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD TB14F Datasheet HTML 2Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD TB14F Datasheet HTML 3Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Marking
Type number
Marking code
TB14F
TB16F
TB18F
TB110F
TBxxF
TB120F
TB14F
TB16F
TB18F
TB110F
TB120F
TB14F THRU TB120F
The recommended mounting pad size
4.0
157
6.2
244
1.0
39
2.0
79
mm
(mil)
Unit :
PACKAGE OUTLINE
Plastic surface mounted package; 4 leads
UNIT
mm
1.2
0.22
5.2
4.5
6.4
1.0
0.15
4.9
4.2
6.0
max
min
mil
max
min
47
39
8.7
5.9
205
193
177
166
252
236
A
C
D
E
HE
d
0.7
0.5
28
20
e
4.2
3.8
165
150
L
L1
a
0.95
0.6
37
24
0.2
8
∠ALL ROUND
HE
L
a
L1
E
d
∠ALL ROUND
ABF mechanical data
ABF
www.yfwdiode.com


Similar Part No. - TB14F

ManufacturerPart #DatasheetDescription
logo
Dongguan Pingjingsemi T...
TB14F-PJ PJSEMI-TB14F-PJ Datasheet
453Kb / 3P
   SURFACE MOUNT SCHOTTKY BRIDGE RECTIFIERS
More results

Similar Description - TB14F

ManufacturerPart #DatasheetDescription
logo
DONGGUAN YOU FENG WEI E...
MB14F-MBF YFWDIODE-MB14F-MBF Datasheet
427Kb / 3P
   1A SURFACE MOUNT SCHOTTKY BRIDGE
TB14S-LBF YFWDIODE-TB14S-LBF Datasheet
422Kb / 3P
   1A SURFACE MOUNT SCHOTTKY BRIDGE
UMB14 YFWDIODE-UMB14 Datasheet
434Kb / 3P
   1A SURFACE MOUNT SCHOTTKY BRIDGE
MB14S-MBS YFWDIODE-MB14S-MBS Datasheet
433Kb / 3P
   1A SURFACE MOUNT SCHOTTKY BRIDGE
MB14F YFWDIODE-MB14F Datasheet
91Kb / 3P
   1A SURFACE MOUNT SCHOTTKY BRIDGE
MB14F YFWDIODE-MB14F_V01 Datasheet
497Kb / 3P
   1A SURFACE MOUNT SCHOTTKY BRIDGE
logo
SHIKUES Electronics
MB14S SKTECHNOLGY-MB14S Datasheet
298Kb / 3P
   1A SURFACE MOUNT SCHOTTKY BRIDGE
logo
DONGGUAN YOU FENG WEI E...
TB14S YFWDIODE-TB14S Datasheet
508Kb / 3P
   1A SURFACE MOUNT SCHOTTKY BRIDGE
MB14S YFWDIODE-MB14S Datasheet
500Kb / 3P
   1A SURFACE MOUNT SCHOTTKY BRIDGE
logo
SHIKUES Electronics
MB14FK SKTECHNOLGY-MB14FK Datasheet
286Kb / 3P
   1A SURFACE MOUNT SCHOTTKY BRIDGE
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com