Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDRH50D43RNP-101MC Datasheet(PDF) 2 Page - Sumida Corporation

Part # CDRH50D43RNP-101MC
Description  SMD Power Inductor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CDRH50D43RNP-101MC Datasheet(HTML) 2 Page - Sumida Corporation

  CDRH50D43RNP-101MC Datasheet HTML 1Page - Sumida Corporation CDRH50D43RNP-101MC Datasheet HTML 2Page - Sumida Corporation CDRH50D43RNP-101MC Datasheet HTML 3Page - Sumida Corporation CDRH50D43RNP-101MC Datasheet HTML 4Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Page 2 of 4
Revised: 7-Jan-14
SMD
SMD
SMD
SMD Power Inductor
Power Inductor
Power Inductor
Power Inductor
CDRH50D43R
Electrical Characteristics
※1. Measuring condition: at 100kHz.
※2. Saturation current: The value of D.C. current when the inductance decreases to 70% of it’s nominal value.
※3. Temperature rise current: The value of D.C. current when the temperature rise is △t=40℃(Ta=20℃).
0.49
0.30
0.36
975
±20%
220
±20%
R
CDRH50D43RNP-221MC
0.51
0.37
0.44
775
±20%
150
±20%
Q
CDRH50D43RNP-151MC
0.65
0.45
0.54
545
±20%
100
±20%
P
CDRH50D43RNP-101MC
0.72
0.53
0.65
430
±20%
68
±20%
N
CDRH50D43RNP-680MC
0.91
0.67
0.78
270
±20%
47
±20%
M
CDRH50D43RNP-470MC
1.25
0.80
0.96
160
±20%
33
±20%
K
CDRH50D43RNP-330MC
1.44
0.97
1.16
112
±20%
22
±20%
J
CDRH50D43RNP-220MC
1.90
1.28
1.44
72
±25%
15
±20%
H
CDRH50D43RNP-150MC
2.40
1.48
1.75
47
±25%
10
±20%
G
CDRH50D43RNP-100MC
2.80
1.70
2.12
37
±25%
6.8
±20%
F
CDRH50D43RNP-6R8MC
3.20
2.08
2.44
30
±25%
4.7
±20%
E
CDRH50D43RNP-4R7MC
3.50
2.50
2.90
25
±25%
3.3
±30%
D
CDRH50D43RNP-3R3NC
3.80
3.00
3.60
22
±25%
2.2
±30%
C
CDRH50D43RNP-2R2NC
(at 105
℃)
(at 20
℃)
Temperature rise
current (A)
※3
Saturation current
(A)
※2
D.C.R.(
mΩ)
[Within]
(at 20
℃)
Inductance (
μH)
[Within]
※1
Stamp
Part No.


Similar Part No. - CDRH50D43RNP-101MC

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDRH50D43RNP-101MC SUMIDA-CDRH50D43RNP-101MC Datasheet
569Kb / 9P
   Power Inductor
More results

Similar Description - CDRH50D43RNP-101MC

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDH5D16 SUMIDA-CDH5D16 Datasheet
169Kb / 2P
   SMD Power Inductor SMD Power Inductor
logo
Allied Components Inter...
PCSE15Q8 ALLIED-PCSE15Q8 Datasheet
926Kb / 1P
   SMD Power Inductor
logo
Sumida Corporation
CDRH127HP SUMIDA-CDRH127HP Datasheet
338Kb / 5P
   SMD Power Inductor
CDRH125L125 SUMIDA-CDRH125L125_14 Datasheet
264Kb / 5P
   SMD Power Inductor
CDRH30D14R SUMIDA-CDRH30D14R_14 Datasheet
206Kb / 3P
   SMD Power Inductor
CDRH4D18 SUMIDA-CDRH4D18_14 Datasheet
272Kb / 5P
   SMD Power Inductor
CDRH4D16FB SUMIDA-CDRH4D16FB_14 Datasheet
161Kb / 4P
   SMD Power Inductor
CDRH4D14 SUMIDA-CDRH4D14_14 Datasheet
171Kb / 4P
   SMD Power Inductor
CDRH2D11HP SUMIDA-CDRH2D11HP_14 Datasheet
160Kb / 2P
   SMD Power Inductor
CDRH2D09C SUMIDA-CDRH2D09C_14 Datasheet
167Kb / 4P
   SMD Power Inductor
CDR10D48MN SUMIDA-CDR10D48MN_13 Datasheet
156Kb / 5P
   SMD Power Inductor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com