Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDRH50D28RNP-220MC Datasheet(PDF) 1 Page - Sumida Corporation

Part # CDRH50D28RNP-220MC
Description  SMD Power Inductor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CDRH50D28RNP-220MC Datasheet(HTML) 1 Page - Sumida Corporation

  CDRH50D28RNP-220MC Datasheet HTML 1Page - Sumida Corporation CDRH50D28RNP-220MC Datasheet HTML 2Page - Sumida Corporation CDRH50D28RNP-220MC Datasheet HTML 3Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Page 1 of 3
Revised: 7-Jan-14
SMD
SMD
SMD
SMD Power Inductor
Power Inductor
Power Inductor
Power Inductor
CDRH50D28R
Description
• Ferrite drum core construction.
• Magnetically shielded.
• L
×W×H: 5.3×5.3×3.0mm Max.
• Product weight: 0.25g(Ref.)
• Moisture Sensitivity Level: 1
• RoHS compliance.
• Halogen Free available.
Environmental Data
• Operating temperature range: -40
℃~+105℃
(including coil’s self temperature rise)
• Storage temperature range: -40
℃~+105℃
• Solder reflow temperature: 260
℃ peak.
Packaging
• Carrier tape and reel packaging.
• 13.0”diameter reel
• 2000pcs per reel
Applications
• Ideally used in Mobilephone,PDA,MP3,DSC/
DVC, HDD, etc as DC-DC converter inductors.
Halogen
Free
RoHS
Dimension - [mm]
Land pattern and Schematics - [mm]
Electrical Characteristics
※1. Inductance measuring condition: at 100kHz.
※2. Saturation current: The value of D.C. current when the inductance decreases to 70% of it’s nominal value.
※3. Temperature rise current: The value of D.C. current when the temperature rise is △t=40℃(Ta=20℃).
0.78
0.65
0.78
370
±20%
47
±20%
L
CDRH50D28RNP-470MC
0.98
0.78
0.94
248
±20%
33
±20%
K
CDRH50D28RNP-330MC
1.16
0.98
1.15
175
±20%
22
±20%
J
CDRH50D28RNP-220MC
1.30
1.10
1.40
140
±20%
15
±20%
H
CDRH50D28RNP-150MC
1.75
1.40
1.70
87
±25%
10
±20%
G
CDRH50D28RNP-100MC
2.20
1.75
2.10
61
±25%
6.8
±20%
F
CDRH50D28RNP-6R8MC
2.70
2.15
2.50
40
±25%
4.7
±20%
E
CDRH50D28RNP-4R7MC
3.50
2.55
3.10
25
±25%
3.0
±20%
D
CDRH50D28RNP-3R0MC
4.30
3.05
3.65
17
±25%
2.2
±30%
C
CDRH50D28RNP-2R2NC
4.70
3.60
4.20
15
±25%
1.6
±30%
B
CDRH50D28RNP-1R6NC
5.40
4.10
4.80
13
±25%
1.2
±30%
A
CDRH50D28RNP-1R2NC
(at 105
℃)
(at 20
℃)
Temperature rise
current (A)
※3
Saturation current
( A )
※2
D.C.R. (m
Ω)
[Within]
(at 20
℃)
Inductance (
μH )
[Within]※1
Stamp
Part No.


Similar Part No. - CDRH50D28RNP-220MC

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDRH50D28RNP-220NC SUMIDA-CDRH50D28RNP-220NC Datasheet
569Kb / 9P
   Power Inductor
More results

Similar Description - CDRH50D28RNP-220MC

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDH5D16 SUMIDA-CDH5D16 Datasheet
169Kb / 2P
   SMD Power Inductor SMD Power Inductor
logo
Allied Components Inter...
PCSE15Q8 ALLIED-PCSE15Q8 Datasheet
926Kb / 1P
   SMD Power Inductor
logo
Sumida Corporation
CDRH127HP SUMIDA-CDRH127HP Datasheet
338Kb / 5P
   SMD Power Inductor
CDRH125L125 SUMIDA-CDRH125L125_14 Datasheet
264Kb / 5P
   SMD Power Inductor
CDRH30D14R SUMIDA-CDRH30D14R_14 Datasheet
206Kb / 3P
   SMD Power Inductor
CDRH4D18 SUMIDA-CDRH4D18_14 Datasheet
272Kb / 5P
   SMD Power Inductor
CDRH4D16FB SUMIDA-CDRH4D16FB_14 Datasheet
161Kb / 4P
   SMD Power Inductor
CDRH4D14 SUMIDA-CDRH4D14_14 Datasheet
171Kb / 4P
   SMD Power Inductor
CDRH2D11HP SUMIDA-CDRH2D11HP_14 Datasheet
160Kb / 2P
   SMD Power Inductor
CDRH2D09C SUMIDA-CDRH2D09C_14 Datasheet
167Kb / 4P
   SMD Power Inductor
CDR10D48MN SUMIDA-CDR10D48MN_13 Datasheet
156Kb / 5P
   SMD Power Inductor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com