Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDRH5D28RH125NP-150MC Datasheet(PDF) 2 Page - Sumida Corporation

Part # CDRH5D28RH125NP-150MC
Description  SMD Power Inductor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CDRH5D28RH125NP-150MC Datasheet(HTML) 2 Page - Sumida Corporation

  CDRH5D28RH125NP-150MC Datasheet HTML 1Page - Sumida Corporation CDRH5D28RH125NP-150MC Datasheet HTML 2Page - Sumida Corporation CDRH5D28RH125NP-150MC Datasheet HTML 3Page - Sumida Corporation CDRH5D28RH125NP-150MC Datasheet HTML 4Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Page 2 of 4
Revised: 7-Jan-14
SMD
SMD
SMD
SMD Power Inductor
Power Inductor
Power Inductor
Power Inductor
CDRH5D28R/H125
Electrical Characteristics
※1. Saturation current: The value of D.C. current when the inductance decreases to 65% of it’s nominal value.
※2. Temperature rise current: The value of D.C. current when the temperature rise is △t=40℃(Ta=20℃).
0.46
0.62
0.80
1020(815)
100
±20%
101
CDRH5D28RH125NP-1Ø1MC
0.54
0.74
0.95
685(548)
68
±20%
680
CDRH5D28RH125NP-68ØMC
0.64
0.91
1.16
500(400)
47
±20%
470
CDRH5D28RH125NP-47ØMC
0.80
1.12
1.41
334(267)
33
±20%
330
CDRH5D28RH125NP-33ØMC
0.90
1.33
1.70
266(213)
22
±20%
220
CDRH5D28RH125NP-22ØMC
1.24
1.63
2.08
148(118)
15
±20%
150
CDRH5D28RH125NP-15ØMC
1.40
1.93
2.46
121(97.0)
10
±20%
100
CDRH5D28RH125NP-1ØØMC
1.80
2.44
3.08
77.5(62.0)
6.8
±25%
6R8
CDRH5D28RH125NP-6R8PC
2.20
2.89
3.70
54.0(43.0)
4.7
±25%
4R7
CDRH5D28RH125NP-4R7PC
2.72
3.40
4.30
35.5(28.5)
3.3
±25%
3R3
CDRH5D28RH125NP-3R3PC
3.20
4.00
5.30
27.0(21.5)
2.4
±25%
2R4
CDRH5D28RH125NP-2R4PC
3.60
5.10
6.50
20.0(16.0)
1.5
±25%
1R5
CDRH5D28RH125NP-1R5PC
4.10
5.60
7.10
17.0(13.5)
1.0
±25%
1R0
CDRH5D28RH125NP-1RØPC
(at125
℃)
Typ.
(at20
℃)
Temperature rise
current (
A)※2
Saturation current
(A)
※1
D.C.R.
(m
Ω)
[Max.]
(at 20
℃)
Inductance
[
μH]
100kHz
Stamp
Part No.


Similar Part No. - CDRH5D28RH125NP-150MC

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDRH5D28RH125NP-150MC SUMIDA-CDRH5D28RH125NP-150MC Datasheet
183Kb / 4P
   Ferrite drum core construction
More results

Similar Description - CDRH5D28RH125NP-150MC

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDH5D16 SUMIDA-CDH5D16 Datasheet
169Kb / 2P
   SMD Power Inductor SMD Power Inductor
logo
Allied Components Inter...
PCSE15Q8 ALLIED-PCSE15Q8 Datasheet
926Kb / 1P
   SMD Power Inductor
logo
Sumida Corporation
CDRH127HP SUMIDA-CDRH127HP Datasheet
338Kb / 5P
   SMD Power Inductor
CDRH125L125 SUMIDA-CDRH125L125_14 Datasheet
264Kb / 5P
   SMD Power Inductor
CDRH30D14R SUMIDA-CDRH30D14R_14 Datasheet
206Kb / 3P
   SMD Power Inductor
CDRH4D18 SUMIDA-CDRH4D18_14 Datasheet
272Kb / 5P
   SMD Power Inductor
CDRH4D16FB SUMIDA-CDRH4D16FB_14 Datasheet
161Kb / 4P
   SMD Power Inductor
CDRH4D14 SUMIDA-CDRH4D14_14 Datasheet
171Kb / 4P
   SMD Power Inductor
CDRH2D11HP SUMIDA-CDRH2D11HP_14 Datasheet
160Kb / 2P
   SMD Power Inductor
CDRH2D09C SUMIDA-CDRH2D09C_14 Datasheet
167Kb / 4P
   SMD Power Inductor
CDR10D48MN SUMIDA-CDR10D48MN_13 Datasheet
156Kb / 5P
   SMD Power Inductor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com