Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDRH6D38T125NP-6R8NC Datasheet(PDF) 2 Page - Sumida Corporation

Part # CDRH6D38T125NP-6R8NC
Description  SMD Power Inductor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CDRH6D38T125NP-6R8NC Datasheet(HTML) 2 Page - Sumida Corporation

  CDRH6D38T125NP-6R8NC Datasheet HTML 1Page - Sumida Corporation CDRH6D38T125NP-6R8NC Datasheet HTML 2Page - Sumida Corporation CDRH6D38T125NP-6R8NC Datasheet HTML 3Page - Sumida Corporation CDRH6D38T125NP-6R8NC Datasheet HTML 4Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Page 2 of 4
Revised: 7-Jan-14
SMD
SMD
SMD
SMD Power Inductor
Power Inductor
Power Inductor
Power Inductor
CDRH6D38/T125
Electrical Characteristics
※1. Saturation current: The value of D.C. current when the inductance decreases to 65% of it’s nominal value.
※2. Temperature rise current: The value of D.C. current when the temperature rise is △t=40℃(Ta=20℃).
0.85
0.55
0.68
372(298)
100
±25%
101
CDRH6D38T125NP-1Ø1PC
1.00
0.65
0.85
250(200)
68
±25%
680
CDRH6D38T125NP-68ØPC
1.20
0.80
1.00
181(145)
47
±25%
470
CDRH6D38T125NP-47ØPC
1.45
0.95
1.25
145(116)
33
±25%
330
CDRH6D38T125NP-33ØPC
1.65
1.00
1.50
103.4(82.7)
22
±25%
220
CDRH6D38T125NP-22ØPC
2.20
1.50
1.80
59.8(47.8)
15
±25%
150
CDRH6D38T125NP-15ØPC
3.00
1.70
2.20
43.5(34.8)
10
±25%
100
CDRH6D38T125NP-1ØØPC
3.30
2.00
2.65
33.0(26.4)
6.8
±30%
6R8
CDRH6D38T125NP-6R8NC
3.50
2.10
2.85
30.5(24.4)
5.6
±30%
5R6
CDRH6D38T125NP-5R6NC
3.80
2.40
3.10
27.5(22.0)
4.7
±30%
4R7
CDRH6D38T125NP-4R7NC
4.00
2.50
3.30
24.5(19.6)
3.9
±30%
3R9
CDRH6D38T125NP-3R9NC
4.50
3.00
3.90
22.0(17.5)
3.0
±30%
3R0
CDRH6D38T125NP-3RØNC
(at125
℃)
(Typ.)
(at20
℃)
Temperature
Rise Current
(A)
※2
Saturation Current
(A)
※1
D.C.R.(m
Ω)
[Max.]
(at 20
℃)
Inductance
(
μH)
100kHz
Stamp
Part Name


Similar Part No. - CDRH6D38T125NP-6R8NC

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDRH6D38T125NP-6R8NC SUMIDA-CDRH6D38T125NP-6R8NC Datasheet
202Kb / 4P
   Ferrite drum core construction.
More results

Similar Description - CDRH6D38T125NP-6R8NC

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDH5D16 SUMIDA-CDH5D16 Datasheet
169Kb / 2P
   SMD Power Inductor SMD Power Inductor
logo
Allied Components Inter...
PCSE15Q8 ALLIED-PCSE15Q8 Datasheet
926Kb / 1P
   SMD Power Inductor
logo
Sumida Corporation
CDRH127HP SUMIDA-CDRH127HP Datasheet
338Kb / 5P
   SMD Power Inductor
CDRH125L125 SUMIDA-CDRH125L125_14 Datasheet
264Kb / 5P
   SMD Power Inductor
CDRH30D14R SUMIDA-CDRH30D14R_14 Datasheet
206Kb / 3P
   SMD Power Inductor
CDRH4D18 SUMIDA-CDRH4D18_14 Datasheet
272Kb / 5P
   SMD Power Inductor
CDRH4D16FB SUMIDA-CDRH4D16FB_14 Datasheet
161Kb / 4P
   SMD Power Inductor
CDRH4D14 SUMIDA-CDRH4D14_14 Datasheet
171Kb / 4P
   SMD Power Inductor
CDRH2D11HP SUMIDA-CDRH2D11HP_14 Datasheet
160Kb / 2P
   SMD Power Inductor
CDRH2D09C SUMIDA-CDRH2D09C_14 Datasheet
167Kb / 4P
   SMD Power Inductor
CDR10D48MN SUMIDA-CDR10D48MN_13 Datasheet
156Kb / 5P
   SMD Power Inductor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com