Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCA6418E Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TCA6418E
Description  I2C CONTROLLED 18 CHANNEL GPIO EXPANDER
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TCA6418E Datasheet(HTML) 8 Page - Texas Instruments

Back Button TCA6418E Datasheet HTML 4Page - Texas Instruments TCA6418E Datasheet HTML 5Page - Texas Instruments TCA6418E Datasheet HTML 6Page - Texas Instruments TCA6418E Datasheet HTML 7Page - Texas Instruments TCA6418E Datasheet HTML 8Page - Texas Instruments TCA6418E Datasheet HTML 9Page - Texas Instruments TCA6418E Datasheet HTML 10Page - Texas Instruments TCA6418E Datasheet HTML 11Page - Texas Instruments TCA6418E Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 30 page
background image
VCC
Ramp-Up
Time to Re-Ramp
Time
Ramp-Down
VIN drops below POR levels
VCC_RT
VCC_FT
VCC_TRR_VPOR50
VCC
Ramp-Up
Re-Ramp-Up
Time to Re-Ramp
Time
Ramp-Down
VCC_RT
VCC_RT
VCC_FT
VCC_TRR_GND
TCA6418E
SCPS243 – SEPTEMBER 2012
www.ti.com
Power-On Reset
When power (from 0 V) is applied to VCC, an internal power-on reset holds the TCA6418E in a reset condition
until VCC reaches VPOR. At that time, the reset condition is released, and the TCA6418E registers and I
2C/SMBus
state machine initialize to their default states. After that, VCC must be lowered below 0.2 V and back up to the
operating voltage for a power-reset cycle.
Power-On Reset Requirements
In the event of a glitch or data corruption, TCA6418E can be reset to its default conditions by using the power-on
reset feature. Power-on reset requires that the device go through a power cycle to be completely reset. This
reset also happens when the device is powered on for the first time in an application.
The two types of power-on reset are shown in Figure 1 and Figure 2.
Figure 1. VCC is Lowered Below 0.2 V or 0 V and Then Ramped Up to VCC
Figure 2. VCC is Lowered Below the POR Threshold, Then Ramped Back Up to VCC
Table 2 specifies the performance of the power-on reset feature for TCA6418E for both types of power-on reset.
Table 2. RECOMMENDED SUPPLY SEQUENCING AND RAMP RATES(1)
PARAMETER
MIN
TYP
MAX
UNIT
VCC_FT
Fall rate
See Figure 1
1
100
ms
VCC_RT
Rise rate
See Figure 1
0.01
100
ms
VCC_TRR_GND
Time to re-ramp (when VCC drops to GND)
See Figure 1
0.001
ms
VCC_TRR_POR50
Time to re-ramp (when VCC drops to VPOR_MIN – 50 mV)
See Figure 2
0.001
ms
Level that VCCP can glitch down to, but not cause a functional
VCC_GH
See Figure 3
1.2
V
disruption when VCCX_GW = 1 μs
Glitch width that will not cause a functional disruption when
VCC_GW
See Figure 3
μs
VCCX_GH = 0.5 × VCCx
VPORF
Voltage trip point of POR on falling VCC
0.767
1.144
V
VPORR
Voltage trip point of POR on rising VCC
1.033
1.428
V
(1)
TA = –40°C to 85°C (unless otherwise noted)
8
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated
Product Folder Links: TCA6418E


Similar Part No. - TCA6418E

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TCA6418EYFPR TI1-TCA6418EYFPR Datasheet
796Kb / 29P
[Old version datasheet]   I2C CONTROLLED 18 CHANNEL GPIO EXPANDER
More results

Similar Description - TCA6418E

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TCA6418EYFPR TI1-TCA6418EYFPR Datasheet
796Kb / 29P
[Old version datasheet]   I2C CONTROLLED 18 CHANNEL GPIO EXPANDER
logo
ON Semiconductor
FXL6408 ONSEMI-FXL6408 Datasheet
805Kb / 17P
   Fully Configurable 8-Bit I2C-Controlled GPIO Expander
October 2012 Rev. 1.0.0
logo
Exar Corporation
XRA1201 EXAR-XRA1201 Datasheet
493Kb / 17P
   16-BIT I2C/SMBUS GPIO EXPANDER
XRA1207 EXAR-XRA1207 Datasheet
464Kb / 17P
   16-BIT I2C/SMBUS GPIO EXPANDER
XRA1200 EXAR-XRA1200 Datasheet
462Kb / 16P
   8-BIT I2C/SMBUS GPIO EXPANDER
XRA1206 EXAR-XRA1206 Datasheet
433Kb / 15P
   8-BIT I2C/SMBUS GPIO EXPANDER
XRA1203 EXAR-XRA1203 Datasheet
472Kb / 17P
   16-BIT I2C/SMBUS GPIO EXPANDER WITH RESET
XRA1202 EXAR-XRA1202 Datasheet
155Kb / 16P
   8-BIT I2C/SMBUS GPIO EXPANDER WITH RESET
logo
Rohm
BU1850MUV ROHM-BU1850MUV Datasheet
414Kb / 18P
   GPIO Expander IC
BU8272GUW ROHM-BU8272GUW Datasheet
391Kb / 18P
   GPIO Expander IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com