Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCA9544APWR Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TCA9544APWR
Description  Low Voltage 4-Channel I2C and SMBus Multiplexer With Interrupt Logic
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TCA9544APWR Datasheet(HTML) 9 Page - Texas Instruments

Back Button TCA9544APWR Datasheet HTML 5Page - Texas Instruments TCA9544APWR Datasheet HTML 6Page - Texas Instruments TCA9544APWR Datasheet HTML 7Page - Texas Instruments TCA9544APWR Datasheet HTML 8Page - Texas Instruments TCA9544APWR Datasheet HTML 9Page - Texas Instruments TCA9544APWR Datasheet HTML 10Page - Texas Instruments TCA9544APWR Datasheet HTML 11Page - Texas Instruments TCA9544APWR Datasheet HTML 12Page - Texas Instruments TCA9544APWR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 29 page
background image
RL = 4.7 kΩ
VCC
CL = 100 pF
(See Note A)
INTERRUPT LOAD CONFIGURATION
DUT
INT
0.5
× VCC
INTn
(input)
VOLTAGE WAVEFORMS (tiv)
tiv
VOLTAGE WAVEFORMS (tir)
INT
(output)
0.5
× VCC
INTn
(input)
INT
(output)
0.5
× VCC
0.5
× VCC
tir
NOTES: A. CL includes probe and jig capacitance.
B. All input pulses are supplied by generators having the following characteristics: PRR
≤ 10 MHz, ZO = 50 Ω, tr/tf ≤ 30 ns.
TCA9544A
www.ti.com
SCPS209A – MAY 2014 – REVISED MAY 2014
Parameter Measurement Information (continued)
Figure 6. Interrupt Load Circuit and Voltage Waveforms
Copyright © 2014, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: TCA9544A


Similar Part No. - TCA9544APWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TCA9543A TI1-TCA9543A Datasheet
1Mb / 32P
[Old version datasheet]   TCA9543A Low Voltage 2-Channel I2C Bus Switch With Interrupt Logic And Reset
TCA9543ADR TI1-TCA9543ADR Datasheet
1Mb / 32P
[Old version datasheet]   TCA9543A Low Voltage 2-Channel I2C Bus Switch With Interrupt Logic And Reset
TCA9543APWR TI1-TCA9543APWR Datasheet
1Mb / 32P
[Old version datasheet]   TCA9543A Low Voltage 2-Channel I2C Bus Switch With Interrupt Logic And Reset
TCA9543A TI1-TCA9543A_15 Datasheet
1Mb / 32P
[Old version datasheet]   TCA9543A Low Voltage 2-Channel I2C Bus Switch With Interrupt Logic And Reset
TCA9545A TI1-TCA9545A Datasheet
914Kb / 30P
[Old version datasheet]   Low Voltage 4-channel I2C and SMbus Switch With Interrupt Logic and Reset Functions
More results

Similar Description - TCA9544APWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCA9544A TI-PCA9544A_07 Datasheet
823Kb / 27P
[Old version datasheet]   4-CHANNEL I2C AND SMBus MULTIPLEXER WITH INTERRUPT LOGIC
PCA9544A TI-PCA9544A Datasheet
578Kb / 23P
[Old version datasheet]   4-CHANNEL IC AND SMBus MULTIPLEXER WITH INTERRUPT LOGIC
TCA9545A TI1-TCA9545A Datasheet
914Kb / 30P
[Old version datasheet]   Low Voltage 4-channel I2C and SMbus Switch With Interrupt Logic and Reset Functions
PCA9544A TI1-PCA9544A_16 Datasheet
1Mb / 35P
[Old version datasheet]   SMBus Multiplexer With Interrupt Logic
logo
NXP Semiconductors
PCA9544A NXP-PCA9544A_09 Datasheet
146Kb / 26P
   4-channel I2C-bus multiplexer with interrupt logic
Rev. 04-15 June 2009
PCA9544A NXP-PCA9544A Datasheet
143Kb / 27P
   4-channel I2C-bus multiplexer with interrupt logic
Rev. 03-24 November 2008
PCA9544ABS-T NXP-PCA9544ABS-T Datasheet
146Kb / 26P
   4-channel I2C-bus multiplexer with interrupt logic
Rev. 04-15 June 2009
logo
Texas Instruments
PCA9545A TI-PCA9545A Datasheet
834Kb / 28P
[Old version datasheet]   4-CHANNEL I2C AND SMBus SWITCH WITH INTERRUPT LOGIC AND RESET FUNCTIONS
logo
NXP Semiconductors
PCA9542A NXP-PCA9542A Datasheet
130Kb / 22P
   2-channel I2C-bus multiplexer and interrupt logic
Rev. 04-15 June 2009
PCA9544 PHILIPS-PCA9544 Datasheet
77Kb / 12P
   4-channel I2C multiplexer and interrupt controller
1999 Oct 07
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com