Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCAN330 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TCAN330
Description  3.3-V CAN Transceivers with CAN FD (Flexible Data Rate)
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TCAN330 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TCAN330 Datasheet HTML 2Page - Texas Instruments TCAN330 Datasheet HTML 3Page - Texas Instruments TCAN330 Datasheet HTML 4Page - Texas Instruments TCAN330 Datasheet HTML 5Page - Texas Instruments TCAN330 Datasheet HTML 6Page - Texas Instruments TCAN330 Datasheet HTML 7Page - Texas Instruments TCAN330 Datasheet HTML 8Page - Texas Instruments TCAN330 Datasheet HTML 9Page - Texas Instruments TCAN330 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 40 page
background image
6
TCAN330, TCAN332, TCAN334, TCAN337
TCAN330G, TCAN332G, TCAN334G, TCAN337G
SLLSEQ7D – DECEMBER 2015 – REVISED APRIL 2016
www.ti.com
Product Folder Links: TCAN330 TCAN332 TCAN334 TCAN337 TCAN330G TCAN332G TCAN334G TCAN337G
Submit Documentation Feedback
Copyright © 2015–2016, Texas Instruments Incorporated
(1)
The bus output voltage (recessive) will be the same if the device is in normal mode with S terminal LOW or if the device is in silent
mode with the S terminal is HIGH.
8.5 Electrical Characteristics
over operating free-air temperature range, TJ = –40°C to 150°C. All typical values are at 25°C and supply voltages of VCC =
3.3 V, RL = 60 Ω, (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SUPPLY
ICC
Supply current Normal Mode
Dominant
See Figure 18. TXD = 0 V, RL = 60 Ω,
CL = open, S, STB and SHDN = 0 V.
Typical Bus Load.
55
mA
See Figure 18. TXD = 0 V, RL = 50 Ω,
CL = open, S, STB and SHDN = 0 V.
High Bus Load.
60
Dominant with
bus fault
See Figure 18. TXD = 0 V, S, STB and
SHDN = 0 V, CANH = -12 V, RL = open,
CL = open
180
Recessive
See Figure 18. TXD = VCC, RL = 50 Ω,
CL = open, S, STB and SHDN = 0 V
3.5
Supply Current: Silent Mode
See Figure 18. TXD = VCC, RL = 50 Ω,
CL = open, S = VCC
2.5
Supply Current: Standby Mode
TA < 85°C, STB at VCC, RXD floating,
TXD at VCC
15
µA
STB at VCC, RXD floating, TXD at VCC
20
Supply Current: Shutdown Mode
TA < 85°C, SHDN at VCC, RXD floating,
TXD at VCC
1
SHDN = VCC, RXD floating, TXD at VCC
2.5
UV(VCC)
Rising under voltage detection on VCC for protected
mode
2.2
2.6
V
Falling under voltage detection on VCC for protected
mode
1.65
2
2.5
VHYS(UVVCC)
Hysteresis voltage on UV(VCC)
200
mV
DRIVER
VO(D)
Bus output voltage (dominant)
CANH
See Figure 31 and Figure 19, TXD = 0
V, S, STB and SHDN = 0 V, RL = 60 Ω,
CL = open
2.45
VCC
V
CANL
0.5
1.25
VO(R)
Bus output voltage (recessive)
See Figure 31 and Figure 19, TXD =
VCC, STB, SHDN = 0 V, S = 0 V or VCC
(1), R
L = open (no load)
1.85
V
VOD(D)
Differential output voltage (dominant)
See Figure 31 and Figure 19, TXD = 0
V, S, STB and SHDN = 0 V, 50
Ω ≤ RL
65
Ω, CL = open
1.6
3
V
See Figure 31 and Figure 19, TXD = 0
V, S, STB and SHDN = 0 V, 45
Ω ≤ RL <
50
Ω, CL = open
1.5
3
VOD(R)
Differential output voltage (recessive)
See Figure 31 and Figure 19, TXD =
VCC, S, STB and SHDN = 0 V, RL = 60
Ω, CL = open
–120
12
mV
TA < 85°C, See Figure 31 and Figure 19,
TXD = VCC, S, STB and SHDN = 0 V, RL
= open (no load), CL = open
–50
50
See Figure 31 and Figure 19, TXD =
VCC, S, STB and SHDN = 0 V, RL =
open (no load), CL = open
–50
100
V(SYM)
Output symmetry (dominant and recessive)
(CANHREC + CANLREC – CANHDOM – CANLDOM)
See Figure 31 and Figure 19, S, STB
and SHDN = 0 V, RL = 60 Ω, CL = open
–400
400
mV
IOS(DOM)
Short-circuit steady-state output current, Dominant
See Figure 26, V(CANH) = –12 V, CANL =
open, TXD = 0 V
–200
mA
See Figure 26, V(CANL) = 12 V, CANH =
open, TXD = 0 V
200
IOS(REC)
Short-circuit steady-state output current, Recessive
See Figure 26, –12 V
≤ VBUS ≤ 12 V,
VBUS = CANH = CANL, TXD = VCC
–5
5
mA


Similar Part No. - TCAN330

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TCAN330 TI1-TCAN330 Datasheet
1Mb / 39P
[Old version datasheet]   CAN Transceivers
TCAN330D TI1-TCAN330D Datasheet
1Mb / 39P
[Old version datasheet]   CAN Transceivers
TCAN330DCNR TI1-TCAN330DCNR Datasheet
1Mb / 39P
[Old version datasheet]   CAN Transceivers
TCAN330DCNT TI1-TCAN330DCNT Datasheet
1Mb / 39P
[Old version datasheet]   CAN Transceivers
TCAN330DR TI1-TCAN330DR Datasheet
1Mb / 39P
[Old version datasheet]   CAN Transceivers
More results

Similar Description - TCAN330

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TCAN3413 TI-TCAN3413_V01 Datasheet
1Mb / 42P
[Old version datasheet]   TCAN341x 3.3-V CAN FD Transceivers with Standby Mode
MARCH 2023
TCAN3413 TI-TCAN3413 Datasheet
1Mb / 42P
[Old version datasheet]   TCAN341x 3.3-V CAN FD Transceivers with Standby Mode
MARCH 2023
SN65HVD230 TI-SN65HVD230 Datasheet
416Kb / 29P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
SN65HVD232QDRG4Q1 TI1-SN65HVD232QDRG4Q1 Datasheet
429Kb / 30P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
SN65HVD234DRG4 TI-SN65HVD234DRG4 Datasheet
532Kb / 31P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
SN65HVD230Q-Q1 TI-SN65HVD230Q-Q1 Datasheet
396Kb / 28P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
SN65HVD230Q-Q1 TI1-SN65HVD230Q-Q1_14 Datasheet
499Kb / 32P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
SN65HVD230Q-Q1 TI-SN65HVD230Q-Q1_07 Datasheet
485Kb / 30P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
SN65HVD230 TI-SN65HVD230_06 Datasheet
444Kb / 32P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
SN65HVD230M-EP TI1-SN65HVD230M-EP Datasheet
770Kb / 31P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com