Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCAN1051HX Datasheet(PDF) 9 Page - Texas Instruments

Part # TCAN1051HX
Description  Fault Protected CAN Transceiver with CAN FD
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TCAN1051HX Datasheet(HTML) 9 Page - Texas Instruments

Back Button TCAN1051HX Datasheet HTML 5Page - Texas Instruments TCAN1051HX Datasheet HTML 6Page - Texas Instruments TCAN1051HX Datasheet HTML 7Page - Texas Instruments TCAN1051HX Datasheet HTML 8Page - Texas Instruments TCAN1051HX Datasheet HTML 9Page - Texas Instruments TCAN1051HX Datasheet HTML 10Page - Texas Instruments TCAN1051HX Datasheet HTML 11Page - Texas Instruments TCAN1051HX Datasheet HTML 12Page - Texas Instruments TCAN1051HX Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 35 page
background image
9
TCAN1051H, TCAN1051HV
TCAN1051HG, TCAN1051HGV
www.ti.com
SLLSES8B – MARCH 2016 – REVISED MAY 2016
Product Folder Links: TCAN1051H TCAN1051HV TCAN1051HG TCAN1051HGV
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
(1)
All typical values are at 25°C and supply voltages of VCC = 5 V and VIO = 5 V, RL = 60 Ω.
7.6 Switching Characteristics
Over recommended operating conditions with TA = -55°C to 125°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP(1)
MAX UNIT
DEVICE SWITCHING CHARACTERISTICS
tPROP(LOOP1)
Total loop delay, driver input (TXD) to receiver
output (RXD), recessive to dominant
See Figure 8, S = 0 V,
RL = 60 Ω,
CL = 100 pF, CL(RXD) = 15 pF
100
160
ns
tPROP(LOOP2)
Total loop delay, driver input (TXD) to receiver
output (RXD), dominant to recessive
110
175
tMODE
Mode change time, from Normal to Silent or
from Silent to Normal
See Figure 7
1
10
µs
DRIVER SWITCHING CHARACTERISTICS
tpHR
Propagation delay time, high TXD to driver
recessive (dominant to recessive)
See Figure 5, S= 0 V,
RL = 60 Ω,
CL = 100 pF, RCM = open
75
ns
tpLD
Propagation delay time, low TXD to driver
dominant (recessive to dominant)
55
tsk(p)
Pulse skew (|tpHR - tpLD|)
20
tR
Differential output signal rise time
45
tF
Differential output signal fall time
45
tTXD_DTO
Dominant timeout
See Figure 10, S = 0 V,
RL = 60 Ω, CL = open
1.2
3.8
ms
RECEIVER SWITCHING CHARACTERISTICS
tpRH
Propagation delay time, bus recessive input to
high output (Dominant to Recessive)
See Figure 6, S = 0 V,
CL(RXD) = 15 pF
65
ns
tpDL
Propagation delay time, bus dominant input to
low output (Recessive to Dominant)
50
ns
tR
RXD Output signal rise time
10
ns
tF
RXD Output signal fall time
10
ns
FD Timing Parameters
tBIT(BUS)
Bit time on CAN bus output pins with tBIT(TXD) =
500 ns, all devices
See Figure 9 , S = 0 V,
RL = 60 Ω, CL = 100 pF,
CL(RXD) = 15 pF,
ΔtREC = tBIT(RXD) - tBIT(BUS)
435
530
ns
Bit time on CAN bus output pins with tBIT(TXD) =
200 ns, G device variants only
155
210
tBIT(RXD)
Bit time on RXD output pins with tBIT(TXD) = 500
ns, all devices
400
550
Bit time on RXD output pins with tBIT(TXD) = 200
ns, G device variants only
120
220
ΔtREC
Receiver timing symmetry with tBIT(TXD) = 500
ns, all devices
-65
40
Receiver timing symmetry with tBIT(TXD) = 200
ns, G device variants only
-45
15


Similar Part No. - TCAN1051HX

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TCAN1051H TI1-TCAN1051H Datasheet
510Kb / 35P
[Old version datasheet]   Automotive Fault Protected CAN Transceiver with CAN FD
TCAN1051H TI1-TCAN1051H Datasheet
545Kb / 38P
[Old version datasheet]   Automotive Fault Protected CAN Transceiver with CAN FD
TCAN1051H-Q1 TI1-TCAN1051H-Q1 Datasheet
510Kb / 35P
[Old version datasheet]   Automotive Fault Protected CAN Transceiver with CAN FD
TCAN1051H-Q1 TI1-TCAN1051H-Q1 Datasheet
545Kb / 38P
[Old version datasheet]   Automotive Fault Protected CAN Transceiver with CAN FD
TCAN1051HDQ1 TI1-TCAN1051HDQ1 Datasheet
510Kb / 35P
[Old version datasheet]   Automotive Fault Protected CAN Transceiver with CAN FD
More results

Similar Description - TCAN1051HX

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TCAN1042H TI1-TCAN1042H_16 Datasheet
499Kb / 37P
[Old version datasheet]   Fault Protected CAN Transceiver with CAN FD
TCAN1043-Q1 TI1-TCAN1043-Q1 Datasheet
635Kb / 43P
[Old version datasheet]   Fault Protected CAN Transceiver with CAN FD
TCAN1051-Q1 TI1-TCAN1051-Q1 Datasheet
510Kb / 35P
[Old version datasheet]   Automotive Fault Protected CAN Transceiver with CAN FD
TCAN1042-Q1 TI1-TCAN1042-Q1_16 Datasheet
561Kb / 37P
[Old version datasheet]   Automotive Fault Protected CAN Transceiver with CAN FD
TCAN1042-Q1 TI1-TCAN1042-Q1_17 Datasheet
590Kb / 40P
[Old version datasheet]   Automotive Fault Protected CAN Transceiver with CAN FD
TCAN1051-Q1 TI1-TCAN1051-Q1_17 Datasheet
545Kb / 38P
[Old version datasheet]   Automotive Fault Protected CAN Transceiver with CAN FD
TCAN1044-Q1 TI1-TCAN1044-Q1_V02 Datasheet
1Mb / 40P
[Old version datasheet]   TCAN1044-Q1 Automotive Fault-Protected CAN FD Transceiver
TCAN1044-Q1 TI1-TCAN1044-Q1_V03 Datasheet
1Mb / 40P
[Old version datasheet]   TCAN1044-Q1 Automotive Fault-Protected CAN FD Transceiver
TCAN1044-Q1 TI1-TCAN1044-Q1_V01 Datasheet
1Mb / 36P
[Old version datasheet]   TCAN1044-Q1 Automotive Fault-Protected CAN FD Transceiver
logo
Linear Technology
LT1796 LINER-LT1796_15 Datasheet
152Kb / 8P
   Overvoltage Fault Protected CAN Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com