Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCAN332DR Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TCAN332DR
Description  3.3-V CAN Transceivers with CAN FD (Flexible Data Rate)
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TCAN332DR Datasheet(HTML) 2 Page - Texas Instruments

  TCAN332DR Datasheet HTML 1Page - Texas Instruments TCAN332DR Datasheet HTML 2Page - Texas Instruments TCAN332DR Datasheet HTML 3Page - Texas Instruments TCAN332DR Datasheet HTML 4Page - Texas Instruments TCAN332DR Datasheet HTML 5Page - Texas Instruments TCAN332DR Datasheet HTML 6Page - Texas Instruments TCAN332DR Datasheet HTML 7Page - Texas Instruments TCAN332DR Datasheet HTML 8Page - Texas Instruments TCAN332DR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 40 page
background image
2
TCAN330, TCAN332, TCAN334, TCAN337
TCAN330G, TCAN332G, TCAN334G, TCAN337G
SLLSEQ7D – DECEMBER 2015 – REVISED APRIL 2016
www.ti.com
Product Folder Links: TCAN330 TCAN332 TCAN334 TCAN337 TCAN330G TCAN332G TCAN334G TCAN337G
Submit Documentation Feedback
Copyright © 2015–2016, Texas Instruments Incorporated
Table of Contents
1
Features .................................................................. 1
2
Applications ........................................................... 1
3
Description ............................................................. 1
4
Revision History..................................................... 2
5
Description (continued)......................................... 3
6
Device Comparison ............................................... 3
7
Pin Configuration and Functions ......................... 4
8
Specifications......................................................... 5
8.1
Absolute Maximum Ratings ...................................... 5
8.2
ESD Ratings.............................................................. 5
8.3
Recommended Operating Conditions ....................... 5
8.4
Thermal Information .................................................. 5
8.5
Electrical Characteristics........................................... 6
8.6
Switching Characteristics .......................................... 8
8.7
Typical Characteristics ............................................ 10
9
Parameter Measurement Information ................ 13
10
Detailed Description ........................................... 18
10.1
Overview ............................................................... 18
10.2
Functional Block Diagram ..................................... 18
10.3
Feature Description............................................... 19
10.4
Device Functional Modes...................................... 22
11
Application and Implementation........................ 26
11.1
Application Information.......................................... 26
11.2
Typical Application ............................................... 26
11.3
System Examples ................................................. 28
12
Power Supply Recommendations ..................... 29
13
Layout................................................................... 30
13.1
Layout Guidelines ................................................. 30
13.2
Layout Example .................................................... 31
14
Device and Documentation Support ................. 32
14.1
Related Links ........................................................ 32
14.2
Community Resources.......................................... 32
14.3
Trademarks ........................................................... 32
14.4
Electrostatic Discharge Caution ............................ 32
14.5
Glossary ................................................................ 32
15
Mechanical, Packaging, and Orderable
Information ........................................................... 32
4 Revision History
Changes from Revision C (April 2016) to Revision D
Page
Changed From: ARNIC825 To ARINC825 in the Applications list ......................................................................................... 1
Changes from Revision B (April 2016) to Revision C
Page
Removed the Preview Note from TCAN337 and TCAN337G in the Device Comparison table............................................. 3
Changes from Revision A (January 2016) to Revision B
Page
Removed the Preview Note from all device except for TCAN337 and TCAN337G in the Device Comparison table ........... 3
Changed FAULT Pin ICL MIN value From: 5 mA To: 4 mA in the Electrical Characteristics.................................................. 7
Changes from Original (December 2015) to Revision A
Page
Changed Features From: "Total Loop Delay < 150 ns" To: "Total Loop Delay < 135 ns" .................................................... 1
Changed VIT(SLEEP) To: VIT(STB) and added Test conditions in the Electrical Characteristics ................................................. 7
Added –12 V < VCM < 12 V to tWK_FILTER in the Test Conditions of Switching Characteristics ............................................... 8


Similar Part No. - TCAN332DR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TCAN332DR TI1-TCAN332DR Datasheet
1Mb / 39P
[Old version datasheet]   CAN Transceivers
More results

Similar Description - TCAN332DR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TCAN3413 TI-TCAN3413_V01 Datasheet
1Mb / 42P
[Old version datasheet]   TCAN341x 3.3-V CAN FD Transceivers with Standby Mode
MARCH 2023
TCAN3413 TI-TCAN3413 Datasheet
1Mb / 42P
[Old version datasheet]   TCAN341x 3.3-V CAN FD Transceivers with Standby Mode
MARCH 2023
SN65HVD230 TI-SN65HVD230 Datasheet
416Kb / 29P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
SN65HVD232QDRG4Q1 TI1-SN65HVD232QDRG4Q1 Datasheet
429Kb / 30P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
SN65HVD234DRG4 TI-SN65HVD234DRG4 Datasheet
532Kb / 31P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
SN65HVD230Q-Q1 TI-SN65HVD230Q-Q1 Datasheet
396Kb / 28P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
SN65HVD230Q-Q1 TI1-SN65HVD230Q-Q1_14 Datasheet
499Kb / 32P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
SN65HVD230Q-Q1 TI-SN65HVD230Q-Q1_07 Datasheet
485Kb / 30P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
SN65HVD230 TI-SN65HVD230_06 Datasheet
444Kb / 32P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
SN65HVD230M-EP TI1-SN65HVD230M-EP Datasheet
770Kb / 31P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com