Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FCD4B14 Datasheet(PDF) 1 Page - ATMEL Corporation

Part # FCD4B14
Description  Thermal Fingerprint Sensor with 0.4 mm x 14 mm Sensing Area and Digital Output
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

FCD4B14 Datasheet(HTML) 1 Page - ATMEL Corporation

  FCD4B14 Datasheet HTML 1Page - ATMEL Corporation FCD4B14 Datasheet HTML 2Page - ATMEL Corporation FCD4B14 Datasheet HTML 3Page - ATMEL Corporation FCD4B14 Datasheet HTML 4Page - ATMEL Corporation FCD4B14 Datasheet HTML 5Page - ATMEL Corporation FCD4B14 Datasheet HTML 6Page - ATMEL Corporation FCD4B14 Datasheet HTML 7Page - ATMEL Corporation FCD4B14 Datasheet HTML 8Page - ATMEL Corporation FCD4B14 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
1
Features
Sensitive Layer Over a 0.8 µm CMOS Array
Image Zone: 0.4 x 14 mm = 0.02" x 0.55"
Image Array: 8 x 280 = 2240 pixels
Pixel Pitch: 50 µm x 50 µm = 500 dpi
Pixel Clock: up to 2 MHz Enabling up to 1780 Frames per Second
Die Size: 1.7 x 17.3 mm
Operating Voltage: 3V to 5.5V
Naturally Protected Against ESD: > 16 kV Air Discharge
Power Consumption: 20 mW at 3.3V, 1 MHz, 25°C
Operating Temperature Range: 0°C to +70°C: C suffix
Resistant to Abrasion: >1 Million Finger Sweeps
Chip-On-Board (COB) package or 20-lead Ceramic DIP available for development, with
Specific Protective Layer
Applications
PDA (Access Control, Data Protection)
Cellular Phones, SmartPhone (Access e-business)
Notebook, PC-add on (Access Control, e-business)
PIN Code Replacement
Automated Teller Machine, POS
Building Access
Electronic Keys (Cars, Home,...)
Portable Fingerprint Imaging for Law Enforcement
TV Access
Figure 1. Fingerchip Packages
20-pin, 0.3" Dual-Inline
Ceramic Package
(DIP20)
Step for easy
integration
Sensing area
Wire protection
(not drawn)
Chip-on-Board Package
(COB)
Thermal
Fingerprint
Sensor with
0.4 mm x 14 mm
(0.02" x 0.55")
Sensing Area
and
Digital Output
(On-chip ADC)
FCD4B14
FingerChip
Rev. 1962C–01/02


Similar Part No. - FCD4B14

ManufacturerPart #DatasheetDescription
logo
JDS Uniphase Corporatio...
FCD488-010 JDSU-FCD488-010 Datasheet
240Kb / 4P
   Continuous Wave 488 nm Solid-State Laser
FCD488-020 JDSU-FCD488-020 Datasheet
240Kb / 4P
   Continuous Wave 488 nm Solid-State Laser
FCD488-025 JDSU-FCD488-025 Datasheet
240Kb / 4P
   Continuous Wave 488 nm Solid-State Laser
FCD488FC-010 JDSU-FCD488FC-010 Datasheet
240Kb / 4P
   Continuous Wave 488 nm Solid-State Laser
FCD488FC-020 JDSU-FCD488FC-020 Datasheet
240Kb / 4P
   Continuous Wave 488 nm Solid-State Laser
More results

Similar Description - FCD4B14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT77C102B ATMEL-AT77C102B_07 Datasheet
821Kb / 20P
   Thermal Fingerprint Sensor with 0.4 mm x 14 mm (0.02" x 0.55") Sensing Area and Digital Output (On-chip ADC)
AT77C102B ATMEL-AT77C102B Datasheet
299Kb / 19P
   Thermal Fingerprint Sensor with 0.4 mm x 14 mm (0.02 x 0.55) Sensing Area and Digital Output (On-chip ADC)
AT77C101B ATMEL-AT77C101B Datasheet
272Kb / 21P
   Thermal Fingerprint Sensor with Sensing Area and Digital Output
logo
Hamamatsu Corporation
R11265U-M4 HAMAMATSU-R11265U-M4 Datasheet
170Kb / 4P
   Wide effective area: 23 mm x 23 mm
logo
Omron Electronics LLC
M7E OMRON-M7E Datasheet
1Mb / 14P
   Digital Display (14 mm)
logo
DIWELL Electronics Co.,...
DWCS1700 DIWELL-DWCS1700 Datasheet
975Kb / 8P
   AC / DC Sensing Current Sensor with Digital Data output
2021/5/31
DWCS1800 DIWELL-DWCS1800 Datasheet
1Mb / 8P
   AC / DC Sensing Current Sensor with Digital Data output
2021/5/24
logo
Sony Corporation
CXA3271GE SONY-CXA3271GE Datasheet
180Kb / 17P
   Fingerprint Sensor
CXA3621GE SONY-CXA3621GE Datasheet
113Kb / 14P
   Fingerprint Sensor
logo
MEMSIC Semiconductor (T...
MXC6855XU MEMSIC-MXC6855XU Datasheet
338Kb / 12P
   Digital Thermal Orientation Sensing Accelerometer
Version A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com