Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FOD817 Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # FOD817
Description  4-PIN PHOTOTRANSISTOR OPTOCOUPLERS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FOD817 Datasheet(HTML) 4 Page - Fairchild Semiconductor

  FOD817 Datasheet HTML 1Page - Fairchild Semiconductor FOD817 Datasheet HTML 2Page - Fairchild Semiconductor FOD817 Datasheet HTML 3Page - Fairchild Semiconductor FOD817 Datasheet HTML 4Page - Fairchild Semiconductor FOD817 Datasheet HTML 5Page - Fairchild Semiconductor FOD817 Datasheet HTML 6Page - Fairchild Semiconductor FOD817 Datasheet HTML 7Page - Fairchild Semiconductor FOD817 Datasheet HTML 8Page - Fairchild Semiconductor FOD817 Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
8/19/04
Page 4 of 9
© 2004 Fairchild Semiconductor Corporation
4-PIN PHOTOTRANSISTOR
OPTOCOUPLERS
FOD817 Series
Typical Electrical/Optical Characteristic Curves (T
A = 25°C Unless otherwise specified.)
RL=10k
Ω 1kΩ 100Ω
tr
tf
td
ts
IF = 5mA
VCE = 5V
IF = 20mA
IC = 1mA
VCE = 20V
VCE = 2V
IC = 2mA
Ta = 25
°C
VCE = 2V
IC = 2mA
Ta = 25
°C
150
100
50
0
-30
0
25
50
75
100
AMBIENT TEMPERATURE TA (°C)
Fig. 7. Relative Current Transfer Ratio
vs. Ambient Temperature
0.16
0.14
0.12
0.10
0.08
0.06
0.04
0.02
0
0
-25
25
50
75
100
AMBIENT TEMPERATURE TA (°C)
Fig. 8 Collector-Emitter Saturation Voltage
vs. Ambient Temperature
10-5
10-6
10-7
10-8
10-9
10-10
10-11
0
-25
25
50
75
100
AMBIENT TEMPERATURE TA (°C)
Fig. 9 Collector Dark Current
vs. Ambient Temperature
500
200
100
50
20
10
5
2
1
0.5
0.2
0.05
0.1 0.2
0.5
1
2
5
10
LOAD RESISTANCE RL (kΩ)
Fig. 10. Response Time
vs. Load Resistance
0
10
20
0.5
1
2
5 10 20
50 100
500
FREQUENCY f (kHz)
Fig. 11. Frequency Response
Test Circuit for Response Time
Test Circuit for Frequency Response


Similar Part No. - FOD817

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FOD817 FAIRCHILD-FOD817 Datasheet
578Kb / 12P
   4-Pin Phototransistor Optocouplers
logo
ON Semiconductor
FOD817 ONSEMI-FOD817 Datasheet
388Kb / 12P
   4-Pin DIP Phototransistor Optocouplers
September, 2023 - Rev. 9
logo
Fairchild Semiconductor
FOD817 FAIRCHILD-FOD817 Datasheet
583Kb / 12P
   4-Pin High Operating Temperature Phototransistor Optocouplers
FOD817 FAIRCHILD-FOD817 Datasheet
723Kb / 12P
   4-Pin High Operating Temperature Phototransistor Optocouplers
FOD817 FAIRCHILD-FOD817 Datasheet
723Kb / 12P
   4-Pin High Operating Temperature Phototransistor Optocouplers
More results

Similar Description - FOD817

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FOD617 FAIRCHILD-FOD617 Datasheet
578Kb / 12P
   4-Pin Phototransistor Optocouplers
H11AA814 FAIRCHILD-H11AA814_06 Datasheet
527Kb / 11P
   4-Pin Phototransistor Optocouplers
logo
QT Optoelectronics
H11AA814 QT-H11AA814 Datasheet
30Kb / 4P
   4-PIN PHOTOTRANSISTOR OPTOCOUPLERS
logo
Fairchild Semiconductor
H11AA814 FAIRCHILD-H11AA814 Datasheet
496Kb / 9P
   4-PIN PHOTOTRANSISTOR OPTOCOUPLERS
FOD816 FAIRCHILD-FOD816 Datasheet
114Kb / 9P
   4-Pin Phototransistor Optocouplers
logo
ON Semiconductor
FOD814 ONSEMI-FOD814_V02 Datasheet
388Kb / 12P
   4-Pin DIP Phototransistor Optocouplers
September, 2023 - Rev. 9
FOD814 ONSEMI-FOD814_V01 Datasheet
361Kb / 12P
   4-Pin DIP Phototransistor Optocouplers
August, 2021 ??Rev. 7
FOD814 ONSEMI-FOD814 Datasheet
534Kb / 12P
   4-Pin DIP Phototransistor Optocouplers
July-201 8, Rev. 5
logo
QT Optoelectronics
CNX82AW QT-CNX82AW Datasheet
40Kb / 4P
   6-pin phototransistor optocouplers
logo
Fairchild Semiconductor
SL5500 FAIRCHILD-SL5500 Datasheet
525Kb / 10P
   6-PIN PHOTOTRANSISTOR OPTOCOUPLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com