Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ELM77-SERIES Datasheet(PDF) 6 Page - ELM Technology Corporation

Part # ELM77-SERIES
Description  CMOS Dual voltage detector
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELM-TECH [ELM Technology Corporation]
Direct Link  http://www.elm-tech.com
Logo ELM-TECH - ELM Technology Corporation

ELM77-SERIES Datasheet(HTML) 6 Page - ELM Technology Corporation

Back Button ELM77-SERIES Datasheet HTML 2Page - ELM Technology Corporation ELM77-SERIES Datasheet HTML 3Page - ELM Technology Corporation ELM77-SERIES Datasheet HTML 4Page - ELM Technology Corporation ELM77-SERIES Datasheet HTML 5Page - ELM Technology Corporation ELM77-SERIES Datasheet HTML 6Page - ELM Technology Corporation ELM77-SERIES Datasheet HTML 7Page - ELM Technology Corporation ELM77-SERIES Datasheet HTML 8Page - ELM Technology Corporation ELM77-SERIES Datasheet HTML 9Page - ELM Technology Corporation ELM77-SERIES Datasheet HTML 10Page - ELM Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
6
■Detection voltage accuracy refernce
Target (V)
Accuracy
(mV, %)
Detection Voltage (V)
Vdetn1 Vdetn2
Min.
Max.
0.8
-
±30mV
0.770
0.830
0.9
-
0.870
0.930
1.0
-
0.970
1.030
1.1
1.1
1.070
1.130
1.2
1.2
1.170
1.230
1.3
1.3
1.270
1.330
1.4
1.4
1.370
1.430
1.5
1.5
±2%
1.470
1.530
1.6
1.6
1.568
1.632
1.7
1.7
1.666
1.734
1.8
1.8
1.764
1.836
1.9
1.9
1.862
1.938
2.0
2.0
1.960
2.040
2.1
2.1
2.058
2.142
2.2
2.2
2.156
2.244
2.3
2.3
2.254
2.346
2.4
2.4
2.352
2.448
2.5
2.5
2.450
2.550
2.6
2.6
2.548
2.652
2.7
2.7
2.646
2.754
2.8
2.8
2.744
2.856
2.9
2.9
2.842
2.958
ELM77xxxxxC CMOS Dual voltage detector
� � � �
a to d : Assembly lot No.
A to Z (I, O, X excepted) and 0 to 9
■Marking
SOT-25
Target (V)
Accuracy
(mV, %)
Detection Voltage (V)
Vdetn1 Vdetn2
Min.
Max.
3.0
3.0
±2%
2.940
3.060
3.1
3.1
3.038
3.162
3.2
3.2
3.136
3.264
3.3
3.3
3.234
3.366
3.4
3.4
3.332
3.468
3.5
3.5
3.430
3.570
3.6
3.6
3.528
3.672
3.7
3.7
3.626
3.774
3.8
3.8
3.724
3.876
3.9
3.9
3.822
3.978
4.0
4.0
3.920
4.080
4.1
4.1
4.018
4.182
4.2
4.2
4.116
4.284
4.3
4.3
4.214
4.386
4.4
4.4
4.312
4.488
4.5
4.5
4.410
4.590
4.6
4.6
4.508
4.692
4.7
4.7
4.606
4.794
4.8
4.8
4.704
4.896
4.9
4.9
4.802
4.998
5.0
5.0
4.900
5.100
10 -


Similar Part No. - ELM77-SERIES

ManufacturerPart #DatasheetDescription
logo
ELM Electronics
ELM77 ELM-ELM77 Datasheet
1Mb / 10P
   CMOS Dual voltage detector
logo
ELM Technology Corporat...
ELM77 ELM-TECH-ELM77 Datasheet
966Kb / 10P
   CMOS Dual voltage detector
ELM772209BC-N ELM-TECH-ELM772209BC-N Datasheet
1Mb / 10P
   CMOS Dual voltage detector
ELM772209BC-S ELM-TECH-ELM772209BC-S Datasheet
1Mb / 10P
   CMOS Dual voltage detector
ELM772211BC-N ELM-TECH-ELM772211BC-N Datasheet
1Mb / 10P
   CMOS Dual voltage detector
More results

Similar Description - ELM77-SERIES

ManufacturerPart #DatasheetDescription
logo
ELM Technology Corporat...
ELM77221B-S ELM-TECH-ELM77221B-S Datasheet
130Kb / 11P
   CMOS Dual voltage detector
ELM772209BC-S ELM-TECH-ELM772209BC-S Datasheet
1Mb / 10P
   CMOS Dual voltage detector
logo
ELM Electronics
ELM77 ELM-ELM77 Datasheet
1Mb / 10P
   CMOS Dual voltage detector
logo
ELM Technology Corporat...
ELM77 ELM-TECH-ELM77 Datasheet
966Kb / 10P
   CMOS Dual voltage detector
ELM97-SERIES ELM-TECH-ELM97-SERIES Datasheet
1Mb / 9P
   CMOS Voltage detector
logo
List of Unclassifed Man...
SCI7700Y ETC2-SCI7700Y Datasheet
59Kb / 8P
   CMOS VOLTAGE DETECTOR
logo
Torex Semiconductor
XC6101 TOREX-XC6101 Datasheet
521Kb / 26P
   CMOS Voltage Detector
logo
ELM Electronics
ELM97 ELM-ELM97 Datasheet
1Mb / 9P
   CMOS Voltage detector
logo
ELM Technology Corporat...
ELM97 ELM-TECH-ELM97 Datasheet
783Kb / 9P
   CMOS Voltage detector
ELM9709NAB-S ELM-TECH-ELM9709NAB-S Datasheet
105Kb / 9P
   CMOS Voltage detector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com