Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ELM87-SERIES Datasheet(PDF) 7 Page - ELM Technology Corporation

Part # ELM87-SERIES
Description  Low power consumption CMOS 300mA V/R
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELM-TECH [ELM Technology Corporation]
Direct Link  http://www.elm-tech.com
Logo ELM-TECH - ELM Technology Corporation

ELM87-SERIES Datasheet(HTML) 7 Page - ELM Technology Corporation

Back Button ELM87-SERIES Datasheet HTML 3Page - ELM Technology Corporation ELM87-SERIES Datasheet HTML 4Page - ELM Technology Corporation ELM87-SERIES Datasheet HTML 5Page - ELM Technology Corporation ELM87-SERIES Datasheet HTML 6Page - ELM Technology Corporation ELM87-SERIES Datasheet HTML 7Page - ELM Technology Corporation ELM87-SERIES Datasheet HTML 8Page - ELM Technology Corporation ELM87-SERIES Datasheet HTML 9Page - ELM Technology Corporation ELM87-SERIES Datasheet HTML 10Page - ELM Technology Corporation ELM87-SERIES Datasheet HTML 11Page - ELM Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
7
Rev.1.2
19 -
http://www.elm-tech.com
Ci=1.0μF, Co=1.0μF, Top=25°C
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit
Output voltage
Vout
Vin=4.3V, Iout=40mA
3.234
3.300
3.366
V
Output current
Iout
Vin=4.3V
200
mA
Input stability
ΔVout/ΔVin Iout=40mA, 3.8V≤Vin≤6.0V
0.05
0.25
%/V
Load stability
ΔVout/ΔIout 1mA≤Iout≤100mA, Vin=4.3V
10
20
mV
Input-Output
voltage differential
Vdif
Iout=100mA
125
190
mV
Current consumption
Iss
Vin=4.3V, No-load
1.0
3.0
μA
Input voltage
Vin
1.8
6.0
V
CE input voltage High
Vceh
Vin=6.0V
1.8
Vin
V
CE input voltage Low
Vcel
Vin=1.4V
0.0
0.2
V
CE input current High
Iceh
Vce=Vin=6.0V
-0.2
0.0
0.2
μA
CE input current Low
Icel
Vce=Vss, Vin=6.0V
-0.2
0.0
0.2
Short circuit current
Ilim
Vout=0V
50
mA
Thermal shutdown
temperature
Tsd
160
°C
Vout=3.3V(ELM87333xA), CE=”H”active
Ci=1.0μF, Co=1.0μF, Top=25°C
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit
Output voltage
Vout
Vin=6.0V, Iout=40mA
4.900
5.000
5.100
V
Output current
Iout
Vin=6.0V
300
mA
Input stability
ΔVout/ΔVin Iout=40mA, 5.5V≤Vin≤6.0V
0.05
0.25
%/V
Load stability
ΔVout/ΔIout 1mA≤Iout≤100mA, Vin=6.0V
10
20
mV
Input-Output
voltage differential
Vdif
Iout=100mA
110
170
mV
Current consumption
Iss
Vin=6.0V, No-load
1.0
3.0
μA
Input voltage
Vin
1.8
6.0
V
CE input voltage High
Vceh
Vin=6.0V
1.8
Vin
V
CE input voltage Low
Vcel
Vin=1.4V
0.0
0.2
V
CE input current High
Iceh
Vce=Vin=6.0V
-0.2
0.0
0.2
μA
CE input current Low
Icel
Vce=Vss, Vin=6.0V
-0.2
0.0
0.2
Short circuit current
Ilim
Vout=0V
50
mA
Thermal shutdown
temperature
Tsd
160
°C
Vout=5.0V(ELM87503xA), CE=”H”active
ELM87xxxxA Low power consumption CMOS 300mA V/R


Similar Part No. - ELM87-SERIES

ManufacturerPart #DatasheetDescription
logo
ELM Electronics
ELM87 ELM-ELM87 Datasheet
1Mb / 19P
   Low power consumption CMOS 300mA V/R
logo
ELM Technology Corporat...
ELM87 ELM-TECH-ELM87 Datasheet
1Mb / 19P
   Low power consumption CMOS 300mA V/R
ELM8718AA-S ELM-TECH-ELM8718AA-S Datasheet
137Kb / 14P
   Low power consumption CMOS 300mA V/R
More results

Similar Description - ELM87-SERIES

ManufacturerPart #DatasheetDescription
logo
ELM Technology Corporat...
ELM87 ELM-TECH-ELM87 Datasheet
1Mb / 19P
   Low power consumption CMOS 300mA V/R
ELM8718AA-S ELM-TECH-ELM8718AA-S Datasheet
137Kb / 14P
   Low power consumption CMOS 300mA V/R
logo
ELM Electronics
ELM87 ELM-ELM87 Datasheet
1Mb / 19P
   Low power consumption CMOS 300mA V/R
logo
ACE Technology Co., LTD...
ACE5017T ACE-ACE5017T Datasheet
857Kb / 8P
   300mA Ultra Low Consumption CMOS LDO
VER 1.2
ACE5013T ACE-ACE5013T Datasheet
574Kb / 8P
   300mA, Low Consumption Low Dropout, CMOS LDO
VER 1.1
logo
Will Semiconductor Ltd.
WL2855E WILLSEMI-WL2855E Datasheet
1Mb / 12P
   Low noise, Low Power Consumption, 12V Input, 300mA, CMOS LDO
logo
Shenzhen Huazhimei Semi...
HM6238 HMSEMI-HM6238 Datasheet
372Kb / 8P
   Low current consumption 300mA CMOS Voltage Regulator
logo
ACE Technology Co., LTD...
ACE5016A ACE-ACE5016A Datasheet
773Kb / 11P
   Ultra Low Current Consumption 300mA CMOS Voltage Regulator
VER 1.1
ACE5018T ACE-ACE5018T Datasheet
1Mb / 12P
   Ultra Low Current Consumption 300mA CMOS Voltage Regulator
VER 1.1
logo
Leshan Radio Company
LR6302 LRC-LR6302 Datasheet
755Kb / 11P
   18V Low Current Consumption 300mA CMOS Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com