Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ELM92-SERIES Datasheet(PDF) 11 Page - ELM Technology Corporation

Part # ELM92-SERIES
Description  CMOS 600kHz High output current PWM step-up
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELM-TECH [ELM Technology Corporation]
Direct Link  http://www.elm-tech.com
Logo ELM-TECH - ELM Technology Corporation

ELM92-SERIES Datasheet(HTML) 11 Page - ELM Technology Corporation

Back Button ELM92-SERIES Datasheet HTML 6Page - ELM Technology Corporation ELM92-SERIES Datasheet HTML 7Page - ELM Technology Corporation ELM92-SERIES Datasheet HTML 8Page - ELM Technology Corporation ELM92-SERIES Datasheet HTML 9Page - ELM Technology Corporation ELM92-SERIES Datasheet HTML 10Page - ELM Technology Corporation ELM92-SERIES Datasheet HTML 11Page - ELM Technology Corporation ELM92-SERIES Datasheet HTML 12Page - ELM Technology Corporation ELM92-SERIES Datasheet HTML 13Page - ELM Technology Corporation ELM92-SERIES Datasheet HTML 14Page - ELM Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
11
http://www.elm-tech.com
Rev.1.0
14 -
• Vout=3.0V(ELM9230xx) (L=2.2μH, Cout=47μF, D=MA735, Top=25°C)
0
1
2
3
1
1.5
2
2.5
3
3.5
Vin (V)
Vout - Vin
Iout=150mA
60mA
10mA
0.1
1
10
100
1000
2.7
2.8
2.9
3
3.1
3.2
3.3
Iout(mA)
Vout - Iout
Vin=0.9V
1.1V
2.4V
1.5V 1.8V
0.1
1
10
100
1000
0
10
20
30
40
50
60
70
80
90
100
Iout (mA)
EFFICIENCY - Iout
Vin=0.9V
1.1V
1.8V
1.5V
2.4V
-20 -10 0 10 20 30 40 50 60 70
2.9
2.95
3
3.05
3.1
Top(°C)
Vout1 - Top
Vin=1.5V, Iout=60mA
0.1
1
10
100
0
0.5
1
1.5
2
Iout (mA)
Vst - Iout
-20°C
+70°C
+25°C
Load-Transient Response
Vout, 50mV/div
100mA
100 �A
Iout
200 �s /div
0
1
2
3
1
1.5
2
2.5
3
3.5
Vin (V)
Vout - Vin
Iout=150mA
60mA
10mA
0.1
1
10
100
1000
2.7
2.8
2.9
3
3.1
3.2
3.3
Iout(mA)
Vout - Iout
Vin=0.9V
1.1V
2.4V
1.5V 1.8V
0.1
1
10
100
1000
0
10
20
30
40
50
60
70
80
90
100
Iout (mA)
EFFICIENCY - Iout
Vin=0.9V
1.1V
1.8V
1.5V
2.4V
-20 -10 0 10 20 30 40 50 60 70
2.9
2.95
3
3.05
3.1
Top(°C)
Vout1 - Top
Vin=1.5V, Iout=60mA
0.1
1
10
100
0
0.5
1
1.5
2
Iout (mA)
Vst - Iout
-20°C
+70°C
+25°C
Load-Transient Response
Vout, 50mV/div
100mA
100 �A
Iout
200 �s /div
0
1
2
3
1
1.5
2
2.5
3
3.5
Vin (V)
Vout - Vin
Iout=150mA
60mA
10mA
0.1
1
10
100
1000
2.7
2.8
2.9
3
3.1
3.2
3.3
Iout(mA)
Vout - Iout
Vin=0.9V
1.1V
2.4V
1.5V 1.8V
0.1
1
10
100
1000
0
10
20
30
40
50
60
70
80
90
100
Iout (mA)
EFFICIENCY - Iout
Vin=0.9V
1.1V
1.8V
1.5V
2.4V
-20 -10 0 10 20 30 40 50 60 70
2.9
2.95
3
3.05
3.1
Top(°C)
Vout1 - Top
Vin=1.5V, Iout=60mA
0.1
1
10
100
0
0.5
1
1.5
2
Iout (mA)
Vst - Iout
-20°C
+70°C
+25°C
Load-Transient Response
Vout, 50mV/div
100mA
100 �A
Iout
200 �s /div
ELM92xxxx CMOS 600kHz High output current PWM step-up DC/DC converter


Similar Part No. - ELM92-SERIES

ManufacturerPart #DatasheetDescription
logo
ELM Electronics
ELM92 ELM-ELM92 Datasheet
1Mb / 14P
   CMOS 600kHz High output current PWM step-up DC/DC converter
logo
ELM Technology Corporat...
ELM92 ELM-TECH-ELM92 Datasheet
1Mb / 14P
   600kHz High output current PWM step-up DC/DC converter
ELM92271B-N ELM-TECH-ELM92271B-N Datasheet
147Kb / 15P
   CMOS 600kHz High output current PWM step-up DC/DC converter
ELM92271B-S ELM-TECH-ELM92271B-S Datasheet
147Kb / 15P
   CMOS 600kHz High output current PWM step-up DC/DC converter
ELM92271C-N ELM-TECH-ELM92271C-N Datasheet
147Kb / 15P
   CMOS 600kHz High output current PWM step-up DC/DC converter
More results

Similar Description - ELM92-SERIES

ManufacturerPart #DatasheetDescription
logo
ELM Electronics
ELM92 ELM-ELM92 Datasheet
1Mb / 14P
   CMOS 600kHz High output current PWM step-up DC/DC converter
logo
ELM Technology Corporat...
ELM92271B-S ELM-TECH-ELM92271B-S Datasheet
147Kb / 15P
   CMOS 600kHz High output current PWM step-up DC/DC converter
ELM92 ELM-TECH-ELM92 Datasheet
1Mb / 14P
   600kHz High output current PWM step-up DC/DC converter
logo
Renesas Technology Corp
ISL97519 RENESAS-ISL97519 Datasheet
633Kb / 9P
   1% Output Accuracy 600kHz/1.2MHz PWM Step-Up Regulator
logo
Intersil Corporation
EL7516IY INTERSIL-EL7516IY Datasheet
195Kb / 12P
   600kHz/1.2MHz PWM Step-Up Regulator
October 9, 2007
EL7516 INTERSIL-EL7516 Datasheet
381Kb / 12P
   600kHz/1.2MHz PWM Step-Up Regulator
logo
Renesas Technology Corp
EL7516 RENESAS-EL7516 Datasheet
580Kb / 12P
   600kHz/1.2MHz PWM Step-Up Regulator
logo
Intersil Corporation
ISL97519A INTERSIL-ISL97519A Datasheet
373Kb / 9P
   600kHz/1.2MHz PWM Step-Up Regulator
ISL97516 INTERSIL-ISL97516 Datasheet
482Kb / 9P
   600kHz/1.2MHz PWM Step-Up Regulator
EL7516IY INTERSIL-EL7516IY Datasheet
195Kb / 12P
   600kHz/1.2MHz PWM Step-Up Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com