Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ELM95-SERIES Datasheet(PDF) 11 Page - ELM Technology Corporation

Part # ELM95-SERIES
Description  CMOS PWM step-up DC/DC converter
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELM-TECH [ELM Technology Corporation]
Direct Link  http://www.elm-tech.com
Logo ELM-TECH - ELM Technology Corporation

ELM95-SERIES Datasheet(HTML) 11 Page - ELM Technology Corporation

Back Button ELM95-SERIES Datasheet HTML 7Page - ELM Technology Corporation ELM95-SERIES Datasheet HTML 8Page - ELM Technology Corporation ELM95-SERIES Datasheet HTML 9Page - ELM Technology Corporation ELM95-SERIES Datasheet HTML 10Page - ELM Technology Corporation ELM95-SERIES Datasheet HTML 11Page - ELM Technology Corporation ELM95-SERIES Datasheet HTML 12Page - ELM Technology Corporation ELM95-SERIES Datasheet HTML 13Page - ELM Technology Corporation ELM95-SERIES Datasheet HTML 14Page - ELM Technology Corporation ELM95-SERIES Datasheet HTML 15Page - ELM Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
11
15 -
http://www.elm-tech.com
Rev.1.2
ELM95xxxxE CMOS PWM step-up DC/DC converter
• ELM9550AxE(Vout=5.0V, Fosc=55kHz, Duty=60%) L=220µH, Cin=Cout=47µF, D=DB2J208, Top=25°C
ELM9550AxE (VOUT=5.0V, Fosc=55kHz, Duty=60%) L=220�H, CIN=Cout=47�F, D=DB2J208, Top=25�
0.0
1.0
2.0
3.0
4.0
5.0
3.8
4.0
4.2
4.4
4.6
4.8
5.0
5.2
Iout=60mA
Iout=10mA
Iout=1mA
Vout-Vin
Vin (V)
0.1
1
10
100
1000
4.6
4.7
4.8
4.9
5.0
5.1
5.2
Vin=3.0V
Vin=0.9V
Vout-Iout
Iout (mA)
Vin=1.5V
Vin=1.1V
Vin=1.8V
0.1
1
10
100
1000
50
60
70
80
90
100
Vin=1.8V
Vin=0.9V
Efficiency-Iout
Iout (mA)
Vin=1.5V
Vin=1.1V
Vin=3.0V
-40 -20
0
20
40
60
80
4.84
4.88
4.92
4.96
5.00
5.04
5.08
45
50
55
60
65
70
75
Vout
Vout, Frequency-Top
Top (�)
Frequency
Vin=3.0V, Iout=10mA
0
10
20
30
40
50
0
0.5
1.0
1.5
2.0
2.5
Vst
Vst, Vhold-Iout
Iout (mA)
Vhold
0 2 4 6 8 10 12 14 16 18 20
4.7
4.8
4.9
5.0
5.1
5.2
5.3
0
50
100
Vout
Vin=3.0V
Load transient response
Time (ms)
Iout
1mA
1mA
50mA


Similar Part No. - ELM95-SERIES

ManufacturerPart #DatasheetDescription
logo
ELM Electronics
ELM95 ELM-ELM95 Datasheet
1Mb / 15P
   CMOS PWM step-up DC/DC converter
logo
ELM Technology Corporat...
ELM95 ELM-TECH-ELM95 Datasheet
1Mb / 15P
   CMOS PWM step-up DC/DC converter
ELM9527D-N ELM-TECH-ELM9527D-N Datasheet
76Kb / 5P
   CMOS PWM step-up DC/DC converter
ELM9527D-S ELM-TECH-ELM9527D-S Datasheet
76Kb / 5P
   CMOS PWM step-up DC/DC converter
ELM9530D-N ELM-TECH-ELM9530D-N Datasheet
76Kb / 5P
   CMOS PWM step-up DC/DC converter
More results

Similar Description - ELM95-SERIES

ManufacturerPart #DatasheetDescription
logo
ELM Technology Corporat...
ELM95 ELM-TECH-ELM95 Datasheet
1Mb / 15P
   CMOS PWM step-up DC/DC converter
ELM9527D-S ELM-TECH-ELM9527D-S Datasheet
76Kb / 5P
   CMOS PWM step-up DC/DC converter
logo
ELM Electronics
ELM95 ELM-ELM95 Datasheet
1Mb / 15P
   CMOS PWM step-up DC/DC converter
logo
Diodes Incorporated
PAM2421 DIODES-PAM2421 Datasheet
561Kb / 10P
   PWM STEP-UP DC-DC CONVERTER
logo
Advanced Power Electron...
APE1911 A-POWER-APE1911 Datasheet
330Kb / 9P
   STEP-UP PWM DC/DC Converter
logo
Anpec Electronics Corop...
APW7077 ANPEC-APW7077 Datasheet
454Kb / 21P
   PWM Step-Up DC-DC Converter
logo
RICOH electronics devic...
R1210N301C RICOH-R1210N301C Datasheet
179Kb / 18P
   PWM Step-up DC/DC Converter
RH5RH301A RICOH-RH5RH301A Datasheet
199Kb / 29P
   PWM STEP-UP DC/DC CONVERTER
logo
Advanced Power Electron...
APE1912 A-POWER-APE1912 Datasheet
83Kb / 7P
   STEP-UP PWM DC/DC CONVERTER
logo
SHOUDING Shouding Semic...
SDB842X SHOUDING-SDB842X Datasheet
1Mb / 7P
   PWM Step-Up DC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com