Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMC6035 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # LMC6035
Description  LMC6035/LMC6035-Q1/LMC6036 Low Power 2.7V Single Supply CMOS Operational Amplifiers
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMC6035 Datasheet(HTML) 5 Page - Texas Instruments

  LMC6035 Datasheet HTML 1Page - Texas Instruments LMC6035 Datasheet HTML 2Page - Texas Instruments LMC6035 Datasheet HTML 3Page - Texas Instruments LMC6035 Datasheet HTML 4Page - Texas Instruments LMC6035 Datasheet HTML 5Page - Texas Instruments LMC6035 Datasheet HTML 6Page - Texas Instruments LMC6035 Datasheet HTML 7Page - Texas Instruments LMC6035 Datasheet HTML 8Page - Texas Instruments LMC6035 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 29 page
background image
LMC6035, LMC6035-Q1, LMC6036
www.ti.com
SNOS875G – JANUARY 2000 – REVISED APRIL 2013
Typical Performance Characteristics
Unless otherwise specified, VS = 2.7V, single supply, TA = 25°C
Supply Current
Input Current
vs.
vs.
Supply Voltage (Per Amplifier)
Temperature
Figure 2.
Figure 3.
Sourcing Current
Sourcing Current
vs.
vs.
Output Voltage
Output Voltage
Figure 4.
Figure 5.
Sinking Current
Sinking Current
vs.
vs.
Output Voltage
Output Voltage
Figure 6.
Figure 7.
Copyright © 2000–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LMC6035 LMC6035-Q1 LMC6036


Similar Part No. - LMC6035

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMC6035 NSC-LMC6035 Datasheet
792Kb / 20P
   Low Power 2.7V Single Supply CMOS Operational Amplifiers
logo
Texas Instruments
LMC6035 TI1-LMC6035 Datasheet
1Mb / 29P
[Old version datasheet]   LMC6035/LMC6035-Q1/LMC6036 Low Power 2.7V Single Supply CMOS Operational
LMC6035-Q1 TI1-LMC6035-Q1 Datasheet
1Mb / 29P
[Old version datasheet]   LMC6035/LMC6035-Q1/LMC6036 Low Power 2.7V Single Supply CMOS Operational
logo
National Semiconductor ...
LMC6035IBP NSC-LMC6035IBP Datasheet
792Kb / 20P
   Low Power 2.7V Single Supply CMOS Operational Amplifiers
LMC6035IBPX NSC-LMC6035IBPX Datasheet
792Kb / 20P
   Low Power 2.7V Single Supply CMOS Operational Amplifiers
More results

Similar Description - LMC6035

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMC6035IMM TI1-LMC6035IMM Datasheet
1Mb / 29P
[Old version datasheet]   LMC6035/LMC6035-Q1/LMC6036 Low Power 2.7V Single Supply CMOS Operational
logo
National Semiconductor ...
LMC6035 NSC-LMC6035 Datasheet
792Kb / 20P
   Low Power 2.7V Single Supply CMOS Operational Amplifiers
logo
Burr-Brown (TI)
OPA336 BURR-BROWN-OPA336_08 Datasheet
1Mb / 19P
   SINGLE-SUPPLY, microPower CMOS OPERATIONAL AMPLIFIERS CMOS OPERATIONAL AMPLIFIERS
logo
ON Semiconductor
MC33171 ONSEMI-MC33171 Datasheet
217Kb / 12P
   Low Power, Single Supply Operational Amplifiers
1996 REV 0
logo
Unisonic Technologies
OPA2336 UTC-OPA2336 Datasheet
168Kb / 6P
   SINGLE-SUPPLY, MICROPOWER CMOS OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OPA337 TI1-OPA337_16 Datasheet
1Mb / 25P
[Old version datasheet]   MicroSIZE, Single-Supply CMOS OPERATIONAL AMPLIFIERS
logo
Unisonic Technologies
OPA2336 UTC-OPA2336_17 Datasheet
140Kb / 6P
   SINGLE-SUPPLY, MICROPOWER CMOS OPERATIONAL AMPLIFIERS
OPA2336 UTC-OPA2336_15 Datasheet
157Kb / 6P
   SINGLE-SUPPLY MICROPOWER CMOS OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OPA234 TI1-OPA234 Datasheet
1Mb / 23P
[Old version datasheet]   Low-Power, Precision SINGLE-SUPPLY OPERATIONAL AMPLIFIERS
logo
Burr-Brown (TI)
OPA234 BURR-BROWN-OPA234 Datasheet
2Mb / 18P
   Low Power, Precision SINGLE-SUPPLY OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com