Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMR14020QDPRRQ1 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # LMR14020QDPRRQ1
Description  LMR14020-Q1 SIMPLE SWITCHER짰 40 V, 2 A Step-Down Converter with 40 關A IQ
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMR14020QDPRRQ1 Datasheet(HTML) 7 Page - Texas Instruments

Back Button LMR14020QDPRRQ1 Datasheet HTML 3Page - Texas Instruments LMR14020QDPRRQ1 Datasheet HTML 4Page - Texas Instruments LMR14020QDPRRQ1 Datasheet HTML 5Page - Texas Instruments LMR14020QDPRRQ1 Datasheet HTML 6Page - Texas Instruments LMR14020QDPRRQ1 Datasheet HTML 7Page - Texas Instruments LMR14020QDPRRQ1 Datasheet HTML 8Page - Texas Instruments LMR14020QDPRRQ1 Datasheet HTML 9Page - Texas Instruments LMR14020QDPRRQ1 Datasheet HTML 10Page - Texas Instruments LMR14020QDPRRQ1 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 35 page
background image
IOUT (A)
0.001
0.01
0.1
1
10
-0.15
-0.1
-0.05
0
0.05
0.1
0.15
0.2
D004
VIN = 36 V
VIN = 24 V
VIN = 12 V
VFB (V)
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0
25
50
75
100
125
D005
VFB Falling
VFB Rising
IOUT (A)
0.001
0.01
0.1
1
10
0
10
20
30
40
50
60
70
80
90
100
D009
VIN = 24 V
VIN = 12 V
VIN = 5 V
IOUT (A)
0.001
0.01
0.1
1
10
0
10
20
30
40
50
60
70
80
90
100
D010
VIN = 20 V
VIN = 12 V
VIN = 5 V
IOUT (A)
0.001
0.01
0.1
1
10
0
10
20
30
40
50
60
70
80
90
100
D002
VIN = 12 V
VIN = 24 V
VIN = 36 V
IOUT (A)
0.001
0.01
0.1
1
10
0
10
20
30
40
50
60
70
80
90
100
D003
VIN = 24 V
VIN = 12 V
VIN = 6 V
7
LMR14020-Q1
www.ti.com
SNVSAG4A – NOVEMBER 2015 – REVISED JULY 2016
Product Folder Links: LMR14020-Q1
Submit Documentation Feedback
Copyright © 2015–2016, Texas Instruments Incorporated
6.7 Typical Characteristics
Unless otherwise specified the following conditions apply: VIN = 12 V, fSW = 1 MHz, L = 5.5 µH, COUT = 47 µF, TA = 25°C.
VOUT = 5 V
fSW = 1 MHz
Figure 1. Efficiency vs. Load Current
VOUT = 5 V
fSW = 2.2 MHz
Figure 2. Efficiency vs. Load Current
VOUT = 3.3 V
fSW = 1 MHz
Figure 3. Efficiency vs. Load Current
VOUT = 3.3 V
fSW = 2.2 MHz
Figure 4. Efficiency vs. Load Current
VOUT = 5 V
fSW = 1 MHz
Figure 5. Load Regulation
Figure 6. Frequency vs VFB


Similar Part No. - LMR14020QDPRRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMR14020 TI1-LMR14020 Datasheet
1Mb / 30P
[Old version datasheet]   LMR14020 SIMPLE SWITCHER짰 40 V 2 A, 2.2 MHz Step-Down Converter with 40A IQ
LMR14020-Q1 TI1-LMR14020-Q1 Datasheet
1Mb / 32P
[Old version datasheet]   SIMPLE SWITCHER짰 40 V, 2 A Step-Down Converter
LMR14020SDDA TI1-LMR14020SDDA Datasheet
1Mb / 30P
[Old version datasheet]   LMR14020 SIMPLE SWITCHER짰 40 V 2 A, 2.2 MHz Step-Down Converter with 40A IQ
LMR14020SDDAR TI1-LMR14020SDDAR Datasheet
1Mb / 30P
[Old version datasheet]   LMR14020 SIMPLE SWITCHER짰 40 V 2 A, 2.2 MHz Step-Down Converter with 40A IQ
LMR14020SQDDAQ1 TI1-LMR14020SQDDAQ1 Datasheet
1Mb / 32P
[Old version datasheet]   SIMPLE SWITCHER짰 40 V, 2 A Step-Down Converter
More results

Similar Description - LMR14020QDPRRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMR14020 TI-LMR14020_15 Datasheet
1Mb / 30P
[Old version datasheet]   LMR14020 SIMPLE SWITCHER짰 40 V 2 A, 2.2 MHz Step-Down Converter with 40 關A IQ
LMR14050-Q1 TI-LMR14050-Q1_V01 Datasheet
1Mb / 37P
[Old version datasheet]   LMR14050-Q1 SIMPLE SWITCHER짰 40 V, 5 A Step-Down Converter with 40 關A IQ
LMR14030-Q1 TI1-LMR14030-Q1_16 Datasheet
1Mb / 35P
[Old version datasheet]   LMR14030-Q1 SIMPLE SWITCHER짰 40 V, 3.5 A Step-Down Converter with 40 關A IQ
LMR14050-Q1 TI1-LMR14050-Q1_16 Datasheet
1Mb / 35P
[Old version datasheet]   LMR14050-Q1 SIMPLE SWITCHER짰 40 V, 5 A Step-Down Converter with 40 關A IQ
LMR14020 TI1-LMR14020 Datasheet
1Mb / 30P
[Old version datasheet]   LMR14020 SIMPLE SWITCHER짰 40 V 2 A, 2.2 MHz Step-Down Converter with 40A IQ
LMR14020-Q1 TI1-LMR14020-Q1 Datasheet
1Mb / 32P
[Old version datasheet]   SIMPLE SWITCHER짰 40 V, 2 A Step-Down Converter
LMR14050 TI-LMR14050_15 Datasheet
1Mb / 31P
[Old version datasheet]   LMR14050 SIMPLE SWITCHER짰 40 V 5 A, 2.2 MHz Step-Down Converter with 40 關A IQ
LMR14030 TI1-LMR14030 Datasheet
1Mb / 30P
[Old version datasheet]   LMR14030 SIMPLE SWITCHER짰 40 V 3.5 A, 2.2 MHz Step-Down Converter with 40 關A IQ
LMR14050 TI1-LMR14050 Datasheet
1Mb / 31P
[Old version datasheet]   LMR14050 SIMPLE SWITCHER 40 V 5 A, 2.2 MHz Step-Down Converter with 40 關A IQ
LMR38020 TI-LMR38020 Datasheet
1Mb / 32P
[Old version datasheet]   LMR38020 SIMPLE SWITCHER짰 4.2-V to 80-V, 2-A Synchronous Buck Converter with 40-關A IQ
REVISED NOVEMBER 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com