Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMR14020QDPRRQ1 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # LMR14020QDPRRQ1
Description  LMR14020-Q1 SIMPLE SWITCHER짰 40 V, 2 A Step-Down Converter with 40 關A IQ
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMR14020QDPRRQ1 Datasheet(HTML) 9 Page - Texas Instruments

Back Button LMR14020QDPRRQ1 Datasheet HTML 5Page - Texas Instruments LMR14020QDPRRQ1 Datasheet HTML 6Page - Texas Instruments LMR14020QDPRRQ1 Datasheet HTML 7Page - Texas Instruments LMR14020QDPRRQ1 Datasheet HTML 8Page - Texas Instruments LMR14020QDPRRQ1 Datasheet HTML 9Page - Texas Instruments LMR14020QDPRRQ1 Datasheet HTML 10Page - Texas Instruments LMR14020QDPRRQ1 Datasheet HTML 11Page - Texas Instruments LMR14020QDPRRQ1 Datasheet HTML 12Page - Texas Instruments LMR14020QDPRRQ1 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 35 page
background image
ERROR
AMPLIFIER
Boot
Charge
Boot
UVLO
Oscillator
with PLL
Frequency
Shift
PWM
Control
Logic
Slope
Compensation
PWM
Comparator
Voltage
Reference
FB
VIN
GND
Thermal
Shutdown
EN
Enable
Comparator
Shutdown
Logic
Shutdown
Enable
Threshold
6
Shutdown
OV
Comp
Components
Bootstrap
Control
VIN
UVLO
BOOT
SS
RT/SYNC
SW
9
LMR14020-Q1
www.ti.com
SNVSAG4A – NOVEMBER 2015 – REVISED JULY 2016
Product Folder Links: LMR14020-Q1
Submit Documentation Feedback
Copyright © 2015–2016, Texas Instruments Incorporated
7 Detailed Description
7.1 Overview
The LMR14020-Q1 SIMPLE SWITCHER® regulator is an easy to use step-down DC-DC converter that operates
from a 4.0 V to 40 V supply voltage. It integrates a 90 mΩ (typical) high-side MOSFET, and is capable of
delivering up to 2 A DC load current with exceptional efficiency and thermal performance in a very small solution
size. The operating current is typically 40 μA under no load condition (not switching). When the device is
disabled, the supply current is typically 1 μA. An extended family is available in 3.5 A and 5 A load options in pin
to pin compatible packages.
The LMR14020-Q1 implements constant frequency peak current mode control with Sleep-mode at light load to
achieve high efficiency. The device is internally compensated, which reduces design time, and requires fewer
external components. The switching frequency is programmable from 200 kHz to 2.5 MHz by an external resistor
RT. The LMR14020-Q1 is also capable of synchronization to an external clock within the 250 kHz to 2.3 MHz
frequency range, which allows the device to be optimized to fit small board space at higher frequency, or high
efficient power conversion at lower frequency.
Other features are included for more comprehensive system requirements, including precision enable, adjustable
soft-start time, and approximate 97% duty cycle by BOOT capacitor recharge circuit. These features provide a
flexible and easy to use platform for a wide range of applications. Protection features include over temperature
shutdown, VOUT over voltage protection (OVP), VIN under-voltage lockout (UVLO), cycle-by-cycle current limit,
and short-circuit protection with frequency fold-back.
7.2 Functional Block Diagram


Similar Part No. - LMR14020QDPRRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMR14020 TI1-LMR14020 Datasheet
1Mb / 30P
[Old version datasheet]   LMR14020 SIMPLE SWITCHER짰 40 V 2 A, 2.2 MHz Step-Down Converter with 40A IQ
LMR14020-Q1 TI1-LMR14020-Q1 Datasheet
1Mb / 32P
[Old version datasheet]   SIMPLE SWITCHER짰 40 V, 2 A Step-Down Converter
LMR14020SDDA TI1-LMR14020SDDA Datasheet
1Mb / 30P
[Old version datasheet]   LMR14020 SIMPLE SWITCHER짰 40 V 2 A, 2.2 MHz Step-Down Converter with 40A IQ
LMR14020SDDAR TI1-LMR14020SDDAR Datasheet
1Mb / 30P
[Old version datasheet]   LMR14020 SIMPLE SWITCHER짰 40 V 2 A, 2.2 MHz Step-Down Converter with 40A IQ
LMR14020SQDDAQ1 TI1-LMR14020SQDDAQ1 Datasheet
1Mb / 32P
[Old version datasheet]   SIMPLE SWITCHER짰 40 V, 2 A Step-Down Converter
More results

Similar Description - LMR14020QDPRRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMR14020 TI-LMR14020_15 Datasheet
1Mb / 30P
[Old version datasheet]   LMR14020 SIMPLE SWITCHER짰 40 V 2 A, 2.2 MHz Step-Down Converter with 40 關A IQ
LMR14050-Q1 TI-LMR14050-Q1_V01 Datasheet
1Mb / 37P
[Old version datasheet]   LMR14050-Q1 SIMPLE SWITCHER짰 40 V, 5 A Step-Down Converter with 40 關A IQ
LMR14030-Q1 TI1-LMR14030-Q1_16 Datasheet
1Mb / 35P
[Old version datasheet]   LMR14030-Q1 SIMPLE SWITCHER짰 40 V, 3.5 A Step-Down Converter with 40 關A IQ
LMR14050-Q1 TI1-LMR14050-Q1_16 Datasheet
1Mb / 35P
[Old version datasheet]   LMR14050-Q1 SIMPLE SWITCHER짰 40 V, 5 A Step-Down Converter with 40 關A IQ
LMR14020 TI1-LMR14020 Datasheet
1Mb / 30P
[Old version datasheet]   LMR14020 SIMPLE SWITCHER짰 40 V 2 A, 2.2 MHz Step-Down Converter with 40A IQ
LMR14020-Q1 TI1-LMR14020-Q1 Datasheet
1Mb / 32P
[Old version datasheet]   SIMPLE SWITCHER짰 40 V, 2 A Step-Down Converter
LMR14050 TI-LMR14050_15 Datasheet
1Mb / 31P
[Old version datasheet]   LMR14050 SIMPLE SWITCHER짰 40 V 5 A, 2.2 MHz Step-Down Converter with 40 關A IQ
LMR14030 TI1-LMR14030 Datasheet
1Mb / 30P
[Old version datasheet]   LMR14030 SIMPLE SWITCHER짰 40 V 3.5 A, 2.2 MHz Step-Down Converter with 40 關A IQ
LMR14050 TI1-LMR14050 Datasheet
1Mb / 31P
[Old version datasheet]   LMR14050 SIMPLE SWITCHER 40 V 5 A, 2.2 MHz Step-Down Converter with 40 關A IQ
LMR38020 TI-LMR38020 Datasheet
1Mb / 32P
[Old version datasheet]   LMR38020 SIMPLE SWITCHER짰 4.2-V to 80-V, 2-A Synchronous Buck Converter with 40-關A IQ
REVISED NOVEMBER 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com