Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMR14020SSQDDARQ1 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # LMR14020SSQDDARQ1
Description  LMR14020-Q1 SIMPLE SWITCHER짰 40 V, 2 A Step-Down Converter with 40 關A IQ
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMR14020SSQDDARQ1 Datasheet(HTML) 5 Page - Texas Instruments

  LMR14020SSQDDARQ1 Datasheet HTML 1Page - Texas Instruments LMR14020SSQDDARQ1 Datasheet HTML 2Page - Texas Instruments LMR14020SSQDDARQ1 Datasheet HTML 3Page - Texas Instruments LMR14020SSQDDARQ1 Datasheet HTML 4Page - Texas Instruments LMR14020SSQDDARQ1 Datasheet HTML 5Page - Texas Instruments LMR14020SSQDDARQ1 Datasheet HTML 6Page - Texas Instruments LMR14020SSQDDARQ1 Datasheet HTML 7Page - Texas Instruments LMR14020SSQDDARQ1 Datasheet HTML 8Page - Texas Instruments LMR14020SSQDDARQ1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 35 page
background image
5
LMR14020-Q1
www.ti.com
SNVSAG4A – NOVEMBER 2015 – REVISED JULY 2016
Product Folder Links: LMR14020-Q1
Submit Documentation Feedback
Copyright © 2015–2016, Texas Instruments Incorporated
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, SPRA953.
(2)
Power rating at a specific ambient temperature TA should be determined with a maximum junction temperature (TJ) of 125°C, which is
illustrated in Recommended Operating Conditions section.
6.4 Thermal Information
THERMAL METRIC (1) (2)
LMR14020-Q1
UNIT
DDA (HSOIC)
DPR (WSON)
8 PINS
10 PINS
RθJA
Junction-to-ambient thermal resistance
42.5
36.5
°C/W
ψJT
Junction-to-top characterization parameter
9.9
0.3
°C/W
ψJB
Junction-to-board characterization parameter
25.4
13.8
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
56.1
35.2
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
3.8
3.1
°C/W
RθJB
Junction-to-board thermal resistance
25.5
13.6
°C/W
6.5 Electrical Characteristics
Limits apply over the recommended operating junction temperature (TJ) range of -40°C to +125°C, unless otherwise stated.
Minimum and Maximum limits are specified through test, design or statistical correlation. Typical values represent the most
likely parametric norm at TJ = 25°C, and are provided for reference purposes only. Unless otherwise specified, the following
conditions apply: VIN = 4.0 V to 40 V
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
POWER SUPPLY (VIN PIN)
VIN
Operation input voltage
4
40
V
UVLO
Under voltage lockout thresholds
Rising threshold
3.5
3.7
3.9
V
Hysteresis
285
mV
ISHDN
Shutdown supply current
VEN = 0 V, TJ = 25 °C, 4.0 V ≤ VIN ≤ 40 V
1.0
3.0
μA
IQ
Operating quiescent current (non-
switching)
VFB = 1.0 V, TJ = 25 °C
40
μA
ENABLE (EN PIN)
VEN_TH
EN Threshold Voltage
1.05
1.20
1.38
V
IEN_PIN
EN PIN current
Enable threshold +50 mV
-4.6
μA
Enable threshold -50 mV
-1.0
IEN_HYS
EN hysteresis current
-3.6
μA
EXTERNAL SOFT-START
ISS
SS pin current
TJ = 25 °C
-3.0
μA
POWER GOOD (PGOOD PIN)
VPG_UV
Power-good flag under voltage tripping
threshold
POWER GOOD (% of FB voltage)
94%
POWER BAD (% of FB voltage)
92%
VPG_OV
Power-good flag over voltage tripping
threshold
POWER BAD (% of FB voltage)
109%
POWER GOOD (% of FB voltage)
107%
VPG_HYS
Power-good flag recovery hysteresis
% of FB voltage
2%
IPG
PGOOD leakage current at high level
output
VPull-Up = 5 V
10
200
nA
VPG_LOW
PGOOD low level output voltage
IPull-Up = 1 mA
0.1
V
VIN_PG_MIN
Minimum VIN for valid PGOOD output
VPull-Up < 5 V at IPull-Up = 100 μA
1.6
1.95
V
VOLTAGE REFERENCE (FB PIN)
VFB
Feedback voltage
TJ = 25 °C
0.744
0.750
0.756
V
TJ = -40 °C to 125 °C
0.735
0.750
0.765
V
HIGH-SIDE MOSFET
RDS_ON
On-resistance
VIN = 12 V, BOOT to SW = 5.8 V
90
180
m


Similar Part No. - LMR14020SSQDDARQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMR14020SSQDDARQ1 TI1-LMR14020SSQDDARQ1 Datasheet
1Mb / 32P
[Old version datasheet]   SIMPLE SWITCHER짰 40 V, 2 A Step-Down Converter
More results

Similar Description - LMR14020SSQDDARQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMR14020 TI-LMR14020_15 Datasheet
1Mb / 30P
[Old version datasheet]   LMR14020 SIMPLE SWITCHER짰 40 V 2 A, 2.2 MHz Step-Down Converter with 40 關A IQ
LMR14050-Q1 TI-LMR14050-Q1_V01 Datasheet
1Mb / 37P
[Old version datasheet]   LMR14050-Q1 SIMPLE SWITCHER짰 40 V, 5 A Step-Down Converter with 40 關A IQ
LMR14030-Q1 TI1-LMR14030-Q1_16 Datasheet
1Mb / 35P
[Old version datasheet]   LMR14030-Q1 SIMPLE SWITCHER짰 40 V, 3.5 A Step-Down Converter with 40 關A IQ
LMR14050-Q1 TI1-LMR14050-Q1_16 Datasheet
1Mb / 35P
[Old version datasheet]   LMR14050-Q1 SIMPLE SWITCHER짰 40 V, 5 A Step-Down Converter with 40 關A IQ
LMR14020 TI1-LMR14020 Datasheet
1Mb / 30P
[Old version datasheet]   LMR14020 SIMPLE SWITCHER짰 40 V 2 A, 2.2 MHz Step-Down Converter with 40A IQ
LMR14020-Q1 TI1-LMR14020-Q1 Datasheet
1Mb / 32P
[Old version datasheet]   SIMPLE SWITCHER짰 40 V, 2 A Step-Down Converter
LMR14050 TI-LMR14050_15 Datasheet
1Mb / 31P
[Old version datasheet]   LMR14050 SIMPLE SWITCHER짰 40 V 5 A, 2.2 MHz Step-Down Converter with 40 關A IQ
LMR14030 TI1-LMR14030 Datasheet
1Mb / 30P
[Old version datasheet]   LMR14030 SIMPLE SWITCHER짰 40 V 3.5 A, 2.2 MHz Step-Down Converter with 40 關A IQ
LMR14050 TI1-LMR14050 Datasheet
1Mb / 31P
[Old version datasheet]   LMR14050 SIMPLE SWITCHER 40 V 5 A, 2.2 MHz Step-Down Converter with 40 關A IQ
LMR38020 TI-LMR38020 Datasheet
1Mb / 32P
[Old version datasheet]   LMR38020 SIMPLE SWITCHER짰 4.2-V to 80-V, 2-A Synchronous Buck Converter with 40-關A IQ
REVISED NOVEMBER 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com